| Manufacturer | Part # | Datasheet | Description |
 Molex Electronics Ltd. |
0780350301
|
491Kb / 7P |
0.60mm (.024) Pitch miniDIMM DDR3 Socket, Surface Mount, 22.5째 Reverse Angle, 0.76關m (30關) Gold (Au) Plating, Off-White Latches, 244 Circuits,1.5V Voltage Key
|
|
0780011344
|
414Kb / 6P |
0.60mm (.024) Pitch miniDIMM DDR3 Socket, Surface Mount, Reverse Right Angle, with Off-White Latches, 1.5V Voltage Key, 244 Circuits, Type A Tray Packaging
|
|
0879180202
|
370Kb / 6P |
0.60mm (.024) Pitch miniDIMM DDR Socket, Surface Mount, Right Angle, 2.5V Key, 200 Circuits, Lead-free
|
|
0877823003
|
560Kb / 8P |
0.60mm (.024) Pitch miniDIMM DDR3, Socket, Surface Mount, Vertical, 1.5V Voltage Key, 244 Circuits, 0.76關m (30關) Gold (Au) Plating, Off- White Latches
|
|
0879180001
|
370Kb / 6P |
0.60mm (.024) Pitch miniDIMM DDR2 Socket, Surface Mount, Right Angle, 1.8V Key, 244 Circuits, Lead-free
|
|
0879180201
|
370Kb / 6P |
0.60mm (.024) Pitch miniDIMM DDR2 Socket, Surface Mount, Right Angle, 1.8V Key, 200 Circuits, Lead-free
|
|
0780011344
|
34Kb / 2P |
0.60mm Pitch miniDIMM DDR3 Socket, Surface Mount, Reverse Right Angle
|
|
0780013344
|
34Kb / 2P |
0.60mm Pitch miniDIMM DDR3 Socket, Surface Mount, Reverse Right Angle
|
|
0877823003
|
33Kb / 2P |
0.60mm Pitch miniDIMM DDR3, Socket, Surface Mount, Vertical, 1.5V Voltage Key
|
|
0879180301
|
35Kb / 2P |
0.60mm Pitch miniDIMM DDR3 Socket, Surface Mount, Right Angle, 1.5V Key
|