Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SB1140 Datasheet (PDF) - Sanyo Semicon Device

2SB1140 Datasheet PDF - Sanyo Semicon Device
Part # 2SB1140
Download  2SB1140 Download
File Size   95.24 Kbytes
Page   3 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description 20V/5A Switching Applications

2SB1140 Datasheet (PDF)

Go To PDF Page Download Datasheet
2SB1140 Datasheet PDF - Sanyo Semicon Device

Part # 2SB1140
Download  2SB1140 Click to download

File Size   95.24 Kbytes
Page   3 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description 20V/5A Switching Applications

2SB1140 Datasheet (HTML) - Sanyo Semicon Device


2SB1140 Product details

PNP Epiaxial Plannar Silicon Transisor

20V / 5A Switching Applicaions



Features

Adoption of FBET, MBIT processes

Low saturation voltage

Large current capacity

Fast switching speed



Applications

Strobe, power, supplies, relay, relay drivers, lamp drivers




Similar Part No. - 2SB1140

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
2SB1140-R MCC-2SB1140-R Datasheet
116Kb / 2P
PNP Plastic-Encapsulate Transistors
2SB1140-R MCC-2SB1140-R Datasheet
241Kb / 2P
PNP Plastic-Encapsulate Transistors
2SB1140-R MCC-2SB1140-R_13 Datasheet
241Kb / 2P
PNP Plastic-Encapsulate Transistors
2SB1140-S MCC-2SB1140-S Datasheet
116Kb / 2P
PNP Plastic-Encapsulate Transistors
2SB1140-S MCC-2SB1140-S Datasheet
241Kb / 2P
PNP Plastic-Encapsulate Transistors
More results


Similar Description - 2SB1140

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
2SA1854 SANYO-2SA1854 Datasheet
95Kb / 3P
20V/5A Switching Applications
2SB1127 SANYO-2SB1127 Datasheet
89Kb / 3P
20V/5A Swtching Applications
2SB1134 SANYO-2SB1134 Datasheet
123Kb / 4P
50V/5A Switching Applications
2SB1165 SANYO-2SB1165 Datasheet
124Kb / 4P
50V/5A Switching Applications
2SB1449 SANYO-2SB1449 Datasheet
124Kb / 4P
50V/5A Switching Applications
2SB1451 SANYO-2SB1451 Datasheet
133Kb / 4P
80V/5A Switching Applications
2SB824 SANYO-2SB824 Datasheet
113Kb / 4P
50V/5A Switching Applications
2SB920L SANYO-2SB920L Datasheet
126Kb / 4P
80V/5A Switching Applications
2SC4836 SANYO-2SC4836 Datasheet
90Kb / 3P
20V/5A Switch Applications
2SB1134 SANYO-2SB1134_1 Datasheet
138Kb / 4P
50V/5A Switching Applications
More results




About Sanyo Semicon Device


Sanyo Semiconductor Device Corporation, or Sanyo Semicon Device, was a subsidiary of Sanyo Electric Co., Ltd., a Japanese electronics company. Sanyo Semicon Device was a manufacturer of semiconductor devices, including diodes, transistors, and other components for consumer electronics, automotive, and industrial applications. The company was established in 1970 and was headquartered in Osaka, Japan.

Sanyo Semicon Device was known for its high-quality products and its commitment to meeting the needs of its customers. The company had a strong focus on research and development and was involved in the development of new technologies and products for the semiconductor industry. Sanyo Semicon Device's products were widely used in a variety of applications and helped support the growth of the electronics industry.

In 2010, Sanyo Electric was acquired by Panasonic Corporation, a leading global electronics company. As a result, Sanyo Semicon Device became a subsidiary of Panasonic and was integrated into its semiconductor business. The acquisition allowed Panasonic to expand its product portfolio and offerings in the semiconductor market and further strengthen its position in the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com