| Manufacturer | Part # | Datasheet | Description |
 Molex Electronics Ltd. |
0780610011
|
373Kb / 7P |
1.00mm (.039") Pitch Fully Buffered DIMM Socket, Vertical, Through Hole, 0.76關m (30關") Gold(Au) Selective Plating, 240 Circuits
|
|
0780790211
|
822Kb / 10P |
1.00mm (.039") Pitch DDR3 DIMM Socket, Vertical, Through Hole, with Beveled Metal Pins, Blue Housing and Off-White Latches, 0.76關m (30關") Gold (Au) Plating2.67mm(.105") Soldertail, 240 Circuits, Lead free
|
|
0877751101
|
469Kb / 8P |
1.00mm (.039) Pitch DDR2 DIMM Socket, Through Hole, 0.76關m (30關) Gold (Au), 4.00mm (0.157) Soldertail, 276 Circuits, Lead free
|
|
0879160111
|
318Kb / 7P |
1.00mm (.039) Pitch DDR-2 DIMM Socket, 22.5 Degree Angle, Through Hole, 240 Circuits, 1.8V Voltage Key, 0.76關m (30關) Gold (Au) Plating, 4.00mm (.157) Tail Length
|
|
0877751001
|
468Kb / 8P |
1.00mm (.039) Pitch DDR2 DIMM Socket, Through Hole, 0.76關m (30關) Gold (Au), 2.67mm (0.109) Soldertail, 276 Circuits, Lead free
|
|
0879160011
|
318Kb / 7P |
1.00mm (.039) Pitch DDR-2 DIMM Socket, 22.5 Degree Angle, Through Hole, 240 Circuits, 1.8V Voltage Key, 0.76關m (30關) Gold (Au) Plating
|
|
0879160001
|
318Kb / 7P |
1.00mm (.039) Pitch DDR-2 DIMM Socket, 22.5 Degree Angle, Through Hole, 240 Circuits, 1.8V Voltage Key, 0.76關m (30關) Gold (Au) Plating
|
|
0877751011
|
469Kb / 8P |
1.00mm (.039) Pitch DDR2 DIMM Socket, Through Hole, 0.76關m (30關) Gold (Au), 3.18mm (0.125) Soldertail, 276 Circuits, Lead free
|
|
0879660002
|
399Kb / 7P |
1.00mm (.039) Pitch DDR2 DIMM Socket, SMT, 0.76關m (30關) Gold (Au), 240 Circuit, Lead free
|
|
0878030132
|
361Kb / 7P |
1.00mm (.039) Pitch DDR2 DIMM Socket, Through Hole, 25째 Angle, 0.76關m (30關) Gold (Au), 3.18mm (0.125) Soldertail, 240 Circuits, Lead free
|