Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD5421BREZ Datasheet (PDF) - Analog Devices

AD5421BREZ Datasheet PDF - Analog Devices
Part # AD5421BREZ
Download  AD5421BREZ Download
File Size   3057.7 Kbytes
Page   22 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 16-Bit, Serial Input, Loop-Powered, 4mA to 20mA DAC

AD5421BREZ Datasheet (PDF)

Go To PDF Page Download Datasheet
AD5421BREZ Datasheet PDF - Analog Devices

Part # AD5421BREZ
Download  AD5421BREZ Click to download

File Size   3057.7 Kbytes
Page   22 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 16-Bit, Serial Input, Loop-Powered, 4mA to 20mA DAC

AD5421BREZ Datasheet (HTML) - Analog Devices


AD5421BREZ Product details

GENERAL DESCRIPTION
The AD5421 is a complete, loop-powered, 4 mA to 20 mA digital-to-analog converter (DAC) designed to meet the needs of smart transmitter manufacturers in the industrial control industry. The DAC provides a high precision, fully integrated, low cost solution in compact TSSOP and LFCSP packages.
The AD5421 includes a regulated voltage output that is used to power itself and other devices in the transmitter. This regulator provides a regulated 1.8 V to 12 V output voltage. The AD5421 also contains 1.22 V and 2.5 V references, thus eliminating the need for a discrete regulator and voltage reference.

FEATURES
   16-bit resolution and monotonicity
   Pin selectable NAMUR-compliant ranges
      4 mA to 20 mA
      3.8 mA to 21 mA
      3.2 mA to 24 mA
   NAMUR-compliant alarm currents
      Downscale alarm current = 3.2 mA
      Upscale alarm current = 22.8 mA/24 mA
   Total unadjusted error (TUE): 0.05% maximum
   INL error: 0.0035% FSR maximum
   Output TC: 3 ppm/°C typical
   Quiescent current: 300 µA maximum
   Flexible SPI-compatible serial digital interface
      with Schmitt triggered inputs
   On-chip fault alerts via FAULT pin or alarm current
   Automatic readback of fault register on each write cycle
   Slew rate control function
   Gain and offset adjust registers
   On-chip reference TC: 4 ppm/°C maximum
   Selectable regulated voltage output
   Loop voltage range: 5.5 V to 52 V
   Temperature range: −40°C to +105°C
   TSSOP and LFCSP packages

APPLICATIONS
   Industrial process control
   4 mA to 20 mA loop-powered transmitters
   Smart transmitters
   HART network connectivity




Similar Part No. - AD5421BREZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5421BREZ AD-AD5421BREZ Datasheet
726Kb / 36P
16-Bit, Serial Input, Loop-Powered, 4 mA to 20 mA DAC
Rev. F
AD5421BREZ-REEL AD-AD5421BREZ-REEL Datasheet
726Kb / 36P
16-Bit, Serial Input, Loop-Powered, 4 mA to 20 mA DAC
Rev. F
AD5421BREZ-REEL7 AD-AD5421BREZ-REEL7 Datasheet
726Kb / 36P
16-Bit, Serial Input, Loop-Powered, 4 mA to 20 mA DAC
Rev. F
More results


Similar Description - AD5421BREZ

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
RCV420 BURR-BROWN-RCV420 Datasheet
240Kb / 10P
Precision 4mA to 20mA CURRENT LOOP RECEIVER
logo
Analog Devices
EVAL-AD421EB AD-EVAL-AD421EB Datasheet
222Kb / 7P
Evaluation Board for Loop Powered 4-20mA DAC
REV. A
AD5421 AD-AD5421_11 Datasheet
757Kb / 32P
16-Bit, Serial Input, Loop-Powered, 4 mA to 20 mA DAC
REV. 0
AD5421 AD-AD5421_13 Datasheet
726Kb / 36P
16-Bit, Serial Input, Loop-Powered, 4 mA to 20 mA DAC
Rev. F
AD7849BN AD-AD7849BN Datasheet
180Kb / 15P
Serial Input, 14-Bit/16-Bit DAC
REV. B
AD7849BR AD-AD7849BR Datasheet
351Kb / 20P
Serial Input, 14-Bit/16-Bit DAC
REV. C
UG-250 AD-UG-250 Datasheet
562Kb / 12P
Evaluation Board for 16-Bit, Serial Input, Loop-Powered 4 mA to 20 mA DAC
REV. A
logo
Texas Instruments
RCV420JPG4 TI1-RCV420JPG4 Datasheet
195Kb / 12P
Precision 4mA to 20mA CURRENT LOOP RECEIVER
logo
Analog Devices
AD7849 AD-AD7849_15 Datasheet
351Kb / 20P
Serial Input, 14-Bit/16-Bit DAC
REV. C
logo
Maxim Integrated Produc...
MAX12900EVKIT MAXIM-MAX12900EVKIT Datasheet
2Mb / 21P
Loop-powered 4mA–20mA Transmitter with PWM Inputs
Rev 1; 11/17
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com