Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX98300 Datasheet (PDF) - Maxim Integrated Products

MAX98300 Datasheet PDF - Maxim Integrated Products
Part # MAX98300
Download  MAX98300 Download
File Size   1851.83 Kbytes
Page   14 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description Mono 2.6W Class D Amplifier

MAX98300 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX98300 Datasheet PDF - Maxim Integrated Products

Part # MAX98300
Download  MAX98300 Click to download

File Size   1851.83 Kbytes
Page   14 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description Mono 2.6W Class D Amplifier

MAX98300 Datasheet (HTML) - Maxim Integrated Products


MAX98300 Product details

General Description
The MAX98300 mono 2.6W Class D amplifier provides Class AB audio performance with Class D efficiency. This device offers five selectable gain settings (0dB, 3dB, 6dB, 9dB, and 12dB) set by a single gain-select input (GAIN).

Features
♦ Industry-Leading Quiescent Current: 0.78mA at 3.7V, 1.1mA at 5V
♦ Spread Spectrum and Active Emissions Limiting
♦ Five Selectable Gains
♦ Click-and-Pop Suppression
♦ Thermal and Overcurrent Protection
♦ Low-Current Shutdown Mode
♦ Space-Saving Packages
    2mm x 2mm x 0.8mm, 8-Pin TDFN-EP
    1.2mm x 1.2mm, 9-Bump WLP (0.4mm Pitch)

Applications
    Notebook and Netbook Computers
    Cellular Phones
    MP3 Players
    Portable Audio Players
    VoIP Phones




Similar Part No. - MAX98300

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX98300 MAXIM-MAX98300 Datasheet
2Mb / 7P
MAX98300 Evaluation Kit (WLP)
19-5272; Rev 0; 5/10
logo
Analog Devices
MAX98300 AD-MAX98300 Datasheet
1Mb / 14P
Mono 2.6W Class D Amplifier
Rev 0 7/10
MAX98300ETA+ AD-MAX98300ETA+ Datasheet
1Mb / 14P
Mono 2.6W Class D Amplifier
Rev 0 7/10
logo
Maxim Integrated Produc...
MAX98300EVKIT+TDFN MAXIM-MAX98300EVKIT+TDFN Datasheet
1Mb / 7P
MAX98300 Evaluation Kit (TDFN)
19-5461; Rev 0; 7/10
MAX98300EVKIT+WLP MAXIM-MAX98300EVKIT+WLP Datasheet
2Mb / 7P
MAX98300 Evaluation Kit (WLP)
19-5272; Rev 0; 5/10
More results


Similar Description - MAX98300

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TDA7481 STMICROELECTRONICS-TDA7481 Datasheet
143Kb / 6P
10W MONO CLASS-D AMPLIFIER
Feb-1998
TDA7482 STMICROELECTRONICS-TDA7482 Datasheet
112Kb / 6P
25W MONO CLASS-D AMPLIFIER
Jun-1998
logo
National Semiconductor ...
LM48310 NSC-LM48310 Datasheet
477Kb / 20P
Ultra-Low EMI, Filterless, 2.6W, Mono, Class D Audio Power Amplifier with E2S
LM48311 NSC-LM48311 Datasheet
485Kb / 16P
Ultra-Low EMI, Filterless, 2.6W, Mono, Class D Audio Power Amplifier with E2S
LM48312 NSC-LM48312 Datasheet
943Kb / 20P
2.6W, Ultra-Low EMI, Filterless, Mono Class D Audio Power Amplifier with E2S
logo
Texas Instruments
LM48310SD TI-LM48310SD Datasheet
1,013Kb / 22P
LM48310 Ultra-Low EMI, Filterless, 2.6W, Mono, Class D Audio Power Amplifier with E2S
LM48310 TI1-LM48310_14 Datasheet
1Mb / 23P
Ultra-Low EMI, Filterless, 2.6W, Mono, Class D Audio Power Amplifier with E2S
logo
Realtek Semiconductor C...
ALC5621 REALTEK-ALC5621_09 Datasheet
1Mb / 76P
I2S AUDIO CODEC 2.6W CLASS-AB/D MONO SPEAKER AMPLIFIER HEADPHONE AMPLIFIER
ALC5622 REALTEK-ALC5622 Datasheet
1Mb / 73P
I2S AUDIO CODEC 2.6W CLASS-AB/D MONO SPEAKER AMPLIFIER HEADPHONE AMPLIFIER
logo
AiT Semiconductor Inc.
A2327 AITSEMI-A2327 Datasheet
901Kb / 12P
AUDIO AMPLIFIER 2.6W MONO FILTER-FREE CLASS-D
REV2.2
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com