Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX98400A Datasheet (PDF) - Maxim Integrated Products

MAX98400A Datasheet PDF - Maxim Integrated Products
Part # MAX98400A
Download  MAX98400A Download
File Size   2783.89 Kbytes
Page   26 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description Stereo, High-Power, Class D Amplifiers

MAX98400A Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX98400A Datasheet PDF - Maxim Integrated Products

Part # MAX98400A
Download  MAX98400A Click to download

File Size   2783.89 Kbytes
Page   26 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description Stereo, High-Power, Class D Amplifiers

MAX98400A Datasheet (HTML) - Maxim Integrated Products


MAX98400A Product details

General Description

The MAX98400A/MAX98400B Class D amplifiers provide high-performance, thermally efficient amplifier solutions. The MAX98400A delivers 2x20W into 8I loads or 1x40W into a 4I load. The MAX98400B delivers 2x12W into 8I loads. An integrated limiting circuit prevents output clipping distortion, protects small speakers from transient voltages, and reduces power dissipation.



Features

Wide 8V to 28V Supply Voltage Range

Single-Supply Operation

Low EMI: Active Emissions Limiting

Clipping Limiter

Low Quiescent Current

Thermal Foldback

Thermal and Overcurrent Protection



Applications

LCD/PDP Televisions

LCD Monitors

MP3 Docking Stations

Notebook PCs




Similar Part No. - MAX98400A

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX98400A MAXIM-MAX98400A Datasheet
1,001Kb / 12P
MAX98400A Evaluation Kit
19-5477; Rev 0; 8/10
logo
Analog Devices
MAX98400A AD-MAX98400A Datasheet
1Mb / 27P
Stereo, High-Power, Class D Amplifiers
Rev 3 10/20
MAX98400AETX+ AD-MAX98400AETX+ Datasheet
1Mb / 27P
Stereo, High-Power, Class D Amplifiers
Rev 3 10/20
logo
Maxim Integrated Produc...
MAX98400AEVKIT MAXIM-MAX98400AEVKIT Datasheet
1,001Kb / 12P
MAX98400A Evaluation Kit
19-5477; Rev 0; 8/10
MAX98400AEVKIT+ MAXIM-MAX98400AEVKIT+ Datasheet
1,001Kb / 12P
MAX98400A Evaluation Kit
19-5477; Rev 0; 8/10
More results


Similar Description - MAX98400A

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4295 MAXIM-MAX4295 Datasheet
719Kb / 18P
Mono/Stereo 2W Switch-Mode (Class-D) Audio Power Amplifiers
Rev 1; 2/01
logo
Microsemi Corporation
LX1722 MICROSEMI-LX1722 Datasheet
367Kb / 14P
Class-D Stereo Power Amplifier Controller
logo
Maxim Integrated Produc...
MAX9713 MAXIM-MAX9713 Datasheet
508Kb / 18P
6W, Filterless, Spread-Spectrum Mono/Stereo Class D Amplifiers
Rev 2; 9/04
MAX9736 MAXIM-MAX9736 Datasheet
568Kb / 22P
Mono/Stereo High-Power Class D Amplifier
Rev 1; 10/08
logo
Microsemi Corporation
LX1721 MICROSEMI-LX1721_04 Datasheet
383Kb / 14P
Class-D Stereo Power Amplifier Controller
logo
Maxim Integrated Produc...
MAX9736AETJ MAXIM-MAX9736AETJ Datasheet
668Kb / 25P
Mono/Stereo High-Power Class D Amplifier
Rev 3; 9/09
logo
Anpec Electronics Corop...
APA2615 ANPEC-APA2615 Datasheet
660Kb / 28P
Mono/Stereo High-Power Class-D Amplifier
logo
Maxim Integrated Produc...
MAX9752 MAXIM-MAX9752 Datasheet
593Kb / 29P
2.2W, Low-EMI, Stereo, Class D Power Amplifiers with DirectDrive Headphone Amplifiers
19-3666; Rev 0; 9/05
MAX9736 MAXIM-MAX9736_V01 Datasheet
1Mb / 25P
Mono/Stereo High-Power Class D Amplifier
19-3108; Rev 4; 11/19
MAX9703 MAXIM-MAX9703_V01 Datasheet
1Mb / 24P
10W Stereo/15W Mono, Filterless, Spread-Spectrum, Class D Amplifiers
19-3160; Rev 8; 5/14
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com