Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT25DF081A-MH-T Datasheet (PDF) - ATMEL Corporation

AT25DF081A-MH-T Datasheet PDF - ATMEL Corporation
Part # AT25DF081A-MH-T
Download  AT25DF081A-MH-T Download
File Size   1150.1 Kbytes
Page   53 Pages
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation
Description 8-Mbit 2.7V Minimum Serial Peripheral Interface Serial Flash Memory

AT25DF081A-MH-T Datasheet (PDF)

Go To PDF Page Download Datasheet
AT25DF081A-MH-T Datasheet PDF - ATMEL Corporation

Part # AT25DF081A-MH-T
Download  AT25DF081A-MH-T Click to download

File Size   1150.1 Kbytes
Page   53 Pages
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation
Description 8-Mbit 2.7V Minimum Serial Peripheral Interface Serial Flash Memory

AT25DF081A-MH-T Datasheet (HTML) - ATMEL Corporation


AT25DF081A-MH-T Product details

Description

The Atmel® AT25DF081A is a serial interface Flash memory device designed for use in a wide variety of high-volume consumer based applications in which program code is shadowed from Flash memory into embedded or external RAM for execution. The flexible erase architecture of the AT25DF081A, with its erase granularity as smallas 4-Kbytes, makes it ideal for data storage as well,eliminating the need for additional data storage EEPROM devices.



Features

• Single 2.7V - 3.6V Supply

• Serial Peripheral Interface (SPI) Compatible

  – Supports SPI Modes 0 and 3

  – Supports RapidS Operation

  – Supports Dual-Input Program and Dual-Output Read

• Very High Operating Frequencies

  – 100MHz for RapidS

  – 85MHz for SPI

  – Clock-to-Output (tV) of 5ns Maximum

• Flexible, Optimized Erase Architecture for Code + Data Storage Applications

  – Uniform 4-Kbyte Block Erase

  – Uniform 32-Kbyte Block Erase

  – Uniform 64-Kbyte Block Erase

  – Full Chip Erase

• Individual Sector Protection withGlobal Protect/Unprotect Feature

  – 16 Sectors of 64-Kbytes Each

• Hardware Controlled Locking of Protected Sectors via WPPin

• Sector Lockdown

  – Make Any Combination of 64-Kbyte Sectors Permanently Read-Only

• 128-Byte Programmable OTP Security Register

• Flexible Programming

  – Byte/Page Program (1- to 256-Bytes)

• Fast Program and Erase Times

  – 1.0ms Typical Page Program (256 Bytes) Time

  – 50ms Typical 4-Kbyte Block Erase Time

  – 250ms Typical 32-Kbyte Block Erase Time

  – 400ms Typical 64-Kbyte Block Erase Time

• Automatic Checking and Reporting of Erase/Program Failures

• Software Controlled Reset

• JEDEC Standard Manufacturer and Device ID Read Methodology

• Low Power Dissipation

  – 5mA Active Read Current (Typical at 20MHz)

  – 5µA Deep Power-Down Current (Typical)

• Endurance: 100,000 Program/Erase Cycles

• Data Retention: 20 Years

• Complies with Full Industrial Temperature Range

• Industry Standard Green (Pb/Halide-free/RoHS Compliant) Package Options

  – 8-lead SOIC (150-miland 208-mil wide)

  – 8-pad Ultra Thin DFN (5 x 6 x 0.6mm)




Similar Part No. - AT25DF081A-MH-T

ManufacturerPart #DatasheetDescription
logo
Dialog Semiconductor
AT25DF081A-MH-T DIALOG-AT25DF081A-MH-T Datasheet
1Mb / 54P
8-Mbit 2.7V Minimum SPI Serial Flash Memory
More results


Similar Description - AT25DF081A-MH-T

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT25DF641A ATMEL-AT25DF641A Datasheet
1Mb / 57P
64-Mbit 2.7V Minimum Serial Peripheral Interface Serial Flash Memory
logo
List of Unclassifed Man...
AT25DF641 ETC2-AT25DF641_13 Datasheet
703Kb / 56P
Minimum Serial Peripheral Interface Serial Flash Memory
AT25DF081A ETC2-AT25DF081A Datasheet
1Mb / 54P
8-Mbit 2.7V Minimum SPI Serial Flash Memory
AT25DF321A ETC2-AT25DF321A Datasheet
1Mb / 53P
32-Mbit 2.7V Minimum Serial Peripheral Interface Serial Flash Memory
logo
ATMEL Corporation
AT25DF321A ATMEL-AT25DF321A_10 Datasheet
2Mb / 52P
32-Mbit 2.7V Minimum Serial Peripheral Interface Serial Flash Memory
logo
List of Unclassifed Man...
AT25DF641A ETC2-AT25DF641A Datasheet
2Mb / 58P
64-Mbit, 2.7V Minimum SPI Serial Flash Memory with Dual.I/O Support
logo
Dialog Semiconductor
AT25DF081A DIALOG-AT25DF081A Datasheet
1Mb / 54P
8-Mbit 2.7V Minimum SPI Serial Flash Memory
logo
Renesas Technology Corp
AT25DF081A RENESAS-AT25DF081A Datasheet
1Mb / 53P
8-Mbit 2.7V Minimum SPI Serial Flash Memory
2/2022
AT25DF321A RENESAS-AT25DF321A Datasheet
1Mb / 51P
32-Mbit 2.7V Minimum Serial Peripheral Interface Serial Flash Memory
02/2019
AT25DF641A RENESAS-AT25DF641A Datasheet
2Mb / 57P
64-Mbit, 2.7V Minimum SPI Serial Flash Memory with Dual–I/O Support
02/2022
More results




About ATMEL Corporation


Atmel Corporation was an American semiconductor company that was founded in 1984.
The company was a leading provider of microcontrollers, touch solutions, and other semiconductor products for various applications in the consumer, industrial, and automotive markets.
Atmel's products were known for their small form factor, low power consumption, and high performance.
In 2016, Atmel was acquired by Microchip Technology Inc., a leading provider of microcontroller and analog semiconductors.
The Atmel brand and technology continue to be developed and sold as part of Microchip's portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com