Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EL8176 Datasheet (PDF) - Intersil Corporation

EL8176 Datasheet PDF - Intersil Corporation
Part # EL8176
Download  EL8176 Download
File Size   1370.1 Kbytes
Page   18 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Micropower Single Supply Rail-to-Rail Input-Output Precision Op Amp

EL8176 Datasheet (PDF)

Go To PDF Page Download Datasheet
EL8176 Datasheet PDF - Intersil Corporation

Part # EL8176
Download  EL8176 Click to download

File Size   1370.1 Kbytes
Page   18 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Micropower Single Supply Rail-to-Rail Input-Output Precision Op Amp

EL8176 Datasheet (HTML) - Intersil Corporation


EL8176 Product details

Micropower Single Supply Rail-to-Rail Input-Output Precision Op Amp



The EL8176 is a precision low power, operational amplifier. The device is optimized for single supply operation between 2.4V to 5.5V.

The EL8176 draws minimal supply current while meeting excellent DC-accuracy noise and output drive specifications. Competing devices seriously degrade these parameters to achieve micropower supply current.



Features

• 55µA supply current

• 100µV max offset voltage (8 Ld SO)

• 2nA input bias current

• 400kHz gain-bandwidth product

• Single supply operation down to 2.4V

• Rail-to-rail input and output

• Output sources 31mA and sinks 26mA load current

• Pb-free plus (RoHS compliant)



Applications

• Battery- or solar-powered systems

• 4mA to 20mA current loops

• Handheld consumer products

• Medical devices

• Thermocouple amplifiers

• Photodiode pre amps

• pH probe amplifiers




Similar Part No. - EL8176

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL8176 INTERSIL-EL8176 Datasheet
476Kb / 13P
Micropower Single Supply Rail-to-Rail Input-Output Precision Op Amp
October 26, 2006
EL8176 INTERSIL-EL8176 Datasheet
9Mb / 44P
Providing high-performance solutions for every link in the signal chain
logo
Renesas Technology Corp
EL8176 RENESAS-EL8176 Datasheet
1Mb / 16P
Micropower Single Supply Rail-to-Rail Input/Output Precision Op Amp
logo
Intersil Corporation
EL8176FSZ INTERSIL-EL8176FSZ Datasheet
476Kb / 13P
Micropower Single Supply Rail-to-Rail Input-Output Precision Op Amp
October 26, 2006
logo
Renesas Technology Corp
EL8176FSZ RENESAS-EL8176FSZ Datasheet
1Mb / 16P
Micropower Single Supply Rail-to-Rail Input/Output Precision Op Amp
More results


Similar Description - EL8176

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL8178 INTERSIL-EL8178 Datasheet
641Kb / 8P
Micropower Single Supply Rail-to-Rail Input-Output Precision Op Amp
October 5, 2005
EL8186 INTERSIL-EL8186 Datasheet
497Kb / 9P
Micropower Single Supply Rail-to-Rail Input-Output Precision Op Amp
August 23, 2005
EL8176 INTERSIL-EL8176_06 Datasheet
476Kb / 13P
Micropower Single Supply Rail-to-Rail Input-Output Precision Op Amp
October 26, 2006
EL8188 INTERSIL-EL8188_07 Datasheet
873Kb / 11P
Micropower Single Supply Rail-to-Rail Input-Output Precision Op Amp
February 22, 2007
EL8178 INTERSIL-EL8178_07 Datasheet
773Kb / 12P
Micropower Single Supply Rail-to-Rail Input-Output (RRIO) Precision Op Amp
March 29, 2007
EL8178 INTERSIL-EL8178_08 Datasheet
804Kb / 15P
Micropower Single Supply Rail-to-Rail Input-Output (RRIO) Precision Op Amp
March 17, 2008
EL8188 INTERSIL-EL8188 Datasheet
590Kb / 14P
Micropower Single Supply Rail-to-Rail Input-Output Precision Op Amp
May 29, 2009
logo
Renesas Technology Corp
EL8176 RENESAS-EL8176 Datasheet
1Mb / 16P
Micropower Single Supply Rail-to-Rail Input/Output Precision Op Amp
EL8178 RENESAS-EL8178 Datasheet
1Mb / 13P
Micropower Single Supply Rail-to-Rail Input-Output (RRIO) Precision Op Amp
EL8188 RENESAS-EL8188 Datasheet
990Kb / 14P
Micropower Single Supply Rail-to-Rail Input-Output Precision Op Amp
February 24, 2011
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com