Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL6144 Datasheet (PDF) - Intersil Corporation

ISL6144 Datasheet PDF - Intersil Corporation
Part # ISL6144
Download  ISL6144 Download
File Size   1076.46 Kbytes
Page   29 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description High Voltage ORing MOSFET Controller

ISL6144 Datasheet (PDF)

Go To PDF Page Download Datasheet
ISL6144 Datasheet PDF - Intersil Corporation

Part # ISL6144
Download  ISL6144 Click to download

File Size   1076.46 Kbytes
Page   29 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description High Voltage ORing MOSFET Controller

ISL6144 Datasheet (HTML) - Intersil Corporation


ISL6144 Product details

The ISL6144 ORing MOSFET Controller and a suitably sized N-Channel power MOSFET(s) increases power distribution efficiency and availability when replacing a power ORing diode in high current applications.

Features
• Wide Supply Voltage Range +9V to +75V
• Transient Rating to +100V
• Reverse Current Fault Isolation
• Internal Charge Pump Allows the use of N-Channel
   MOSFET
• HS Comparator Provides Very Fast <0.3µs Response
   Time to Dead Shorts on Sourcing Supply. HS Comparator
   also has Resistor-adjustable Trip Level
• HR Amplifier allows Quiet, <100µs MOSFET Turn-off for
   Power Supply Slow Shut Down
• Open Drain, Active Low Fault Output with 120µs Delay
• Provided in Packages Compliant to UL60950 (UL1950)
   Creepage Requirements
• QFN Package:
   - Compliant to JEDEC PUB95 MO-220
      QFN - Quad Flat No Leads - Package Outline
   - Near Chip Scale Package footprint, which improves
      PCB efficiency and has a thinner profile
• Pb-Free (RoHS Compliant)

Applications
• ORing MOSFET Control in Power Distribution Systems
• N + 1 Redundant Distributed Power Systems
• File and Network Servers (12V and 48V)
• Telecom/Datacom Systems




Similar Part No. - ISL6144

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6144 INTERSIL-ISL6144 Datasheet
874Kb / 29P
High Voltage ORing MOSFET Controller
February 15, 2007
logo
Renesas Technology Corp
ISL6144 RENESAS-ISL6144 Datasheet
1Mb / 30P
High Voltage ORing MOSFET Controller
logo
Intersil Corporation
ISL6144 INTERSIL-ISL6144 Datasheet
1Mb / 30P
High Voltage ORing MOSFET Controller
October 6, 2011
ISL6144IR INTERSIL-ISL6144IR Datasheet
874Kb / 29P
High Voltage ORing MOSFET Controller
February 15, 2007
ISL6144IRZA INTERSIL-ISL6144IRZA Datasheet
874Kb / 29P
High Voltage ORing MOSFET Controller
February 15, 2007
More results


Similar Description - ISL6144

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6144 INTERSIL-ISL6144_07 Datasheet
874Kb / 29P
High Voltage ORing MOSFET Controller
February 15, 2007
logo
Sensitron
SPOR30D28 SENSITRON-SPOR30D28 Datasheet
182Kb / 7P
ACTIVE ORING CONTROLLER MODULE
logo
Intersil Corporation
ISL6146 INTERSIL-ISL6146 Datasheet
1Mb / 23P
Low Voltage ORing FET Controller
December 16, 2011
logo
International Rectifier
IR5001STRPBF IRF-IR5001STRPBF Datasheet
149Kb / 12P
UNIVERSAL ACTIVE ORING CONTROLLER
logo
Intersil Corporation
ISL6144IVZA INTERSIL-ISL6144IVZA Datasheet
1Mb / 30P
High Voltage ORing MOSFET Controller
October 6, 2011
logo
Bel Fuse Inc.
LDX-D20 BEL-LDX-D20 Datasheet
486Kb / 3P
Active ORing Controller
logo
Renesas Technology Corp
ISL6144 RENESAS-ISL6144 Datasheet
1Mb / 30P
High Voltage ORing MOSFET Controller
logo
Diodes Incorporated
ZXGD3111N7 DIODES-ZXGD3111N7 Datasheet
653Kb / 10P
ACTIVE ORING MOSFET CONTROLLER
Rev erse
ZXGD3114N7 DIODES-ZXGD3114N7 Datasheet
472Kb / 11P
600V ACTIVE ORING MOSFET CONTROLLER
Rev erse
ZXGD3108N8 DIODES-ZXGD3108N8 Datasheet
596Kb / 10P
40V ACTIVE ORING MOSFET CONTROLLER IN SO8
April 2017
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com