Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL6336B Datasheet (PDF) - Intersil Corporation

ISL6336B Datasheet PDF - Intersil Corporation
Part # ISL6336B
Download  ISL6336B Download
File Size   1020.36 Kbytes
Page   31 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description 6-Phase PWM Controller with Light Load Efficiency Enhancement and Current Monitoring

ISL6336B Datasheet (PDF)

Go To PDF Page Download Datasheet
ISL6336B Datasheet PDF - Intersil Corporation

Part # ISL6336B
Download  ISL6336B Click to download

File Size   1020.36 Kbytes
Page   31 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description 6-Phase PWM Controller with Light Load Efficiency Enhancement and Current Monitoring

ISL6336B Datasheet (HTML) - Intersil Corporation


ISL6336B Product details

The ISL6336B controls microprocessor core voltage regulation by driving up to 6 interleaved synchronous-rectified buck channels in parallel. Multiphase buck converter architecture uses interleaved timing to multiply channel ripple frequency and reduce input and output ripple currents. Lower ripple results in fewer components, lower component cost, reduced power dissipation, and smaller implementation area.
Microprocessor loads can generate load transients with extremely fast edge rates and require high efficiency over the full load range. The ISL6336B utilizes Intersil’s proprietary Active Pulse Positioning (APP) and Adaptive Phase Alignment (APA) modulation scheme and a proprietary active phase dropping/adding and diode emulation scheme to achieve extremely fast transient response with fewer output capacitors and high efficiency from light load to full load.
The ISL6336B is compliant with Intel’s VR11.1 specification. Features include a pin (IMON) for current monitoring and a Power State Indicator (PSI#) input pin to initiate a proprietary phase dropping and diode emulation scheme for higher efficiency at light load by dropping to 1- or 2-phase operation with optional diode emulation to reduce switching and core losses in the converter. After the PSI# signal is de-asserted, the dropped phase(s) are added back to sustain heavy load transient and efficiency.

Features
• Intel VR11.1 Compliant
• H_CPURST_N Input to Eliminate Required Extensive External Circuitry for Proper PSI# Operation of Intel’s Eaglelake Chipset Platforms
• Proprietary Active Pulse Positioning and Pin Adaptive Phase Alignment Modulation Scheme
• Proprietary Active Phase Adding and Dropping with Diode Emulation for Enhanced Light Load Efficiency
• Precision Multiphase Core Voltage Regulation
   - Differential Remote Voltage Sensing
   - ±0.5% System Accuracy Over Life, Load, Line and Temperature
   - Bi-Directional Adjustable Reference-Voltage Offset
• Precision Resistor or DCR Current Sensing
   - Accurate Load-Line Programming
   - Accurate Channel-Current Balancing
   - Accurate Current Monitoring Output Pin (IMON)
• Microprocessor Voltage Identification Input
   - Dynamic VID™ Technology
   - 8-Bit VID Input With VR11 Code
• Thermal Monitor and OV Protection with OVP Output
• Average Overcurrent Protection and Channel-Current Limit
• Precision Overcurrent Protection on IMON Pin
• Integrated Open Sense Line Protection
• Integrated Programmable Temperature Compensation
• 1- to 6-Phase Operation; Coupled Inductor Compatible
• Adjustable Switching Frequency up to 1MHz Per Phase
• Package Option
   - QFN Compliant to JEDEC PUB95 MO-220 QFN - Quad Flat No Leads - Product Outline
• Pb-Free (RoHS Compliant)




Similar Part No. - ISL6336B

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL6336B RENESAS-ISL6336B Datasheet
1Mb / 32P
6-Phase PWM Controller with Light Load Efficiency Enhancement and Current Monitoring
ISL6336BCRZ RENESAS-ISL6336BCRZ Datasheet
1Mb / 32P
6-Phase PWM Controller with Light Load Efficiency Enhancement and Current Monitoring
ISL6336BIRZ RENESAS-ISL6336BIRZ Datasheet
1Mb / 32P
6-Phase PWM Controller with Light Load Efficiency Enhancement and Current Monitoring
More results


Similar Description - ISL6336B

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6334 INTERSIL-ISL6334 Datasheet
559Kb / 30P
VR11.1, 4-Phase PWM Controller with Light Load Efficiency Enhancement and Load Current Monitoring
February 26, 2008
ISL6336 INTERSIL-ISL6336 Datasheet
686Kb / 31P
6-Phase PWM Controller with Light Load Efficiency Enhancement and Current Monitoring
May 28, 2009
ISL6334AR5368 INTERSIL-ISL6334AR5368 Datasheet
565Kb / 31P
VR11.1, 4-Phase PWM Controller with Light Load Efficiency Enhancement and Load Current Monitoring Features
September 7, 2010
ISL6334ACRZ-T INTERSIL-ISL6334ACRZ-T Datasheet
598Kb / 31P
VR11.1, 4-Phase PWM Controller with Light Load Efficiency Enhancement and Load Current Monitoring Features
ISL6336CRZ-T INTERSIL-ISL6336CRZ-T Datasheet
686Kb / 31P
6-Phase PWM Controller with Light Load Efficiency Enhancement and Current Monitoring
ISL6334IRZ INTERSIL-ISL6334IRZ Datasheet
611Kb / 31P
VR11.1, 4-Phase PWM Controller with Light Load Efficiency Enhancement and Load Current Monitoring Features
February 1, 2013
logo
Renesas Technology Corp
ISL6334AR5368 RENESAS-ISL6334AR5368 Datasheet
1Mb / 31P
VR11.1, 4-Phase PWM Controller with Light Load Efficiency Enhancement and Load Current Monitoring Features
ISL6334B RENESAS-ISL6334B Datasheet
1Mb / 31P
VR11.1, 4-Phase PWM Controller with Light Load Efficiency Enhancement and Load Current Monitoring Features
ISL6336 RENESAS-ISL6336 Datasheet
1Mb / 32P
6-Phase PWM Controller with Light Load Efficiency Enhancement and Current Monitoring
ISL6336B RENESAS-ISL6336B Datasheet
1Mb / 32P
6-Phase PWM Controller with Light Load Efficiency Enhancement and Current Monitoring
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com