Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EL5156IS Datasheet (PDF) - Intersil Corporation

EL5156IS Datasheet PDF - Intersil Corporation
Part # EL5156IS
Download  EL5156IS Download
File Size   499.12 Kbytes
Page   17 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description 1mV Voltage Offset, 600MHz Amplifiers

EL5156IS Datasheet (PDF)

Go To PDF Page Download Datasheet
EL5156IS Datasheet PDF - Intersil Corporation

Part # EL5156IS
Download  EL5156IS Click to download

File Size   499.12 Kbytes
Page   17 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description 1mV Voltage Offset, 600MHz Amplifiers

EL5156IS Datasheet (HTML) - Intersil Corporation


EL5156IS Product details

<1mV Voltage Offset, 600MHz Amplifiers

The EL5156, EL5157, EL5256, and EL5257 are 600MHz bandwidth -3dB voltage mode feedback amplifiers with DC accuracy of <0.01%, 1mV offsets and 40kV/V open loop gains. These amplifiers are ideally suited for applications ranging from precision measurement instrumentation to high speed video and monitor applications demanding the very highest linearity at very high frequency. Capable of operating with as little as 6.0mA of current from a single supply ranging from 5V to 12V and dual supplies ranging from ±2.5V to ±5.0V, these amplifiers are also well suited for handheld, portable and battery-powered equipment. With their capability to output as much as 140mA, any member of this family is comfortable with demanding load conditions.

Features
• 600MHz -3dB bandwidth, 240MHz 0.1dB bandwidth
• 700V/µs slew rate
• <1mV input offset
• Very high open loop gains 92dB
• Low supply current = 6mA
• 140mA output current
• Single supplies from 5V to 12V
• Dual supplies from ±2.5V to ±5V
• Fast disable on the EL5156 and EL5256
• Low cost
• Pb-free available (RoHS compliant)

Applications
• Imaging
• Instrumentation
• Video
• Communications devices




Similar Part No. - EL5156IS

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL5156IS INTERSIL-EL5156IS Datasheet
423Kb / 17P
<1mV Voltage Offset, 600MHz Amplifiers
June 15, 2006
EL5156IS INTERSIL-EL5156IS Datasheet
394Kb / 17P
<1mV Voltage Offset, 600MHz Amplifiers
logo
Renesas Technology Corp
EL5156IS RENESAS-EL5156IS Datasheet
855Kb / 17P
<1mV Voltage Offset, 600MHz Amplifiers
logo
Intersil Corporation
EL5156IS-T13 INTERSIL-EL5156IS-T13 Datasheet
423Kb / 17P
<1mV Voltage Offset, 600MHz Amplifiers
June 15, 2006
EL5156IS-T13 INTERSIL-EL5156IS-T13 Datasheet
394Kb / 17P
<1mV Voltage Offset, 600MHz Amplifiers
More results


Similar Description - EL5156IS

ManufacturerPart #DatasheetDescription
logo
Elantec Semiconductor
EL4344C ELANTEC-EL4344C Datasheet
36Kb / 5P
600MHz Multiplexing Amplifiers
logo
Intersil Corporation
EL5156 INTERSIL-EL5156_06 Datasheet
423Kb / 17P
<1mV Voltage Offset, 600MHz Amplifiers
June 15, 2006
EL5164 INTERSIL-EL5164_05 Datasheet
413Kb / 12P
600MHz Current Feedback Amplifiers with Enable
August 10, 2005
EL5156 INTERSIL-EL5156_07 Datasheet
394Kb / 17P
<1mV Voltage Offset, 600MHz Amplifiers
logo
Rohm
BA8522RF ROHM-BA8522RF Datasheet
171Kb / 5P
LOW OFFSET VOLTAGE DUAL OPERATIONAL AMPLIFIERS
logo
ON Semiconductor
MC33272A ONSEMI-MC33272A_13 Datasheet
325Kb / 16P
Low Input Offset Voltage Operational Amplifiers
July, 2013 ??Rev. 14
logo
Renesas Technology Corp
EL5156 RENESAS-EL5156 Datasheet
855Kb / 17P
<1mV Voltage Offset, 600MHz Amplifiers
EL5164 RENESAS-EL5164 Datasheet
950Kb / 17P
600MHz Current Feedback Amplifiers with Enable
REAC1251G RENESAS-REAC1251G Datasheet
871Kb / 11P
Low Input Offset Voltage VIO≤1mV Single Power Supply Dual Operational Amplifiers
2021.7.12
REAC1251J RENESAS-REAC1251J Datasheet
871Kb / 11P
Low Input Offset Voltage VIO≤1mV(@-40℃ to 125℃)
2021.7.12
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com