Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL8502 Datasheet (PDF) - Intersil Corporation

ISL8502 Datasheet PDF - Intersil Corporation
Part # ISL8502
Download  ISL8502 Download
File Size   489.73 Kbytes
Page   19 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description 2A Synchronous Buck Regulator with Integrated MOSFETs

ISL8502 Datasheet (PDF)

Go To PDF Page Download Datasheet
ISL8502 Datasheet PDF - Intersil Corporation

Part # ISL8502
Download  ISL8502 Click to download

File Size   489.73 Kbytes
Page   19 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description 2A Synchronous Buck Regulator with Integrated MOSFETs

ISL8502 Datasheet (HTML) - Intersil Corporation


ISL8502 Product details

2A Synchronous Buck Regulator with Integrated MOSFETs

The ISL8502 is a synchronous buck controller with internal MOSFETs packaged in a small 4mmx4mm QFN package. The ISL8502 can support a continuous load of 2A and has a very wide input voltage range. With the switching MOSFETs integrated into the IC, the complete regulator footprint can be very small and provide a much more efficient solution than a linear regulator.

Features
• Up to 2A Continuous Output Current
• Integrated MOSFETs for Small Regulator Footprint
• Adjustable Switching Frequency, 500kHz to 1.2MHz
• Tight Output Voltage Regulation, ±1% Over-Temperature
• Wide Input Voltage Range, 5V ±10% or 5.5V to 14V
• Wide Output Voltage Range, from 0.6V
• Simple Single-Loop Voltage-Mode PWM Control Design
• Input Voltage Feed-Forward for Constant Modulator Gain
• Fast PWM Converter Transient Response
• Lossless rDS(ON) High Side and Low Side Overcurrent Protection
• Undervoltage Detection
• Integrated Thermal Shutdown Protection
• Power-Good Indication
• Adjustable Soft-Start
• Start-Up with Pre-Bias Output
• Pb-free (RoHS Compliant)

Applications
• Point of Load Applications
• Graphics Cards - GPU and Memory Supplies
• ASIC Power Supplies
• Embedded Processor and I/O supplies
• DSP Supplies




Similar Part No. - ISL8502

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL8502 RENESAS-ISL8502 Datasheet
960Kb / 19P
2A Synchronous Buck Regulator with Integrated MOSFETs
logo
Intersil Corporation
ISL8502A INTERSIL-ISL8502A Datasheet
731Kb / 20P
2A Synchronous Buck Regulator with Integrated MOSFETs
October 21, 2011
logo
Renesas Technology Corp
ISL8502A RENESAS-ISL8502A Datasheet
1,023Kb / 20P
2A Synchronous Buck Regulator with Integrated MOSFETs
logo
Intersil Corporation
ISL8502AEVAL1Z INTERSIL-ISL8502AEVAL1Z Datasheet
731Kb / 20P
2A Synchronous Buck Regulator with Integrated MOSFETs
October 21, 2011
logo
Renesas Technology Corp
ISL8502AEVAL1Z RENESAS-ISL8502AEVAL1Z Datasheet
1,023Kb / 20P
2A Synchronous Buck Regulator with Integrated MOSFETs
More results


Similar Description - ISL8502

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL65426 INTERSIL-ISL65426 Datasheet
792Kb / 22P
6A Dual Synchronous Buck Regulator with Integrated MOSFETs
November 14, 2006
ISL65426 INTERSIL-ISL65426_07 Datasheet
802Kb / 22P
6A Dual Synchronous Buck Regulator with Integrated MOSFETs
February 21, 2007
ISL95210 INTERSIL-ISL95210 Datasheet
1Mb / 19P
10A Synchronous Buck Regulator with Integrated Power MOSFETs
June 2, 2011
ISL8009AEVAL1Z INTERSIL-ISL8009AEVAL1Z Datasheet
220Kb / 5P
1.5A Synchronous Buck Regulator with Integrated MOSFETs
October 9, 2008
ISL8502A INTERSIL-ISL8502A Datasheet
731Kb / 20P
2A Synchronous Buck Regulator with Integrated MOSFETs
October 21, 2011
logo
Altera Corporation
ER2120QI ALTERA-ER2120QI Datasheet
1Mb / 24P
2A Synchronous Buck Regulator with Integrated MOSFETs
logo
Renesas Technology Corp
ISL8502 RENESAS-ISL8502 Datasheet
960Kb / 19P
2A Synchronous Buck Regulator with Integrated MOSFETs
ISL8502A RENESAS-ISL8502A Datasheet
1,023Kb / 20P
2A Synchronous Buck Regulator with Integrated MOSFETs
logo
Maxim Integrated Produc...
MAX20050 MAXIM-MAX20050 Datasheet
654Kb / 23P
2A Synchronous-Buck LED Drivers with Integrated MOSFETs
Rev 19; 7/21
logo
Renesas Technology Corp
ISL71001M RENESAS-ISL71001M Datasheet
1Mb / 33P
6A Synchronous Buck Regulator with Integrated MOSFETs
Feb 15, 2023
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com