Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL12025 Datasheet (PDF) - Intersil Corporation

ISL12025 Datasheet PDF - Intersil Corporation
Part # ISL12025
Download  ISL12025 Download
File Size   423.09 Kbytes
Page   27 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Real-Time Clock/Calendar with I2C Bus and EEPROM

ISL12025 Datasheet (PDF)

Go To PDF Page Download Datasheet
ISL12025 Datasheet PDF - Intersil Corporation

Part # ISL12025
Download  ISL12025 Click to download

File Size   423.09 Kbytes
Page   27 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Real-Time Clock/Calendar with I2C Bus and EEPROM

ISL12025 Datasheet (HTML) - Intersil Corporation


ISL12025 Product details

The ISL12025 device is a low power real-time clock with timing and crystal compensation, clock/calender, 64-bit unique ID, power-fail indicator, two periodic or polled alarms, intelligent battery backup switching, CPU Supervisor and integrated 512x8-bit EEPROM, in a 16 Bytes per page format.

Features
• Real-Time Clock/Calendar
   - Tracks Time in Hours, Minutes and Seconds
   - Day of the Week, Day, Month and Year
• 64-Bit Unique ID
• Two Non-Volatile Alarms
   - Settable on the Second, Minute, Hour, Day of the Week,
      Day or Month
   - Repeat Mode (Periodic Interrupts)
• Automatic Backup to Battery or Super Cap
• On-Chip Oscillator Compensation
   - Internal Feedback Resistor and Compensation
      Capacitors
   - 64 Position Digitally Controlled Trim Capacitor
   - 6 Digital Frequency Adjustment Settings to ±30ppm
• 512x8-Bits of EEPROM
   - 16-Bytes Page Write Mode (32 total pages)
   - 8 Modes of Block Lock™ Protection
   - Single Byte Write Capability
• High Reliability
   - Data Retention: 50 years
   - Endurance: 2,000,000 Cycles Per Byte
• I2C Interface
   - 400kHz Data Transfer Rate
• 800nA Battery Supply Current
• Package Options
   - 8 Ld SOIC and 8 Ld TSSOP Packages
• Pb-Free (RoHS Compliant)

Applications
• Utility Meters
• Audio/Video Components
• Modems
• Network Routers, Hubs, Switches, Bridges
• Cellular Infrastructure Equipment
• Fixed Broadband Wireless Equipment
• Pagers/PDA
• POS Equipment
• Test Meters/Fixtures
• Office Automation (Copiers, Fax)
• Home Appliances
• Computer Products
• Other Industrial/Medical/Automotive




Similar Part No. - ISL12025

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL12025 INTERSIL-ISL12025 Datasheet
768Kb / 6P
High-Accuracy RTC Modules, Feature-Rich RTCs
ISL12025 INTERSIL-ISL12025 Datasheet
9Mb / 44P
Providing high-performance solutions for every link in the signal chain
logo
Renesas Technology Corp
ISL12025 RENESAS-ISL12025 Datasheet
1Mb / 28P
Real-Time Clock/Calendar with I2C Bus??and EEPROM
ISL12025IBZ RENESAS-ISL12025IBZ Datasheet
1Mb / 28P
Real-Time Clock/Calendar with I2C Bus??and EEPROM
ISL12025IVZ RENESAS-ISL12025IVZ Datasheet
1Mb / 28P
Real-Time Clock/Calendar with I2C Bus??and EEPROM
More results


Similar Description - ISL12025

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL12026 INTERSIL-ISL12026_08 Datasheet
389Kb / 24P
Real Time Clock/Calendar with I2C Bus??and EEPROM
ISL12028 INTERSIL-ISL12028_10 Datasheet
584Kb / 29P
Real Time Clock/Calendar with I2C Bus??and EEPROM
August 9, 2010
ISL12029 INTERSIL-ISL12029_10 Datasheet
580Kb / 30P
Real Time Clock/Calendar with I2C Bus??and EEPROM
August 12, 2010
ISL12029_1012 INTERSIL-ISL12029_1012 Datasheet
580Kb / 29P
Real Time Clock/Calendar with I2C Bus??and EEPROM
December 16, 2010
ISL12026 INTERSIL-ISL12026_10 Datasheet
560Kb / 24P
Real Time Clock/Calendar with I2C Bus??and EEPROM
November 30, 2010
ISL12028_1011 INTERSIL-ISL12028_1011 Datasheet
586Kb / 29P
Real Time Clock/Calendar with I2C Bus??and EEPROM
November 30, 2010
logo
Renesas Technology Corp
ISL12025 RENESAS-ISL12025 Datasheet
1Mb / 28P
Real-Time Clock/Calendar with I2C Bus??and EEPROM
ISL12026 RENESAS-ISL12026 Datasheet
1,002Kb / 24P
Real Time Clock/Calendar with I2C Bus??and EEPROM
ISL12028 RENESAS-ISL12028 Datasheet
1Mb / 29P
Real Time Clock/Calendar with I2C Bus??and EEPROM
ISL12029 RENESAS-ISL12029 Datasheet
1Mb / 29P
Real Time Clock/Calendar with I2C Bus™ and EEPROM
December 16, 2010
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com