Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL6296A Datasheet (PDF) - Intersil Corporation

ISL6296A Datasheet PDF - Intersil Corporation
Part # ISL6296A
Download  ISL6296A Download
File Size   420.76 Kbytes
Page   20 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description FlexiHash For Battery Authentication

ISL6296A Datasheet (PDF)

Go To PDF Page Download Datasheet
ISL6296A Datasheet PDF - Intersil Corporation

Part # ISL6296A
Download  ISL6296A Click to download

File Size   420.76 Kbytes
Page   20 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description FlexiHash For Battery Authentication

ISL6296A Datasheet (HTML) - Intersil Corporation


ISL6296A Product details

FlexiHash™ For Battery Authentication

The ISL6296A is a highly cost-effective fixed-secret hash engine based on Intersil’s FlexiHash technology. The device’s authentication is achieved through a challenge response scheme, which is customized for low-cost applications where cloning via eavesdropping without knowledge of the device’s secret code is not economically viable. When used for its intended applications, the ISL6296A offers the same level of effectiveness as other significantly more expensive high maintenance monetarygrade hash algorithm and authentication schemes.

Features
• Challenge-response based authentication scheme using
    32-Bit challenge code and 8-Bit authentication code.
• Fast and flexible authentication process. Multi-pass
    authentication can be used to achieve the highest security
    level if necessary.
• 16x8 OTP ROM stores up to three sets of 32-Bit host
    selectable secrets with additional programmable memory
    for storage of up to 48-bits of ID code and/or pack
    information.
• FlexiHash engine uses two sets of 32-Bit secrets for
    authentication code generation.
• Non-unique mapping of the secret key to an 8-Bit
    authentication code maximizes hacking difficulty due to
    need for exhaustive key search (superior to SHA-1).
• Supports 1-cell Li-ion/Li-Poly and 3-cell series NiMH
    battery packs (2.6V ~ 4.8V operation), or powered by the
    XSD bus.
• XSD single-wire host bus interface communicates with all
    8250-compatible UART’s or a single GPIO. Supports CRC
    on read data and transfer bit-rate up to 23kbps.
• True “Zero Power” Sleep mode - automatically entered
    after a bus inactivity time-out period.
• 5 Ld SOT-23 and 8 Ld TDFN (2mmx3mm) packages
• -25°C to +85°C operating temperature range
• Pb-free (RoHS compliant)

Applications
• Battery Pack Authentication
• Printer Cartridges
• Add-on Accessories
• Other Non-Monetary Authentication Applications




Similar Part No. - ISL6296A

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6296A INTERSIL-ISL6296A Datasheet
119Kb / 2P
FlexiHash™ For Battery Authentication
May 26, 2015
More results


Similar Description - ISL6296A

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6296 INTERSIL-ISL6296 Datasheet
384Kb / 17P
FlexiHash For Battery Authentication
February 1, 2005
ISL9206 INTERSIL-ISL9206 Datasheet
370Kb / 16P
FlexiHash For Battery Authentication
March 9, 2006
ISL9206 INTERSIL-ISL9206_07 Datasheet
347Kb / 17P
FlexiHash For Battery Authentication
January 5, 2007
ISL6296 INTERSIL-ISL6296_07 Datasheet
372Kb / 19P
FlexiHash??For Battery Authentication
January 17, 2007
ISL9206A INTERSIL-ISL9206A Datasheet
349Kb / 17P
FlexiHash For Battery Authentication
February 12, 2008
ISL6296 INTERSIL-ISL6296_08 Datasheet
364Kb / 19P
FlexiHash??For Battery Authentication
ISL6296A INTERSIL-ISL6296A Datasheet
119Kb / 2P
FlexiHash™ For Battery Authentication
May 26, 2015
ISL9206ADHZ-T INTERSIL-ISL9206ADHZ-T Datasheet
357Kb / 17P
FlexiHash For Battery Authentication
July 30, 2008
logo
Renesas Technology Corp
ISL6296 RENESAS-ISL6296 Datasheet
868Kb / 19P
FlexiHash??For Battery Authentication
ISL9206 RENESAS-ISL9206 Datasheet
935Kb / 17P
FlexiHash™ For Battery Authentication
January 5, 2007
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com