Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EL5172IS Datasheet (PDF) - Intersil Corporation

EL5172IS Datasheet PDF - Intersil Corporation
Part # EL5172IS
Download  EL5172IS Download
File Size   419.69 Kbytes
Page   15 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description 250MHz Differential Line Receivers

EL5172IS Datasheet (PDF)

Go To PDF Page Download Datasheet
EL5172IS Datasheet PDF - Intersil Corporation

Part # EL5172IS
Download  EL5172IS Click to download

File Size   419.69 Kbytes
Page   15 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description 250MHz Differential Line Receivers

EL5172IS Datasheet (HTML) - Intersil Corporation


EL5172IS Product details

The EL5172 and EL5372 are single and triple high bandwidth amplifiers designed to extract the difference signal from noisy environments. They are primarily targeted for applications such as receiving signals from twisted-pair lines or any application where common mode noise injection is likely to occur.

Features
• Differential input range ±2.3V
• 250MHz 3dB bandwidth
• 800V/µs slew rate
• 60mA maximum output current
• Single 5V or dual ±5V supplies
• Low power - 5mA to 6mA per channel
• Pb-free available (RoHS compliant)

Applications
• Twisted-pair receivers
• Differential line receivers
• VGA over twisted-pair
• ADSL/HDSL receivers
• Differential to single-ended amplification
• Reception of analog signals in a noisy environment




Similar Part No. - EL5172IS

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL5172IS INTERSIL-EL5172IS Datasheet
349Kb / 16P
250MHz Differential Line Receivers
EL5172IS-T13 INTERSIL-EL5172IS-T13 Datasheet
349Kb / 16P
250MHz Differential Line Receivers
EL5172IS-T7 INTERSIL-EL5172IS-T7 Datasheet
349Kb / 16P
250MHz Differential Line Receivers
EL5172ISZ INTERSIL-EL5172ISZ Datasheet
349Kb / 16P
250MHz Differential Line Receivers
logo
Renesas Technology Corp
EL5172ISZ RENESAS-EL5172ISZ Datasheet
751Kb / 16P
250MHz Differential Line Receivers
More results


Similar Description - EL5172IS

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
AM26C32C TI-AM26C32C Datasheet
106Kb / 17P
QUADRUPLE DIFFERENTIAL LINE RECEIVERS
SN55182 TI-SN55182 Datasheet
190Kb / 13P
DUAL DIFFERENTIAL LINE RECEIVERS
SN55ALS195 TI-SN55ALS195 Datasheet
164Kb / 12P
QUADRUPLE DIFFERENTIAL LINE RECEIVERS
logo
National Semiconductor ...
DS26LS32C NSC-DS26LS32C Datasheet
140Kb / 6P
Quad Differential Line Receivers
logo
Texas Instruments
AM26LS32AC TI-AM26LS32AC_07 Datasheet
903Kb / 23P
QUADRUPLE DIFFERENTIAL LINE RECEIVERS
logo
Intersil Corporation
EL5172 INTERSIL-EL5172_08 Datasheet
349Kb / 16P
250MHz Differential Line Receivers
EL5175 INTERSIL-EL5175_07 Datasheet
337Kb / 16P
550MHz Differential Line Receivers
May 10, 2007
logo
Texas Instruments
AM26LS32AC TI-AM26LS32AC_10 Datasheet
1,008Kb / 24P
QUADRUPLE DIFFERENTIAL LINE RECEIVERS
SN75182DR TI-SN75182DR Datasheet
920Kb / 24P
DUAL DIFFERENTIAL LINE RECEIVERS
logo
Renesas Technology Corp
EL5172 RENESAS-EL5172 Datasheet
751Kb / 16P
250MHz Differential Line Receivers
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com