Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL29001 Datasheet (PDF) - Intersil Corporation

ISL29001 Datasheet PDF - Intersil Corporation
Part # ISL29001
Download  ISL29001 Download
File Size   227.89 Kbytes
Page   11 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Light-to-Digital Sensor

ISL29001 Datasheet (PDF)

Go To PDF Page Download Datasheet
ISL29001 Datasheet PDF - Intersil Corporation

Part # ISL29001
Download  ISL29001 Click to download

File Size   227.89 Kbytes
Page   11 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Light-to-Digital Sensor

ISL29001 Datasheet (HTML) - Intersil Corporation


ISL29001 Product details

Light-to-Digital Sensor

The ISL29001 is an integrated ambient light sensor with ADC and I2C interface. With a spectral sensitivity curve matched to that of the human eye, the ISL29001 provides 15-bit effective resolution while rejecting 50Hz and 60Hz flicker caused by artificial light sources.

Features
• Human Eye Response
• Temperature Compensated
• IR Rejection
• 15-bit Effective Resolution
• Adjustable Resolution: 3 Counts to 15 Counts per lux
• Simple Output Code, Directly Proportional to lux
• 0.3 lux to10,000 lux Range
• 50Hz/60Hz Rejection
• I2C Interface
• 2.5V to 3.3V Supply
• 6 Ld ODFN (2.1mmx2mm)
• Pb-Free (RoHS compliant)

Applications
• Ambient Light Sensing
• Ambient Backlight Control
• Temperature Control Systems
• Contrast Control
• Camera Light Meters
• Lighting Controls
• HVAC




Similar Part No. - ISL29001

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL29001IROZ-T7 INTERSIL-ISL29001IROZ-T7 Datasheet
278Kb / 11P
Light-to-Digital Sensor
ISL29001
More results


Similar Description - ISL29001

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL29002 INTERSIL-ISL29002 Datasheet
196Kb / 10P
Light-to-Digital I2C Sensor
December 1, 2006
ISL76683_1103 INTERSIL-ISL76683_1103 Datasheet
594Kb / 17P
Light-to-Digital Output Sensor
logo
ams AG
TSL4531 AMSCO-TSL4531 Datasheet
655Kb / 17P
DIGITAL AMBIENT LIGHT SENSOR
logo
Intersil Corporation
ISL29001IROZ-T7 INTERSIL-ISL29001IROZ-T7 Datasheet
278Kb / 11P
Light-to-Digital Sensor
ISL29001
ISL29034 INTERSIL-ISL29034_14 Datasheet
387Kb / 15P
Integrated Digital Light Sensor
April 9, 2014
logo
Everlight Electronics C...
ALS-PDIC17-79NB-TR8 EVERLIGHT-ALS-PDIC17-79NB-TR8_15 Datasheet
1Mb / 19P
Digital Ambient Light Sensor
logo
Texas Instruments
OPT3002 TI1-OPT3002 Datasheet
331Kb / 8P
Light-to-Digital Sensor
logo
ams AG
TSL2540 AMSCO-TSL2540 Datasheet
540Kb / 37P
ALS, Light-to-Digital Sensor
TSL2540 AMSCO-TSL2540_V01 Datasheet
552Kb / 37P
ALS, Light-to-Digital Sensor
2019-Mar-20
TSL2541 AMSCO-TSL2541 Datasheet
716Kb / 38P
ALS, Light-to-Digital Sensor
2018-Jan-23
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com