Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL88001 Datasheet (PDF) - Intersil Corporation

ISL88001 Datasheet PDF - Intersil Corporation
Part # ISL88001
Download  ISL88001 Download
File Size   216.95 Kbytes
Page   11 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Ultra Low Power 3 Ld Voltage Supervisors in SC-70 and SOT-23 Packages

ISL88001 Datasheet (PDF)

Go To PDF Page Download Datasheet
ISL88001 Datasheet PDF - Intersil Corporation

Part # ISL88001
Download  ISL88001 Click to download

File Size   216.95 Kbytes
Page   11 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Ultra Low Power 3 Ld Voltage Supervisors in SC-70 and SOT-23 Packages

ISL88001 Datasheet (HTML) - Intersil Corporation


ISL88001 Product details

The ISL88001, ISL88002, ISL88003 supervisors are extremely low power 160nA voltage supervisors that help to monitor the power supply voltages in a wide variety of applications. By providing Power-On Reset and supply voltage supervision in small 3 Ld SC-70 and SOT-23 packages, the ISL88001, ISL88002, ISL88003 devices can help to lower system cost, reduce board space requirements and increase the reliability of systems.

Features
• Single Voltage Monitoring Supervisors
• Fixed-Voltage Options Allow Precise Monitoring of +1.8V, +2.5V, +3.0V, +3.3V and +5.0V Power Supplies
• Ultra Low 160nA Supply Current
• ±1.2% Voltage Threshold Accuracy
• 190ms Power-On Reset Timeout
• Reset Signal Valid Down to VDD = 1V
• No External Components Necessary
• Immune to Power-Supply Transients
• Available in Small 3 Ld SC-70 and 3 Ld SOT-23 Pb-free Packages
• Pin Compatible with MAX803, MAX809, MAX810
• Pb-Free (RoHS Compliant)

Applications
• Microprocessor/Microcontroller Systems
• Intelligent Instruments
• Controllers
• Computer Systems
• Portable/Battery-Powered Equipment
• PDA and Hand-Held PC Devices




Similar Part No. - ISL88001

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL88001 INTERSIL-ISL88001 Datasheet
339Kb / 11P
Ultra Low Power 3 Ld Voltage Supervisors in SC-70 and SOT-23 Packages
May 29, 2012
logo
Renesas Technology Corp
ISL88001 RENESAS-ISL88001 Datasheet
547Kb / 11P
Ultra Low Power 3 Ld Voltage Supervisors in SC-70 and SOT-23 Packages
ISL88001 RENESAS-ISL88001 Datasheet
776Kb / 16P
Ultra Low Power 3 Ld Voltage Supervisors in SC-70 and SOT-23 Packages
Feb 10, 2021
ISL88001/2/3EVAL1Z RENESAS-ISL88001/2/3EVAL1Z Datasheet
547Kb / 11P
Ultra Low Power 3 Ld Voltage Supervisors in SC-70 and SOT-23 Packages
ISL88001/2/3EVAL1Z RENESAS-ISL88001/2/3EVAL1Z Datasheet
776Kb / 16P
Ultra Low Power 3 Ld Voltage Supervisors in SC-70 and SOT-23 Packages
Feb 10, 2021
More results


Similar Description - ISL88001

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC918 MICREL-MIC918 Datasheet
47Kb / 7P
51MHz Low-Power SOT-23-5/SC-70 Op Amp
MIC919 MICREL-MIC919 Datasheet
47Kb / 7P
27MHz Low-Power SOT-23-5/SC-70 Op Amp
logo
Texas Instruments
TPS61040 TI-TPS61040_07 Datasheet
527Kb / 22P
LOW-POWER DC/DC BOOST CONVERTER IN SOT-23 AND SON PACKAGES
logo
Maxim Integrated Produc...
MAX6457 MAXIM-MAX6457_09 Datasheet
174Kb / 15P
High-Voltage, Low-Current Voltage Monitors in SOT Packages
Rev 4; 3/09
logo
Intersil Corporation
ISL88011 INTERSIL-ISL88011_11 Datasheet
330Kb / 13P
5 Ld Voltage Supervisors
August 9, 2011
logo
List of Unclassifed Man...
MB-4 ETC2-MB-4 Datasheet
1Mb / 1P
Fits SOT-343 (SC-70) amplifier packages
logo
Texas Instruments
TPS61040DDCR TI-TPS61040DDCR Datasheet
977Kb / 27P
LOW-POWER DC/DC BOOST CONVERTER IN SOT-23 AND SON PACKAGES
logo
Maxim Integrated Produc...
MAX6459UTB MAXIM-MAX6459UTB Datasheet
219Kb / 15P
High-Voltage, Low-Current Voltage Monitors in SOT Packages
Rev 6; 12/12
logo
Intersil Corporation
ISL88003IH46Z-T INTERSIL-ISL88003IH46Z-T Datasheet
339Kb / 11P
Ultra Low Power 3 Ld Voltage Supervisors in SC-70 and SOT-23 Packages
May 29, 2012
logo
Renesas Technology Corp
ISL88001 RENESAS-ISL88001 Datasheet
547Kb / 11P
Ultra Low Power 3 Ld Voltage Supervisors in SC-70 and SOT-23 Packages
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com