Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CA3260AEZ Datasheet (PDF) - Intersil Corporation

CA3260AEZ Datasheet PDF - Intersil Corporation
Part # CA3260AEZ
Download  CA3260AEZ Download
File Size   148.62 Kbytes
Page   4 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description 4MHz, BiMOS Operational Amplifier with MOSFET Input/CMOS Output

CA3260AEZ Datasheet (PDF)

Go To PDF Page Download Datasheet
CA3260AEZ Datasheet PDF - Intersil Corporation

Part # CA3260AEZ
Download  CA3260AEZ Click to download

File Size   148.62 Kbytes
Page   4 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description 4MHz, BiMOS Operational Amplifier with MOSFET Input/CMOS Output

CA3260AEZ Datasheet (HTML) - Intersil Corporation


CA3260AEZ Product details

CA3260A and CA3260 are integrated circuit operational amplifiers that combine the advantage of both CMOS and bipolar transistors on a monolithic chip. The CA3260 series circuits are dual versions of the popular CA3160 series.



Features

• MOSFET Input Stage provides

- Very High ZI = 1.5TΩ (1.5 x 1012Ω) (Typ)

- Very Low II . . . . . . . . . . . . 5pA (Typ) at 15V Operation

. . . . . . . . . . . . . . . . . . . . . . 2pA (Typ) at 5V Operation

• Ideal for Single Supply Applications

• Common Mode Input Voltage Range Includes Negative Supply Rail; Input Terminals Can be Swung 0.5V

Below Negative Supply Rail

• CMOS Output Stage Permits Signal Swing to Either (Or Both) Supply Rails

• Pb-Free Plus Anneal Available (RoHS Compliant)



Applications

• Ground Referenced Single Supply Amplifiers

• Fast Sample-Hold Amplifiers

• Long Duration Timers/Monostables

• Ideal Interface with Digital CMOS

• High Input Impedance Wideband Amplifiers

• Voltage Followers (e.g. Follower for Single Supply D/A Converter)

• Voltage Regulators (Permits Control of Output Voltage Down to 0V)

• Wien Bridge Oscillators

• Voltage Controlled Oscillators

• Photo Diode Sensor Amplifiers




Similar Part No. - CA3260AEZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
CA3260AEZ INTERSIL-CA3260AEZ Datasheet
140Kb / 3P
4MHz, BiMOS Operational Amplifier with MOSFET Input/CMOS Output
February 7, 2006
logo
Renesas Technology Corp
CA3260AEZ RENESAS-CA3260AEZ Datasheet
289Kb / 4P
4MHz, BiMOS Operational Amplifier with MOSFET Input/CMOS Output
More results


Similar Description - CA3260AEZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
CA3130 INTERSIL-CA3130 Datasheet
654Kb / 15P
15MHz, BiMOS Operational Amplifier with MOSFET Input/CMOS Output
September 1998
CA3160 INTERSIL-CA3160 Datasheet
926Kb / 17P
4MHz, BiMOS Operational Amplifier with MOSFET Input/CMOS Output
September 1998
CA5160 INTERSIL-CA5160 Datasheet
910Kb / 18P
4MHz, BiMOS Microprocessor Operational Amplifiers with MOSFET Input/CMOS Output
September 1998
HCA10014 INTERSIL-HCA10014 Datasheet
521Kb / 17P
15MHz, BiMOS Operational Amplifier with MOSFET Input/CMOS Output
August 1999
CA3130 INTERSIL-CA3130_05 Datasheet
935Kb / 17P
15MHz, BiMOS Operational Amplifier with MOSFET Input/CMOS Output
August 1, 2005
CA3160 INTERSIL-CA3160_04 Datasheet
661Kb / 18P
4MHz, BiMOS Operational Amplifier with MOSFET Input/CMOS Output
June 2004
CA3260 INTERSIL-CA3260_06 Datasheet
140Kb / 3P
4MHz, BiMOS Operational Amplifier with MOSFET Input/CMOS Output
February 7, 2006
CA5160 INTERSIL-CA5160_03 Datasheet
653Kb / 19P
4MHz, BiMOS Microprocessor Operational Amplifier with MOSFET Input/CMOS Output
May 2003
logo
Renesas Technology Corp
CA3130 RENESAS-CA3130 Datasheet
1Mb / 17P
15MHz, BiMOS Operational Amplifier with MOSFET Input/CMOS Output
CA3260 RENESAS-CA3260 Datasheet
289Kb / 4P
4MHz, BiMOS Operational Amplifier with MOSFET Input/CMOS Output
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com