Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MB90F481B Datasheet (PDF) - fujitsu semiconductor

MB90F481B Datasheet PDF - fujitsu semiconductor
Part # MB90F481B
Download  MB90F481B Download
File Size   629.25 Kbytes
Page   124 Pages
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor
Description 16-bit Microcontroller

MB90F481B Datasheet (PDF)

Go To PDF Page Download Datasheet
MB90F481B Datasheet PDF - fujitsu semiconductor

Part # MB90F481B
Download  MB90F481B Click to download

File Size   629.25 Kbytes
Page   124 Pages
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor
Description 16-bit Microcontroller

MB90F481B Datasheet (HTML) - fujitsu semiconductor


MB90F481B Product details

■DESCRIPTION

The MB90480B/485B series is a 16-bit general-purpose FUJITSU SEMICONDUCTOR microcontroller designed for process control in consumer devices and other applications requiring high-speed real-time processing.

The F2MC-16LX CPU core instruction set retains the AT architecture of the F2 MC*1

family, with additional instructions for high-level languages, expanded addressing mode, enhanced multiply-drive instructions, and complete bit processing. In addition, a 32-bit accumulator is provided to enable long-word processing.

The MB90480B/485B series features embedded peripheral resources including 8/16-bit PPG, expanded I/O serial interface, UART, 10-bit A/D converter, 16-bit I/O timer, 8/16-bit up/down-counter, PWC timer, I2C interface, DTP/external interrupt, chip select, and 16-bit reload timer.



■FEATURES

•Clock

 Minimum instruction execution time: 40.0 ns/6.25 MHz base frequency multiplied ×4 (25 MHz internal operating

                                                frequency/3.3 V ±0.3 V)

                                                62.5 ns/4 MHz base frequency multiplied ×4 (16 MHz internal operating

                                                frequency/3.0 V ±0.3 V) PLL clock multiplier

• Maximum memory space: 16 Mbytes

• Instruction set optimized for controller applications

  Supported data types (bit, byte, word, or long word)

  Typical addressing modes (23 types)

  32-bit accumulator for enhanced high-precision calculation

Enhanced signed multiplication/division instruction and RETI instruction functions

• Instruction set designed for high-level programming language (C) and multi-task operations

System stack pointer adopted

Instruction set symmetry and barrel shift instructions

• Non-multiplex bus/multiplex bus compatible

• Enhanced execution speed 4-byte instruction queue

• Enhanced interrupt functions

   8 levels setting with programmablepriority, 8 external interrupts

• Data transfer function (μDMAC) Up to 16 channels

• Embedded ROM Flash versions : 192 Kbytes, 256 Kbytes, 384 Kbytes, MASK versions : 192 Kbytes, 256 Kbytes

• Embedded RAM Flash versions : 4 Kbytes, 6 Kbytes, 10 Kbytes, 24 Kbytes, MASK versions : 10 Kbytes, 16 Kbytes

• General purpose ports Up to 84 ports (Includes 16 ports with input pull-up resistance settings, 16 ports with output open-drain settings)

• A/D converter

8-channel RC sequential comparisontype (10-bit resolution, 3.68 μs conversion time (at 25 MHz) )

•I2C interface (MB90485B series only) : 1channel, P76/P77 N-ch open drain pin (without P-ch)

Do not apply high voltage in excess of recommended operating ranges to the N-ch open drain pin (with P-ch) in MB90V485B.

• μPG (MB90485B series only) : 1 channel

• UART : 1 channel

• Extended I/O serial interface (SIO) : 2 channels

• 8/16-bit PPG : 3 channels (with 8-bit ×6 channel/16-bit ×3 channel mode switching function)

• 8/16-bit up/down counter/timer: 1 channel (with 8-bit ×2 channels/16-bit ×1-channel mode switching function)

• PWC (MB90485B series only) : 3 channels (Capable of compare the inputs to two of the three)

• 3 V/5 V I/F pin (MB90485B series only) P20 to P27, P30 to P37, P40 to P47, P70 to P77

• 16-bit reload timer : 1 channel

• 16-bit I/O timer : 2 channels input capture, 6 channels output compare, 1 channel free-run timer

• On chip dual clock generator system

• Low-power consumption mode With stop mode, sleep mode, CPU intermittent operation mode, watch mode, timebase timer mode

• Packages : QFP 100/LQFP 100

• Process : CMOS technology

• Power supply voltage : 3 V, single power supply (some ports can be operated by 5 V power supply at MB90485B series)




Similar Part No. - MB90F481B

ManufacturerPart #DatasheetDescription
logo
fujitsu semiconductor
MB90F481B FUJITSU-MB90F481B Datasheet
629Kb / 124P
16-bit Microcontroller
MB90F481BPF FUJITSU-MB90F481BPF Datasheet
629Kb / 124P
16-bit Microcontroller
MB90F481BPMC FUJITSU-MB90F481BPMC Datasheet
629Kb / 124P
16-bit Microcontroller
More results


Similar Description - MB90F481B

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSM66577 OKI-MSM66577 Datasheet
213Kb / 34P
16-Bit Microcontroller
logo
Motorola, Inc
MC9S12B MOTOROLA-MC9S12B Datasheet
322Kb / 12P
16-Bit Microcontroller
logo
fujitsu semiconductor
MB90580 FUJITSU-MB90580 Datasheet
3Mb / 395P
16-BIT MICROCONTROLLER
logo
Motorola, Inc
MC68HC916X1 MOTOROLA-MC68HC916X1 Datasheet
398Kb / 2P
16-BIT MICROCONTROLLER
logo
fujitsu semiconductor
MB90800 FUJITSU-MB90800_08 Datasheet
2Mb / 92P
16-bit Microcontroller
MB90330A FUJITSU-MB90330A Datasheet
1Mb / 120P
16-bit Microcontroller
MB90335 FUJITSU-MB90335_07 Datasheet
916Kb / 92P
16-bit Microcontroller
MB90333A FUJITSU-MB90333A Datasheet
439Kb / 72P
16-bit Microcontroller
logo
Freescale Semiconductor...
MC9S12DP512MPVE FREESCALE-MC9S12DP512MPVE Datasheet
419Kb / 14P
16-Bit Microcontroller
logo
InnovASIC, Inc
IA186XL INNOVASIC-IA186XL Datasheet
1Mb / 75P
16-Bit Microcontroller
More results




About fujitsu semiconductor


Fujitsu Components Limited is a subsidiary of Fujitsu Limited, a Japanese multinational information technology company.
Fujitsu Components Limited is focused on the design, development, and manufacture of electronic components and devices.
The company offers a wide range of products including data storage devices, wireless communication modules, and other electronic components.
Fujitsu Components Limited has operations and facilities in various countries across Asia, Europe, and the Americas.
The company is known for its advanced technology, high-quality products, and innovative solutions in the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com