Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SLR343WBC7T Datasheet (PDF) - Rohm

SLR343WBC7T Datasheet PDF - Rohm
Part # SLR343WBC7T
Download  SLR343WBC7T Download
File Size   94.58 Kbytes
Page   2 Pages
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm
Description 3.1(T-1) Circular Type Standard Type Angle 2 1/2 : 40>

SLR343WBC7T Datasheet (PDF)

Go To PDF Page Download Datasheet
SLR343WBC7T Datasheet PDF - Rohm

Part # SLR343WBC7T
Download  SLR343WBC7T Click to download

File Size   94.58 Kbytes
Page   2 Pages
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm
Description 3.1(T-1) Circular Type Standard Type Angle 2 1/2 : 40>

SLR343WBC7T Datasheet (HTML) - Rohm


SLR343WBC7T Product details

Features
• Viewing angle 2θ 1/2 : 40°
• Competent to direct mount




Similar Part No. - SLR343WBC7T

ManufacturerPart #DatasheetDescription
logo
Rohm
SLR343WBC7T ROHM-SLR343WBC7T Datasheet
164Kb / 5P
Competent to direct mount
SLR343WBC7T ROHM-SLR343WBC7T Datasheet
176Kb / 5P
SLR-343 Series
SLR343WBC7T ROHM-SLR343WBC7T Datasheet
164Kb / 5P
Electrical Characteristics Curves
SLR343WBC7T ROHM-SLR343WBC7T Datasheet
167Kb / 6P
Viewing angle 20 1/2 40
SLR343WBC7T3 ROHM-SLR343WBC7T3 Datasheet
164Kb / 5P
Electrical Characteristics Curves
More results


Similar Description - SLR343WBC7T

ManufacturerPart #DatasheetDescription
logo
Rohm
SLR-332 ROHM-SLR-332 Datasheet
158Kb / 3P
3.2(T-1) Circular Type Standard Type (Viewing Angle 21/2 : 85)
SLR-342 ROHM-SLR-342 Datasheet
130Kb / 3P
3.1(T-1) Circular Type Standard Type
SLR-56 ROHM-SLR-56 Datasheet
152Kb / 3P
phi5.0(T-1 3/4) Circular Type Standard Type
SLA560WB ROHM-SLA560WB Datasheet
97Kb / 2P
?5.0(T-1 3/4) Circular Type Standard Type
SLR343 ROHM-SLR343_1 Datasheet
117Kb / 3P
?3.1(T-1) Circular Type High Brightness Type
SLI-343P8C ROHM-SLI-343P8C Datasheet
185Kb / 5P
3.1(T-1) Circular Type Standard Type
SLA-360MT ROHM-SLA-360MT Datasheet
141Kb / 3P
3.1(T-1) Circular Type High Brightness Type
SLR-342VC3FQ ROHM-SLR-342VC3FQ Datasheet
123Kb / 3P
?3.1(T-1) Circular Type Standard Type
SLI-343URC3FWT ROHM-SLI-343URC3FWT Datasheet
132Kb / 3P
3.1(T-1) Circular Type High Brightness Type
SLI-343D8U3F ROHM-SLI-343D8U3F Datasheet
145Kb / 4P
Viewing angle 2 1/2 40
More results




About Rohm


ROHM Semiconductor is a Japanese semiconductor company that was founded in 1958.

The company specializes in the design and manufacture of a wide range of products including power management, power devices, and analog and mixed-signal integrated circuits.

ROHM's products are used in various applications such as consumer electronics, automotive, industrial, and telecommunications.

The company is known for its focus on energy-saving technologies and its expertise in low-power design.

ROHM has operations in over 20 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com