Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SK544 Datasheet (PDF) - Sanyo Semicon Device

2SK544 Datasheet PDF - Sanyo Semicon Device
Part # 2SK544
Download  2SK544 Download
File Size   110.14 Kbytes
Page   4 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description FM Tuner, VHF Amp Applications?

2SK544 Datasheet (PDF)

Go To PDF Page Download Datasheet
2SK544 Datasheet PDF - Sanyo Semicon Device

Part # 2SK544
Download  2SK544 Click to download

File Size   110.14 Kbytes
Page   4 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description FM Tuner, VHF Amp Applications?

2SK544 Datasheet (HTML) - Sanyo Semicon Device


2SK544 Product details

FM Tuner, VHF Amplifier Applications



Features

• Low noise : NF=1.8dB typ (f=100MHz).

• High power gain : PG=27dB typ (f=100MHz).

• Small reverse transfer capacitance : Crss=0.035pF (VDS=10V, f=1MHz).




Similar Part No. - 2SK544

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
2SK54 HITACHI-2SK54 Datasheet
80Kb / 1P
SILICON N-CHANNEL JUNCTION FET
logo
Sanyo Semicon Device
2SK543 SANYO-2SK543 Datasheet
107Kb / 4P
FM Tuner, VHF-Band Amp Applications
2SK545 SANYO-2SK545 Datasheet
73Kb / 3P
Impedance Converter Applications???
2SK545 SANYO-2SK545 Datasheet
392Kb / 6P
Impedance Converter Applications
logo
Unisonic Technologies
2SK545 UTC-2SK545 Datasheet
77Kb / 3P
IMPEDANCE CONVERTER APPLICATIONS
More results


Similar Description - 2SK544

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
2SK1067 SANYO-2SK1067 Datasheet
109Kb / 4P
FM Tuner,VHF-Band Amp Applications
2SK543 SANYO-2SK543 Datasheet
107Kb / 4P
FM Tuner, VHF-Band Amp Applications
3SK263 SANYO-3SK263 Datasheet
78Kb / 3P
FM Tuner, VHF Tuner, High-Frequency Amp Applications
2SK3856 SANYO-2SK3856 Datasheet
38Kb / 3P
FM Tuner, VHF-Band Amplifier Applications
2SK3720 SANYO-2SK3720 Datasheet
38Kb / 4P
FM Tuner, VHF-Band Amplifier Applications
2SK3737 SANYO-2SK3737 Datasheet
39Kb / 4P
FM Tuner, VHF Amplifier Applications
2SK3720-5-TB-E SANYO-2SK3720-5-TB-E Datasheet
33Kb / 4P
FM Tuner, VHF-Band Amplifier Applications
logo
Toshiba Semiconductor
2SK210-BL TOSHIBA-2SK210-BL Datasheet
329Kb / 6P
FM Tuner Applications VHF Band Amplifier Applications
2SK210-GR TOSHIBA-2SK210-GR Datasheet
329Kb / 6P
FM Tuner Applications VHF Band Amplifier Applications
2SK302-Y TOSHIBA-2SK302-Y Datasheet
377Kb / 7P
FM Tuner, VHF RF Amplifier Applications
More results




About Sanyo Semicon Device


Sanyo Semiconductor Device Corporation, or Sanyo Semicon Device, was a subsidiary of Sanyo Electric Co., Ltd., a Japanese electronics company. Sanyo Semicon Device was a manufacturer of semiconductor devices, including diodes, transistors, and other components for consumer electronics, automotive, and industrial applications. The company was established in 1970 and was headquartered in Osaka, Japan.

Sanyo Semicon Device was known for its high-quality products and its commitment to meeting the needs of its customers. The company had a strong focus on research and development and was involved in the development of new technologies and products for the semiconductor industry. Sanyo Semicon Device's products were widely used in a variety of applications and helped support the growth of the electronics industry.

In 2010, Sanyo Electric was acquired by Panasonic Corporation, a leading global electronics company. As a result, Sanyo Semicon Device became a subsidiary of Panasonic and was integrated into its semiconductor business. The acquisition allowed Panasonic to expand its product portfolio and offerings in the semiconductor market and further strengthen its position in the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com