| Manufacturer | Part # | Datasheet | Description |
 ON Semiconductor |
NTGS3441T1
|
54Kb / 6P |
Power MOSFET 1 Amp, 20 Volts
April, 2004 ??Rev. 4 |
|
NTGS3446
|
51Kb / 4P |
Power MOSFET 5.1 Amps, 20 Volts N?묬hannel TSOP??
November, 2003 ??Rev. 3 |
|
NTGS3443T1
|
69Kb / 6P |
Power MOSFET 2 Amps, 20 Volts P?묬hannel TSOP??
December, 2003 ??Rev. 2 |
|
NTGS3455T1
|
68Kb / 6P |
MOSFET -3.5 Amps, -30 Volts P?묬hannel TSOP??
January, 2004 ??Rev. 1 |
|
NTGD3133P
|
67Kb / 5P |
Power MOSFET ??0 V, ??.5 A, P?묬hannel, TSOP?? Dual
July, 2006 ??Rev. 0 |
|
NTGS1135P
|
110Kb / 5P |
Power MOSFET ?? V, ??.8 A, Single P?묬hannel, TSOP??
October, 2008 ??Rev. 0 |
|
NTGS4141N
|
68Kb / 5P |
Power MOSFET 30 V, 7.0 A, Single N?묬hannel, TSOP??
February, 2006 ??Rev. 1 |
|
NTGS5120P
|
112Kb / 5P |
Power MOSFET ??0 V, ??.9 A, Single P?묬hannel, TSOP??
June, 2008 ??Rev. P0 |
|
NVGS3441T1G
|
110Kb / 6P |
Power MOSFET 1 Amp, 20 Volts, P?묬hannel TSOP??
October, 2012 ??Rev. 6 |
|
MTP1N50E
|
78Kb / 8P |
N?묬hannel TO??20 Power MOSFET
August, 2004 ??Rev. XXX |