Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX8653 Datasheet (PDF) - Maxim Integrated Products

MAX8653 Datasheet PDF - Maxim Integrated Products
Part # MAX8653
Download  MAX8653 Download
File Size   133.6 Kbytes
Page   1 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description Dual, 5A, 1.5MHz Step-Down Regulator with Integrated High-Side Switches

MAX8653 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX8653 Datasheet PDF - Maxim Integrated Products

Part # MAX8653
Download  MAX8653 Click to download

File Size   133.6 Kbytes
Page   1 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description Dual, 5A, 1.5MHz Step-Down Regulator with Integrated High-Side Switches

MAX8653 Datasheet (HTML) - Maxim Integrated Products


MAX8653 Product details

General Description
The MAX8653 dual-output, synchronous, step-down regulator contains low RDS(ON) integrated high-side MOSFET switches for ease of layout and achieving small footprints. Each output delivers up to 5A. The output voltage is adjustable down to 0.6V and operates from a 9V to 14V input voltage. The MAX8653 uses a proprietary high-bandwidth, constant-frequency, peak-voltage-mode control architecture and operates at an adjustable switching frequency between 300kHz to 1.5MHz. The architecture is suitable for use with a wide range of output capacitor technologies such as aluminum electrolytic, POSCAPs, and ceramic capacitors for flexible design. The simple compensation scheme achieves fast response under both line and load transients

Features
♦ Integrated 80mΩ RDS(ON), High-Side MOSFETs
♦ Adjustable Hiccup-Mode Short-Circuit Current Limit Protection
♦ ±1% Output Accuracy over Load, Line, and Temperature
♦ 9V to 14V Input Supply Range
♦ Adjustable Output Down to 0.6V
♦ Digital Soft-Start Reduces Inrush Supply Current
♦ 300kHz to 1.5MHz Adjustable Switching Frequency
♦ External Frequency Synchronization
♦ Compatible with Ceramic, Polymer, and
   Electrolytic Capacitors
♦ 180° Out-of-Phase Operation
♦ Enable and POK for Each Output
♦ REFIN Feature for Tracking Applications
♦ 28-Lead 5mm x 5mm Thin QFN Package


Applications
   Telecom
   Network Equipment
   Storage
   Servers
   DDR Memories
   DSL
   Set-Top Box
   Cable Modem




Similar Part No. - MAX8653

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX865 MAXIM-MAX865 Datasheet
89Kb / 8P
Compact, Dual-Output Charge Pump
Rev 1; 7/97
MAX8650 MAXIM-MAX8650 Datasheet
367Kb / 25P
4.5V to 28V Input Current-Mode Step-Down Controller with Adjustable Frequency
Rev 0; 1/06
MAX8650EEG MAXIM-MAX8650EEG Datasheet
367Kb / 25P
4.5V to 28V Input Current-Mode Step-Down Controller with Adjustable Frequency
Rev 0; 1/06
MAX8654 MAXIM-MAX8654 Datasheet
484Kb / 17P
12V, 8A 1.2MHz Step-Down Regulator
Rev 0; 8/06
MAX8654 MAXIM-MAX8654 Datasheet
246Kb / 17P
12V, 8A 1.2MHz Step-Down Regulator
Rev 2; 7/09
More results


Similar Description - MAX8653

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX8643 MAXIM-MAX8643 Datasheet
300Kb / 16P
3A, 2MHz Step-Down Regulator with Integrated Switches
Rev 2; 3/07
MAX8646 MAXIM-MAX8646 Datasheet
363Kb / 16P
6A, 2MHz Step-Down Regulator with Integrated Switches
Rev 2; 10/07
MAX8643_0709 MAXIM-MAX8643_0709 Datasheet
351Kb / 16P
3A, 2MHz Step-Down Regulator with Integrated Switches
Rev 3; 9/07
MAX15038 MAXIM-MAX15038 Datasheet
357Kb / 18P
4A, 2MHz Step-Down Regulator with Integrated Switches
Rev 0; 10/08
MAX15039 MAXIM-MAX15039 Datasheet
441Kb / 18P
6A, 2MHz Step-Down Regulator with Integrated Switches
Rev 0; 10/08
logo
E-CMOS Corporation
EC3221 E-CMOS-EC3221 Datasheet
1Mb / 16P
1.5MHz, Dual 1.5A, Synchronous Step-Down Regulator
logo
Feeling Technology Corp...
FP6166 FEELING-FP6166 Datasheet
473Kb / 19P
Dual 1.5MHz, 1A Synchronous Step-Down Regulator
FP6167 FEELING-FP6167 Datasheet
377Kb / 14P
Dual 1.5MHz, 1A Synchronous Step-Down Regulator
FP6168 FEELING-FP6168 Datasheet
319Kb / 12P
Dual 1.5MHz, 1A Synchronous Step-Down Regulator
logo
TECHCODE SEMICONDUCTOR,...
TD6821 TECHCODE-TD6821 Datasheet
964Kb / 18P
1.5MHz Dual 1.5A Synchronous Step Down Regulator
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com