Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DL-7140-201 Datasheet (PDF) - Sanyo Semicon Device

DL-7140-201 Datasheet PDF - Sanyo Semicon Device
Part # DL-7140-201
Download  DL-7140-201 Download
File Size   73.69 Kbytes
Page   3 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description High Power Laser Diode

DL-7140-201 Datasheet (PDF)

Go To PDF Page Download Datasheet
DL-7140-201 Datasheet PDF - Sanyo Semicon Device

Part # DL-7140-201
Download  DL-7140-201 Click to download

File Size   73.69 Kbytes
Page   3 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description High Power Laser Diode

DL-7140-201 Datasheet (HTML) - Sanyo Semicon Device


DL-7140-201 Product details

High Power Laser Diode

Overview
DL-7140-201 is high power (70mW) 785nm laser diode.
DL-7140-201 is suitable for CD-R.

Features
• High power : 70 mW at 60°C
• Index guided type
• Small package : 5.6 mmØ
• PIN connection : Cathode common type




Similar Part No. - DL-7140-201

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
DL-7140-201M SANYO-DL-7140-201M Datasheet
40Kb / 2P
INFRARED LASER DIODE
DL-7140-201P SANYO-DL-7140-201P Datasheet
29Kb / 2P
INFRARED LASER DIODE
DL-7140-201S SANYO-DL-7140-201S Datasheet
41Kb / 2P
INFRARED LASER DIODE
More results


Similar Description - DL-7140-201

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
DL-6140-201 SANYO-DL-6140-201 Datasheet
74Kb / 3P
High Power Laser Diode
logo
Opnext. Inc.
HL6501MG OPNEXT-HL6501MG Datasheet
93Kb / 4P
Visible High Power Laser Diode
logo
Roithner LaserTechnik G...
RLCO-830-1000G ROITHNER-RLCO-830-1000G Datasheet
239Kb / 3P
High Power Infrared Laser Diode
RLCO-940-1000-TO3 ROITHNER-RLCO-940-1000-TO3 Datasheet
122Kb / 3P
High Power Infrared Laser Diode
RLCO-1064-2000-TO3 ROITHNER-RLCO-1064-2000-TO3 Datasheet
122Kb / 3P
High Power Infrared Laser Diode
RLT635_100G ROITHNER-RLT635_100G Datasheet
109Kb / 2P
High Power Visible Laser Diode
RLT635_SERIES ROITHNER-RLT635_SERIES Datasheet
195Kb / 4P
635nm High Power Laser Diode
RLT780-150GS ROITHNER-RLT780-150GS Datasheet
278Kb / 4P
High Power Infrared Laser Diode
RLT830-150GS ROITHNER-RLT830-150GS Datasheet
58Kb / 1P
High Power Infrared Laser Diode
RLT850-150GS ROITHNER-RLT850-150GS Datasheet
462Kb / 4P
High Power Infrared Laser Diode
More results




About Sanyo Semicon Device


Sanyo Semiconductor Device Corporation, or Sanyo Semicon Device, was a subsidiary of Sanyo Electric Co., Ltd., a Japanese electronics company. Sanyo Semicon Device was a manufacturer of semiconductor devices, including diodes, transistors, and other components for consumer electronics, automotive, and industrial applications. The company was established in 1970 and was headquartered in Osaka, Japan.

Sanyo Semicon Device was known for its high-quality products and its commitment to meeting the needs of its customers. The company had a strong focus on research and development and was involved in the development of new technologies and products for the semiconductor industry. Sanyo Semicon Device's products were widely used in a variety of applications and helped support the growth of the electronics industry.

In 2010, Sanyo Electric was acquired by Panasonic Corporation, a leading global electronics company. As a result, Sanyo Semicon Device became a subsidiary of Panasonic and was integrated into its semiconductor business. The acquisition allowed Panasonic to expand its product portfolio and offerings in the semiconductor market and further strengthen its position in the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com