Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S2382 Datasheet (PDF) - Hamamatsu Corporation

S2382 Datasheet PDF - Hamamatsu Corporation
Part # S2382
Download  S2382 Download
File Size   148.06 Kbytes
Page   4 Pages
Manufacturer  HAMAMATSU [Hamamatsu Corporation]
Direct Link  http://www.hamamatsu.com
Logo HAMAMATSU - Hamamatsu Corporation
Description Low bias operation, for 800 nm band

S2382 Datasheet (PDF)

Go To PDF Page Download Datasheet
S2382 Datasheet PDF - Hamamatsu Corporation

Part # S2382
Download  S2382 Click to download

File Size   148.06 Kbytes
Page   4 Pages
Manufacturer  HAMAMATSU [Hamamatsu Corporation]
Direct Link  http://www.hamamatsu.com
Logo HAMAMATSU - Hamamatsu Corporation
Description Low bias operation, for 800 nm band

S2382 Datasheet (HTML) - Hamamatsu Corporation




Similar Part No. - S2382

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
S2382 HAMAMATSU-S2382 Datasheet
152Kb / 4P
Si APD Low bias operation, for 800 nm band
More results


Similar Description - S2382

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
S2381 HAMAMATSU-S2381 Datasheet
152Kb / 4P
Si APD Low bias operation, for 800 nm band
S6045 HAMAMATSU-S6045 Datasheet
235Kb / 4P
Low temperature coefficient type APD for 800 nm band
S12426 HAMAMATSU-S12426_15 Datasheet
611Kb / 5P
Low bias operation, high-speed Si APD for 900 nm
S12023 HAMAMATSU-S12023_15 Datasheet
271Kb / 6P
Low bias operation, for 800 nm band
S10341 HAMAMATSU-S10341_15 Datasheet
292Kb / 4P
Low bias operation, for 800 nm band
logo
M/A-COM Technology Solu...
MAAM-011206 MA-COM-MAAM-011206 Datasheet
989Kb / 9P
Single Bias Operation
MBDXX57-X MA-COM-MBDXX57-X Datasheet
783Kb / 9P
Zero Bias Operation
logo
Laird Tech Smart Techno...
SMS69273 LSTD-SMS69273 Datasheet
600Kb / 2P
Multi-band operation
HDDA3W LSTD-HDDA3W Datasheet
1Mb / 2P
Wide band operation
logo
Taoglas antenna solutio...
CGGP.35.3.A.02 TAOGLAS-CGGP.35.3.A.02 Datasheet
1Mb / 11P
wide-band operation
More results




About Hamamatsu Corporation


Hamamatsu Corporation is a Japanese company that specializes in the development and manufacture of optoelectronic and photonic devices, including photomultiplier tubes, image sensors, and light sources. The company was founded in 1953 in Hamamatsu, Japan, and has since become a global leader in the optoelectronics industry.

Hamamatsu Corporation's products are used in a variety of applications, including medical equipment, scientific research, industrial automation, and communications. The company is known for its high-quality and reliable products, and its technology is widely used by researchers and engineers around the world.

In addition to its optoelectronic products, Hamamatsu Corporation also provides measurement and analysis services, as well as solutions for industrial inspection and control. The company has offices and facilities around the world, including in the United States, Europe, and Asia, and is committed to advancing the field of optoelectronics through ongoing research and development.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com