Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

C8800 Datasheet (PDF) - Hamamatsu Corporation

C8800 Datasheet PDF - Hamamatsu Corporation
Part # C8800
Download  C8800 Download
File Size   108.13 Kbytes
Page   2 Pages
Manufacturer  HAMAMATSU [Hamamatsu Corporation]
Direct Link  http://www.hamamatsu.com
Logo HAMAMATSU - Hamamatsu Corporation
Description 1k 횞 1k, 30Hz Digital CCD Camera

C8800 Datasheet (PDF)

Go To PDF Page Download Datasheet
C8800 Datasheet PDF - Hamamatsu Corporation

Part # C8800
Download  C8800 Click to download

File Size   108.13 Kbytes
Page   2 Pages
Manufacturer  HAMAMATSU [Hamamatsu Corporation]
Direct Link  http://www.hamamatsu.com
Logo HAMAMATSU - Hamamatsu Corporation
Description 1k 횞 1k, 30Hz Digital CCD Camera

C8800 Datasheet (HTML) - Hamamatsu Corporation




Similar Part No. - C8800

ManufacturerPart #DatasheetDescription
logo
EPCOS
C880 EPCOS-C880 Datasheet
436Kb / 16P
PTC thermistors for overcurrent protection
More results


Similar Description - C8800

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
MN63121 PANASONIC-MN63121 Datasheet
36Kb / 4P
1K-Bit EEPROM
logo
Sony Corporation
CXA2056Q SONY-CXA2056Q Datasheet
361Kb / 24P
Digital CCD Camera Head Amplifier
logo
Hamamatsu Corporation
C4880-20 HAMAMATSU-C4880-20 Datasheet
120Kb / 2P
Digital CCD Camera
C4880-21 HAMAMATSU-C4880-21 Datasheet
119Kb / 2P
Digital CCD Camera
C4880-50 HAMAMATSU-C4880-50 Datasheet
119Kb / 2P
Digital CCD Camera
C4880-91 HAMAMATSU-C4880-91 Datasheet
98Kb / 2P
Digital CCD Camera
C7300-10 HAMAMATSU-C7300-10 Datasheet
74Kb / 2P
High Performance Digital CCD Camera
logo
Agere Systems
TSI-1 AGERE-TSI-1 Datasheet
1,012Kb / 61P
1k x 1k Time-Slot Interchanger
Revision 3 September 21, 2005
logo
Sony Corporation
CXA3796N SONY-CXA3796N Datasheet
373Kb / 19P
Digital CCD Camera Head Amplifier
logo
Kyocera Kinseki Corpota...
910-00010-TR KSS-910-00010-TR Datasheet
1Mb / 2P
LaserLight SMD 1K
1/2021
More results




About Hamamatsu Corporation


Hamamatsu Corporation is a Japanese company that specializes in the development and manufacture of optoelectronic and photonic devices, including photomultiplier tubes, image sensors, and light sources. The company was founded in 1953 in Hamamatsu, Japan, and has since become a global leader in the optoelectronics industry.

Hamamatsu Corporation's products are used in a variety of applications, including medical equipment, scientific research, industrial automation, and communications. The company is known for its high-quality and reliable products, and its technology is widely used by researchers and engineers around the world.

In addition to its optoelectronic products, Hamamatsu Corporation also provides measurement and analysis services, as well as solutions for industrial inspection and control. The company has offices and facilities around the world, including in the United States, Europe, and Asia, and is committed to advancing the field of optoelectronics through ongoing research and development.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com