Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PXO-P9-3PEM-6P Datasheet (PDF) - QUARTZCOM the communications company

PXO-P9-3PEM-6P Datasheet PDF - QUARTZCOM the communications company
Part # PXO-P9-3PEM-6P
Download  PXO-P9-3PEM-6P Download
File Size   112.44 Kbytes
Page   1 Pages
Manufacturer  QUARTZCOM [QUARTZCOM the communications company]
Direct Link  http://www.quartzcom.com
Logo QUARTZCOM - QUARTZCOM the communications company
Description LVPECL SMD Clock Oscillator Multiplier Output frequency up to 700 MHz

PXO-P9-3PEM-6P Datasheet (PDF)

Go To PDF Page Download Datasheet
PXO-P9-3PEM-6P Datasheet PDF - QUARTZCOM the communications company

Part # PXO-P9-3PEM-6P
Download  PXO-P9-3PEM-6P Click to download

File Size   112.44 Kbytes
Page   1 Pages
Manufacturer  QUARTZCOM [QUARTZCOM the communications company]
Direct Link  http://www.quartzcom.com
Logo QUARTZCOM - QUARTZCOM the communications company
Description LVPECL SMD Clock Oscillator Multiplier Output frequency up to 700 MHz

PXO-P9-3PEM-6P Datasheet (HTML) - QUARTZCOM the communications company




Similar Part No. - PXO-P9-3PEM-6P

ManufacturerPart #DatasheetDescription
logo
QUARTZCOM the communica...
PXO-P9-3PE-6P QUARTZCOM-PXO-P9-3PE-6P Datasheet
122Kb / 1P
Low jitter LVPECL SMD Clock Oscillator Output frequency up to 320 MHz
PXO-P9-3PEH-6J QUARTZCOM-PXO-P9-3PEH-6J Datasheet
112Kb / 1P
Low jitter LVPECL SMD Clock Oscillator Low phase noise
More results


Similar Description - PXO-P9-3PEM-6P

ManufacturerPart #DatasheetDescription
logo
QUARTZCOM the communica...
MCO-1S-PE-6P QUARTZCOM-MCO-1S-PE-6P Datasheet
124Kb / 1P
SMD Clock Oscillator LVPECL Output frequency up to 320 MHz
MCO-1S-DS-6P QUARTZCOM-MCO-1S-DS-6P Datasheet
122Kb / 1P
SMD Clock Oscillator LVDS Output frequency up to 320 MHz
PXO-P9-H-4P QUARTZCOM-PXO-P9-H-4P Datasheet
112Kb / 1P
SMD Clock Oscillator HCMOS / TTL Output frequency up to 200 MHz
PXO-P9-H-6P QUARTZCOM-PXO-P9-H-6P Datasheet
115Kb / 1P
SMD Clock Oscillator HCMOS / TTL Output frequency up to 200 MHz
PXO-P9-PE-6P QUARTZCOM-PXO-P9-PE-6P Datasheet
122Kb / 1P
Low jitter LVPECL SMD Clock Oscillator Output frequency up to 320 MHz
PXO-P9-DS-6P QUARTZCOM-PXO-P9-DS-6P Datasheet
119Kb / 1P
SMD Clock Oscillator LVDS Output frequency up to 320 MHz
PXO-P9-DSM-6P QUARTZCOM-PXO-P9-DSM-6P Datasheet
120Kb / 1P
LVDS SMD Clock Oscillator Multiplier Output frequency up to 700 MHz
MCO-SK-H-4P QUARTZCOM-MCO-SK-H-4P Datasheet
141Kb / 1P
SMD Clock Oscillator HCMOS Output frequency up to 200 MHz
VXO-1S-PEM-6P QUARTZCOM-VXO-1S-PEM-6P Datasheet
120Kb / 1P
High frequency SMD VCXO LVPECL Output frequency up to 700 MHz
VXO-P9-PEM-6P QUARTZCOM-VXO-P9-PEM-6P Datasheet
106Kb / 1P
SMD VCXO LVPECL Output frequency up to 700 MHz
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com