Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IPA045N10N3G Datasheet (PDF) - Infineon Technologies AG

IPA045N10N3G Datasheet PDF - Infineon Technologies AG
Part # IPA045N10N3G
Download  IPA045N10N3G Download
File Size   283.67 Kbytes
Page   9 Pages
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG
Description OptiMOSTM3 Power-Transistor

IPA045N10N3G Datasheet (PDF)

Go To PDF Page Download Datasheet
IPA045N10N3G Datasheet PDF - Infineon Technologies AG

Part # IPA045N10N3G
Download  IPA045N10N3G Click to download

File Size   283.67 Kbytes
Page   9 Pages
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG
Description OptiMOSTM3 Power-Transistor

IPA045N10N3G Datasheet (HTML) - Infineon Technologies AG


IPA045N10N3G Product details

VDS 100 V
RDS(on),max 4.5 mW
ID 64 A

Features
• N-channel, normal level
• Excellent gate charge x R DS(on) product (FOM)
• Very low on-resistance R DS(on)
• 175 °C operating temperature
• Pb-free lead plating; RoHS compliant
• Qualified according to JEDEC1) for target application
• Ideal for high-frequency switching and synchronous rectification
•Halogen-free according to IEC61249-2-21




Similar Part No. - IPA045N10N3G

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IPA045N10N3G INFINEON-IPA045N10N3G Datasheet
33Kb / 1P
Material Content Data Sheet
4. September 2015
IPA045N10N3G INFINEON-IPA045N10N3G Datasheet
1Mb / 10P
OptiMOSTM3 Power-Transistor, 100 V
Rev.2.4,2016-01-22
IPA045N10N3GXKSA1 INFINEON-IPA045N10N3GXKSA1 Datasheet
1Mb / 10P
OptiMOSTM3 Power-Transistor, 100 V
Rev.2.4,2016-01-22
IPA045N10N3G INFINEON-IPA045N10N3G_15 Datasheet
33Kb / 1P
Material Content Data Sheet
4. September 2015
IPA045N10N3G INFINEON-IPA045N10N3G_16 Datasheet
1Mb / 10P
OptiMOSTM3 Power-Transistor, 100 V
Rev.2.4,2016-01-22
More results


Similar Description - IPA045N10N3G

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IPB200N25N3G INFINEON-IPB200N25N3G Datasheet
427Kb / 11P
OptiMOSTM3 Power-Transistor
Rev. 2.2 2009-10-23
IPA126N10N3G INFINEON-IPA126N10N3G Datasheet
283Kb / 9P
OptiMOSTM3 Power-Transistor
Rev. 2.2 2009-07-09
BSC16DN25NS3G INFINEON-BSC16DN25NS3G Datasheet
545Kb / 9P
OptiMOSTM3 Power-Transistor
Rev. 2.1 2010-09-01
BSC22DN20NS3G INFINEON-BSC22DN20NS3G Datasheet
536Kb / 9P
OptiMOSTM3 Power-Transistor
Rev. 2.1 2010-09-01
BSC109N10NS3G INFINEON-BSC109N10NS3G Datasheet
661Kb / 10P
OptiMOSTM3 Power-Transistor
Rev.2.0 2010-03-25
BSZ12DN20NS3G INFINEON-BSZ12DN20NS3G Datasheet
680Kb / 9P
OptiMOSTM3 Power-Transistor
Rev. 2.1 2010-09-01
BSZ520N15NS3G INFINEON-BSZ520N15NS3G Datasheet
625Kb / 9P
OptiMOSTM3 Power-Transistor
Rev.2.2 2010-01-25
IPP110N20NA INFINEON-IPP110N20NA Datasheet
694Kb / 10P
OptiMOSTM3 Power-Transistor
Rev. 2.1 2011-05-11
IPP200N25N3G INFINEON-IPP200N25N3G_11 Datasheet
764Kb / 11P
OptiMOSTM3 Power-Transistor
Rev. 2.4 2011-07-14
IPP114N12N3G INFINEON-IPP114N12N3G_11 Datasheet
309Kb / 9P
OptiMOSTM3 Power-Transistor
Rev. 2.4 2011-11-25
More results




About Infineon Technologies AG


Infineon Technologies is a leading global semiconductor manufacturer that specializes in providing power management, security, and control solutions for a variety of industries such as automotive, industrial, and communication systems.
The company was founded in 1999 and is headquartered in Neubiberg, Germany.
Infineon offers a wide range of products including microcontrollers, power semiconductors, sensors, and other integrated circuits.
The company has a strong presence in the global market, with operations and facilities in various countries across the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com