Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L5431 Datasheet (PDF) - Sanyo Semicon Device

L5431 Datasheet PDF - Sanyo Semicon Device
Part # L5431
Download  L5431 Download
File Size   66.35 Kbytes
Page   3 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description High-Precision Variable Shunt Voltage Regulator

L5431 Datasheet (PDF)

Go To PDF Page Download Datasheet
L5431 Datasheet PDF - Sanyo Semicon Device

Part # L5431
Download  L5431 Click to download

File Size   66.35 Kbytes
Page   3 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description High-Precision Variable Shunt Voltage Regulator

L5431 Datasheet (HTML) - Sanyo Semicon Device


L5431 Product details

Overview
The L5431 is a high-precision variable shunt voltage regulator IC whose output voltage can be set to a value from approximately 2.5V to 36V by using external resistors.
Because of low output resistance and fast pulse response, the L5431 can be most suitably used as high-precision voltage reference, high-speed comparator, or zener diode.

Features
• Excellent temperature characteristic of Vref : 50ppm/°C (typ)
• Output voltage settable : Approximately 2.5V to 36V.
• Output flow-in current range : 1mA to 100mA
• Low dynamic resistance : 0.15Ω (typ)
• Fast response.
• Low output noise voltage.
• Small-sized TO-92.




Similar Part No. - L5431

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
L5431 HAMAMATSU-L5431 Datasheet
61Kb / 2P
SHORT-ARC TYPE METAL HALIDE LAMP
More results


Similar Description - L5431

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJM2380 NJRC-NJM2380 Datasheet
223Kb / 5P
ADJUSTABLE HIGH PRECISION SHUNT REGULATOR
logo
Hitachi Semiconductor
HA17L431P HITACHI-HA17L431P Datasheet
47Kb / 11P
High-Precision Variable Shunt Regulators
HA17L431ALP HITACHI-HA17L431ALP Datasheet
88Kb / 13P
High-Precision Variable Shunt Regulators
logo
Panasonic Semiconductor
AN1433SSM PANASONIC-AN1433SSM Datasheet
98Kb / 7P
High accuracy, variable output, low voltage operation shunt regulator
logo
IK Semicon Co., Ltd
TL432 IKSEMICON-TL432 Datasheet
611Kb / 9P
Low Voltage Adjustable Precision Shunt Regulator
logo
Guangdong Kexin Industr...
TL432 KEXIN-TL432 Datasheet
318Kb / 8P
Low Voltage Adjustable Precision Shunt Regulator
logo
Silicon Standard Corp.
SS6431G SSC-SS6431G Datasheet
263Kb / 11P
Adjustable High-Precision Shunt Regulator
logo
Monolithic Power System...
MP8200 MPS-MP8200 Datasheet
218Kb / 7P
1.0V Precision Shunt Voltage Regulator
MP8201 MPS-MP8201 Datasheet
188Kb / 7P
Precision Adjustable Shunt Voltage Regulator
logo
New Japan Radio
NJM1431A NJRC-NJM1431A_10 Datasheet
116Kb / 6P
ADJUSTABLE HIGH PRECISION SHUNT REGULATOR
More results




About Sanyo Semicon Device


Sanyo Semiconductor Device Corporation, or Sanyo Semicon Device, was a subsidiary of Sanyo Electric Co., Ltd., a Japanese electronics company. Sanyo Semicon Device was a manufacturer of semiconductor devices, including diodes, transistors, and other components for consumer electronics, automotive, and industrial applications. The company was established in 1970 and was headquartered in Osaka, Japan.

Sanyo Semicon Device was known for its high-quality products and its commitment to meeting the needs of its customers. The company had a strong focus on research and development and was involved in the development of new technologies and products for the semiconductor industry. Sanyo Semicon Device's products were widely used in a variety of applications and helped support the growth of the electronics industry.

In 2010, Sanyo Electric was acquired by Panasonic Corporation, a leading global electronics company. As a result, Sanyo Semicon Device became a subsidiary of Panasonic and was integrated into its semiconductor business. The acquisition allowed Panasonic to expand its product portfolio and offerings in the semiconductor market and further strengthen its position in the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com