Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LA1135 Datasheet (PDF) - Sanyo Semicon Device

LA1135 Datasheet PDF - Sanyo Semicon Device
Part # LA1135
Download  LA1135 Download
File Size   455.77 Kbytes
Page   18 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description AM Tuner System for Car Radios and Home Stereos

LA1135 Datasheet (PDF)

Go To PDF Page Download Datasheet
LA1135 Datasheet PDF - Sanyo Semicon Device

Part # LA1135
Download  LA1135 Click to download

File Size   455.77 Kbytes
Page   18 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description AM Tuner System for Car Radios and Home Stereos

LA1135 Datasheet (HTML) - Sanyo Semicon Device


LA1135 Product details

Overview
The LA1135 is a high-performance AM electronic tuner IC that is greatly improved in cross modulation characteristics. It is especially suited for use in car radio and home stereo (antenna: loop) applications.

Features
• Excellent cross modulation characteristics: Meets the requirements for preventing not only adjacent-channel interference but also interference caused by all channels within broadcast band.
• Narrow-band signal meter output: Usable as auto search stop signal. Has linearity up to 80 dBµ.
• Local oscillation buffer output: Facilitates designing of electronic tuner system, frequency display, etc.
• OSC (with ALC): Improves tracking error because oscillation output is stabilized at a low level (380 mVrms) for varactor diode.
• MIX: Double-balanced differential MIX meeting the requirements for preventing spurious interference, IF interference.
• Good characteristics at high input: 130 dBµ input fm= 400 Hz 80% mod THD = 0.4% typ
• Low noise: Good S/N at medium input (56 dB typ)
• Usable sensitivity: (S/N = 20 dB input): 25 dBµ (2SK315 IDSS = 11mA)
• VCC variation compensation: Less variation in gain, distortion: 8 to 12 V
• Reduced pop noise: Capable of reducing pop noise at the time of VCC ON, mode select by adjusting AGC time constant.

Functions
• MIX
• OSC (with ALC)
• IF amplifier
• Detector
• AGC (normal)
• RF wide-band AGC
• Auto search stop signal (signal meter output)
• Local oscillation buffer output
• Others




Similar Part No. - LA1135

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LA1130 SANYO-LA1130 Datasheet
216Kb / 5P
AM Tuner for Car Radio
LA1136 SANYO-LA1136 Datasheet
573Kb / 28P
AM Tuners for Car Radios and Home Stereos
LA1136N SANYO-LA1136N Datasheet
573Kb / 28P
AM Tuners for Car Radios and Home Stereos
LA1136NM SANYO-LA1136NM Datasheet
573Kb / 28P
AM Tuners for Car Radios and Home Stereos
LA1137 SANYO-LA1137 Datasheet
573Kb / 28P
AM Tuners for Car Radios and Home Stereos
More results


Similar Description - LA1135

ManufacturerPart #DatasheetDescription
logo
NEC
UPC2533 NEC-UPC2533 Datasheet
212Kb / 36P
AM TUNER FOR ELECTRONIC TUNING CAR RADIOS
logo
Rohm
BA3915B ROHM-BA3915B Datasheet
247Kb / 16P
System power supply for car stereos
BA3918 ROHM-BA3918 Datasheet
153Kb / 9P
System power supply for car stereos
logo
Sanyo Semicon Device
LA1130 SANYO-LA1130 Datasheet
216Kb / 5P
AM Tuner for Car Radio
LA1136N SANYO-LA1136N Datasheet
573Kb / 28P
AM Tuners for Car Radios and Home Stereos
LA1883M SANYO-LA1883M Datasheet
168Kb / 8P
Single-Chip FM/AM Tuner for Car Radio and Home Stereo Equipment?
LA4422 SANYO-LA4422 Datasheet
429Kb / 10P
5.8W typ AF Power Amplifier for Car Stereos, Car Radios
logo
Toshiba Semiconductor
TA7616P TOSHIBA-TA7616P Datasheet
297Kb / 7P
CAR RADIO AM TUNER ONE CHIP AM SYSTEM
logo
Hitachi Semiconductor
HA1199 HITACHI-HA1199 Datasheet
585Kb / 7P
AM Tuner for Car Radio
logo
Silan Microelectronics ...
SA1787 SILAN-SA1787 Datasheet
1Mb / 19P
SINGLE-CHIP TUNER IC FOR CAR RADIOS
More results




About Sanyo Semicon Device


Sanyo Semiconductor Device Corporation, or Sanyo Semicon Device, was a subsidiary of Sanyo Electric Co., Ltd., a Japanese electronics company. Sanyo Semicon Device was a manufacturer of semiconductor devices, including diodes, transistors, and other components for consumer electronics, automotive, and industrial applications. The company was established in 1970 and was headquartered in Osaka, Japan.

Sanyo Semicon Device was known for its high-quality products and its commitment to meeting the needs of its customers. The company had a strong focus on research and development and was involved in the development of new technologies and products for the semiconductor industry. Sanyo Semicon Device's products were widely used in a variety of applications and helped support the growth of the electronics industry.

In 2010, Sanyo Electric was acquired by Panasonic Corporation, a leading global electronics company. As a result, Sanyo Semicon Device became a subsidiary of Panasonic and was integrated into its semiconductor business. The acquisition allowed Panasonic to expand its product portfolio and offerings in the semiconductor market and further strengthen its position in the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com