Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1N5811 Datasheet (PDF) - EIC discrete Semiconductors

1N5811 Datasheet PDF - EIC discrete Semiconductors
Part # 1N5811
Download  1N5811 Download
File Size   98.06 Kbytes
Page   2 Pages
Manufacturer  EIC [EIC discrete Semiconductors]
Direct Link  http://www.eicsemi.com
Logo EIC - EIC discrete Semiconductors
Description ULTRAFAST RECOVERY RECTIFIER DIODES

1N5811 Datasheet (PDF)

Go To PDF Page Download Datasheet
1N5811 Datasheet PDF - EIC discrete Semiconductors

Part # 1N5811
Download  1N5811 Click to download

File Size   98.06 Kbytes
Page   2 Pages
Manufacturer  EIC [EIC discrete Semiconductors]
Direct Link  http://www.eicsemi.com
Logo EIC - EIC discrete Semiconductors
Description ULTRAFAST RECOVERY RECTIFIER DIODES

1N5811 Datasheet (HTML) - EIC discrete Semiconductors


1N5811 Product details

PRV : 50 - 150 Volts
Io : 6.0 Amperes

FEATURES :
* High current capability
* High surge current capability
* High reliability
* Low reverse current
* Low forward voltage drop
* Ultrafast recovery time
* Pb / RoHS Free




Similar Part No. - 1N5811

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
1N5811 MICROSEMI-1N5811 Datasheet
59Kb / 2P
ULTRA FAST RECTIFIERS
1N5811 MICROSEMI-1N5811 Datasheet
133Kb / 3P
MILITARY APPROVED, HIGH EFFICIENCY, 2.5 AMP AND 6.0 AMP
logo
Sensitron
1N5811 SENSITRON-1N5811 Datasheet
42Kb / 2P
HIGH EFFICIENTCY AXIAL LEAD RECTIFIERS
logo
Semtech Corporation
1N5811 SEMTECH-1N5811 Datasheet
200Kb / 3P
RECTIFIER, up to 150V, 6A, 30ns
logo
Gulf Semiconductor
1N5811 GULFSEMI-1N5811 Datasheet
73Kb / 2P
SINTERED GLASS JUNCTION FAST AVALANCHE RECTIFIER VOLTAGE竊?50V CURRENT: 3.0A
More results


Similar Description - 1N5811

ManufacturerPart #DatasheetDescription
logo
Advanced Power Technolo...
APT15D100BCT ADPOW-APT15D100BCT Datasheet
59Kb / 4P
ULTRAFAST SOFT RECOVERY RECTIFIER DIODES
logo
EIC discrete Semiconduc...
1N5807US EIC-1N5807US Datasheet
100Kb / 2P
ULTRAFAST RECOVERY RECTIFIER DIODES
logo
Diotec Semiconductor
US3A DIOTEC-US3A_15 Datasheet
143Kb / 2P
Ultrafast Recovery SMD Rectifier Diodes
UF5400 DIOTEC-UF5400_15 Datasheet
140Kb / 2P
Ultrafast Recovery Rectifier Diodes
US2A DIOTEC-US2A_16 Datasheet
142Kb / 2P
Ultrafast Recovery SMD Rectifier Diodes
1N4148 DIOTEC-1N4148_15 Datasheet
131Kb / 2P
Ultrafast Recovery Rectifier Diodes
UF4001 DIOTEC-UF4001_15 Datasheet
134Kb / 2P
Ultrafast Recovery Rectifier Diodes
logo
SUNMATE electronic Co.,...
UF4001 SUNMATE-UF4001 Datasheet
315Kb / 2P
ULTRAFAST RECOVERY RECTIFIER DIODES
UF5400 SUNMATE-UF5400 Datasheet
305Kb / 2P
ULTRAFAST RECOVERY RECTIFIER DIODES
logo
Diotec Semiconductor
UF4003GP DIOTEC-UF4003GP Datasheet
125Kb / 2P
Ultrafast Recovery Rectifier Diodes
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com