Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LA4460 Datasheet (PDF) - Sanyo Semicon Device

LA4460 Datasheet PDF - Sanyo Semicon Device
Part # LA4460
Download  LA4460 Download
File Size   478.42 Kbytes
Page   5 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description 12W AF Power Amplifier For Car Radio or Car Stereo

LA4460 Datasheet (PDF)

Go To PDF Page Download Datasheet
LA4460 Datasheet PDF - Sanyo Semicon Device

Part # LA4460
Download  LA4460 Click to download

File Size   478.42 Kbytes
Page   5 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description 12W AF Power Amplifier For Car Radio or Car Stereo

LA4460 Datasheet (HTML) - Sanyo Semicon Device


LA4460 Product details

12W AF Power Amplifier For Car Radio or Car Stereo




Similar Part No. - LA4460

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LA4460N SANYO-LA4460N Datasheet
479Kb / 12P
12W AF Power Amplifier for Car Radio, Car Stereo
More results


Similar Description - LA4460

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE1388 NTE-NTE1388 Datasheet
23Kb / 3P
Integrated Circuit Audio Power Amplifier, 5.8W, for Car Radio, Car Stereo
NTE1390 NTE-NTE1390 Datasheet
23Kb / 3P
Integrated Circuit Audio Power Amplifier, 12W for Car Radio or Car Stereo
NTE1394 NTE-NTE1394 Datasheet
24Kb / 2P
5.5W Dual Power Amplifier Car Radio, Car Stereo Output Audio Power Amplifier
NTE1802 NTE-NTE1802 Datasheet
31Kb / 4P
Integrated Circuit Power Amplifier for Car Stereo Radio, 12W/Ch or 24W BTL
logo
STMicroelectronics
TDA2004A STMICROELECTRONICS-TDA2004A Datasheet
164Kb / 10P
10 10W STEREO AMPLIFIER FOR CAR RADIO
Mar-1995
logo
Toshiba Semiconductor
TA7205AP TOSHIBA-TA7205AP Datasheet
414Kb / 5P
5.8W AUDIO POWER AMPLIFIER FOR CAR-STEREO, CAR-RADIO OUTPUT
logo
Sanyo Semicon Device
LA4465 SANYO-LA4465 Datasheet
143Kb / 3P
BTL-OCL 12W AF Power Amp For Car Stereo Use
LA4700N SANYO-LA4700N Datasheet
137Kb / 5P
2-Channel 12W AF Power Amplifier for Car Stereos
LA4460N SANYO-LA4460N Datasheet
479Kb / 12P
12W AF Power Amplifier for Car Radio, Car Stereo
logo
Unisonic Technologies
TDA2004 UTC-TDA2004 Datasheet
89Kb / 8P
1010W STEREO AMPLIFIER FOR CAR RADIO
More results




About Sanyo Semicon Device


Sanyo Semiconductor Device Corporation, or Sanyo Semicon Device, was a subsidiary of Sanyo Electric Co., Ltd., a Japanese electronics company. Sanyo Semicon Device was a manufacturer of semiconductor devices, including diodes, transistors, and other components for consumer electronics, automotive, and industrial applications. The company was established in 1970 and was headquartered in Osaka, Japan.

Sanyo Semicon Device was known for its high-quality products and its commitment to meeting the needs of its customers. The company had a strong focus on research and development and was involved in the development of new technologies and products for the semiconductor industry. Sanyo Semicon Device's products were widely used in a variety of applications and helped support the growth of the electronics industry.

In 2010, Sanyo Electric was acquired by Panasonic Corporation, a leading global electronics company. As a result, Sanyo Semicon Device became a subsidiary of Panasonic and was integrated into its semiconductor business. The acquisition allowed Panasonic to expand its product portfolio and offerings in the semiconductor market and further strengthen its position in the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com