Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LA4725 Datasheet (PDF) - Sanyo Semicon Device

LA4725 Datasheet PDF - Sanyo Semicon Device
Part # LA4725
Download  LA4725 Download
File Size   44.84 Kbytes
Page   3 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description 2-Channel BTL Power Amplifier 30 W30 W with Standby Switch for Car Stereos

LA4725 Datasheet (PDF)

Go To PDF Page Download Datasheet
LA4725 Datasheet PDF - Sanyo Semicon Device

Part # LA4725
Download  LA4725 Click to download

File Size   44.84 Kbytes
Page   3 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description 2-Channel BTL Power Amplifier 30 W30 W with Standby Switch for Car Stereos

LA4725 Datasheet (HTML) - Sanyo Semicon Device


LA4725 Product details

Overview

The LA4725 is a 2-channel BTL audio power amplifier IC for Car audio. It was designed for the best possible audio quality and features an extended low band roll-off frequency provided by a newly-developed NF circuit that does not require an external capacitor. Furthermore, crosstalk, which can cause muddiness in the audio output, has been significantly reduced by both circuit and wiring pattern improvements. Thus this amplifier can provide powerful lows and clear highs.





Features

•Total output (EIAJ power): 30W+30W (at VCC= 14.4V, RL= 4Ω, THD = 30%)

•High-fidelity design (fL <10Hz, fH= 130kHz)

•Extremely low impulse noise levels

•An arbitrary amplifier startup time can be set up with external components

•built-in standby switch circuit

•Full complement of built-in protection circuits (includes circuits that protect against shorting to VCC, shorting to ground,

load shorting, over-voltages and excessive temperatures)




Similar Part No. - LA4725

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LA4725 SANYO-LA4725 Datasheet
129Kb / 8P
2-channel 30W BTL Audio Power Amplifier
logo
ON Semiconductor
LA4725 ONSEMI-LA4725 Datasheet
156Kb / 8P
2-channel 30W BTL Audio Amplifier
May, 2013
logo
Sanyo Semicon Device
LA4725 SANYO-LA4725_09 Datasheet
129Kb / 8P
2-channel 30W BTL Audio Power Amplifier
More results


Similar Description - LA4725

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
AN7164 PANASONIC-AN7164 Datasheet
39Kb / 3P
30 W BTL audio power amplifier
logo
NXP Semiconductors
TDA1516CQ PHILIPS-TDA1516CQ Datasheet
68Kb / 10P
24 W BTL car radio power amplifier
July 1994
TDA1519B PHILIPS-TDA1519B Datasheet
118Kb / 12P
12 W BTL or 2 x 6 W stereo car radio power amplifier
May 1992
logo
Sanyo Semicon Device
LA4705 SANYO-LA4705 Datasheet
258Kb / 8P
15 W 2-channel BTL AF Power Amplifier for Car Stereos
LA4708 SANYO-LA4708 Datasheet
204Kb / 9P
20 W 2-channel BTL AF Power Amplifier for Car Stereos
LA4728 SANYO-LA4728 Datasheet
44Kb / 3P
2-Channel BTL Power Amplifier 35 W35 W with Standby Switch for Car Stereos
LA4741 SANYO-LA4741 Datasheet
110Kb / 3P
42W 4-Channel BTL Power Amplifier for Car Stereos
LA47536 SANYO-LA47536 Datasheet
83Kb / 7P
Four-Channel 45 W BTL Car Audio Power Amplifier
LA4708N SANYO-LA4708N Datasheet
203Kb / 9P
Monolithic Linear IC For Car Stereos 20W 2-channel BTL AF Power Amplifier
logo
STMicroelectronics
TDA7265B STMICROELECTRONICS-TDA7265B Datasheet
814Kb / 18P
30 W 30 W stereo amplifier with mute and standby
19-Dec-2011
More results




About Sanyo Semicon Device


Sanyo Semiconductor Device Corporation, or Sanyo Semicon Device, was a subsidiary of Sanyo Electric Co., Ltd., a Japanese electronics company. Sanyo Semicon Device was a manufacturer of semiconductor devices, including diodes, transistors, and other components for consumer electronics, automotive, and industrial applications. The company was established in 1970 and was headquartered in Osaka, Japan.

Sanyo Semicon Device was known for its high-quality products and its commitment to meeting the needs of its customers. The company had a strong focus on research and development and was involved in the development of new technologies and products for the semiconductor industry. Sanyo Semicon Device's products were widely used in a variety of applications and helped support the growth of the electronics industry.

In 2010, Sanyo Electric was acquired by Panasonic Corporation, a leading global electronics company. As a result, Sanyo Semicon Device became a subsidiary of Panasonic and was integrated into its semiconductor business. The acquisition allowed Panasonic to expand its product portfolio and offerings in the semiconductor market and further strengthen its position in the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com