Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LA5004 Datasheet (PDF) - Sanyo Semicon Device

LA5004 Datasheet PDF - Sanyo Semicon Device
Part # LA5004
Download  LA5004 Download
File Size   94.11 Kbytes
Page   4 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description 2 to 5V 60mA Low Saturation Voltage Regulators

LA5004 Datasheet (PDF)

Go To PDF Page Download Datasheet
LA5004 Datasheet PDF - Sanyo Semicon Device

Part # LA5004
Download  LA5004 Click to download

File Size   94.11 Kbytes
Page   4 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description 2 to 5V 60mA Low Saturation Voltage Regulators

LA5004 Datasheet (HTML) - Sanyo Semicon Device


LA5004 Product details

The LA5002, 5003, 5004, 5005 are voltage regulators having a small input-output voltage drop (0.2V typ.)



They are especially suited for use in battery-powered low voltage equipment and commercial or industrial equipment having a large voltage regulation.




Similar Part No. - LA5004

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LA5004M SANYO-LA5004M Datasheet
226Kb / 6P
2 TO 10V 60MA LOW SATURATION VOLTAGE REGULATORS
More results


Similar Description - LA5004

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LP2954 NSC-LP2954 Datasheet
336Kb / 13P
5V and Adjustable Micropower Low-Dropout Voltage Regulators
logo
Leshan Radio Company
MMBT1010LT1 LRC-MMBT1010LT1 Datasheet
72Kb / 1P
Low Saturation Voltage
logo
Mitsumi Electronics, Co...
MM159X MITSUMI-MM159X Datasheet
86Kb / 8P
Low-Saturation 300mA Regulators
logo
Sanyo Semicon Device
LA5000M SANYO-LA5000M Datasheet
226Kb / 6P
2 TO 10V 60MA LOW SATURATION VOLTAGE REGULATORS
logo
Rohm
BA00DD0W-E ROHM-BA00DD0W-E Datasheet
493Kb / 20P
low-saturation regulators available for outputs up to 2A/1A. The output voltage
logo
IXYS Corporation
FII30-06D IXYS-FII30-06D Datasheet
395Kb / 5P
low saturation voltage
logo
MAKO SEMICONDUCTOR CO.,...
2SA1797 MAKOSEMI-2SA1797 Datasheet
122Kb / 2P
Low saturation voltage
logo
Inchange Semiconductor ...
D44C1 ISC-D44C1 Datasheet
191Kb / 2P
Low Saturation Voltage
D44C4 ISC-D44C4 Datasheet
191Kb / 2P
Low Saturation Voltage
D44C9 ISC-D44C9 Datasheet
191Kb / 2P
Low Saturation Voltage
More results




About Sanyo Semicon Device


Sanyo Semiconductor Device Corporation, or Sanyo Semicon Device, was a subsidiary of Sanyo Electric Co., Ltd., a Japanese electronics company. Sanyo Semicon Device was a manufacturer of semiconductor devices, including diodes, transistors, and other components for consumer electronics, automotive, and industrial applications. The company was established in 1970 and was headquartered in Osaka, Japan.

Sanyo Semicon Device was known for its high-quality products and its commitment to meeting the needs of its customers. The company had a strong focus on research and development and was involved in the development of new technologies and products for the semiconductor industry. Sanyo Semicon Device's products were widely used in a variety of applications and helped support the growth of the electronics industry.

In 2010, Sanyo Electric was acquired by Panasonic Corporation, a leading global electronics company. As a result, Sanyo Semicon Device became a subsidiary of Panasonic and was integrated into its semiconductor business. The acquisition allowed Panasonic to expand its product portfolio and offerings in the semiconductor market and further strengthen its position in the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com