Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

6358N Datasheet (PDF) - Sanyo Semicon Device

6358N Datasheet PDF - Sanyo Semicon Device
Part # 6358N
Download  6358N Download
File Size   108.14 Kbytes
Page   4 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description High-Performance Dual Operational Amplifiers

6358N Datasheet (PDF)

Go To PDF Page Download Datasheet
6358N Datasheet PDF - Sanyo Semicon Device

Part # 6358N
Download  6358N Click to download

File Size   108.14 Kbytes
Page   4 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description High-Performance Dual Operational Amplifiers

6358N Datasheet (HTML) - Sanyo Semicon Device


6358N Product details

Overview
The LA6358 is a high-performance dualoperational amplifier that can operate from a single voltage power supply. It features a built-in phase correction circuit. It can also operate from a dual power supply with both positive and negative levels and features low power consumption. The LA6358NT can be used in a wide range of industrial applications as a transducer amplifier for all types of transducers, as a DC amplifier circuit, and for other purposes as well.

Functions
• Eliminates need for phase compensation
• Wide range of operating supply voltage : 3.0V to 30.0V (single power supply)
                                                                  : ±1.5 to ±15.0V (dual power supply)
• Input voltage swingable down to nearly ground level and output voltage range VOUT of 0 to VCC-1.5V
• Low current dissipation : ICC = 0.5mA typ/VCC = +5V, RL = ∞




Similar Part No. - 6358N

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
6358NS SANYO-6358NS Datasheet
164Kb / 7P
High-Performance Dual Operational Amplifiers
6358NT SANYO-6358NT Datasheet
164Kb / 7P
High-Performance Dual Operational Amplifiers
More results


Similar Description - 6358N

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
LS204 STMICROELECTRONICS-LS204 Datasheet
141Kb / 10P
HIGH PERFORMANCE DUAL OPERATIONAL AMPLIFIERS
Apr-1998
logo
Sanyo Semicon Device
LA6458M SANYO-LA6458M Datasheet
99Kb / 5P
High-Performance Dual Operational Amplifiers
LA6462M SANYO-LA6462M Datasheet
107Kb / 5P
High-Performance Dual Operational Amplifiers
LA6458D SANYO-LA6458D Datasheet
160Kb / 4P
High-Performance Dual Operational Amplifiers
logo
National Semiconductor ...
LH2101A NSC-LH2101A Datasheet
85Kb / 3P
DUAL HIGH PERFORMANCE OPERATIONAL AMPLIFIERS
logo
STMicroelectronics
MC1458 STMICROELECTRONICS-MC1458 Datasheet
136Kb / 6P
HIGH PERFORMANCE DUAL OPERATIONAL AMPLIFIERS
Dec-2001
logo
Sanyo Semicon Device
LA6358N SANYO-LA6358N_10 Datasheet
164Kb / 7P
High-Performance Dual Operational Amplifiers
LA6358N SANYO-LA6358N_12 Datasheet
92Kb / 7P
High-Performance Dual Operational Amplifiers
logo
STMicroelectronics
MC1458ID STMICROELECTRONICS-MC1458ID Datasheet
142Kb / 6P
HIGH PERFORMANCE DUAL OPERATIONAL AMPLIFIERS
Dec-2001
MC1458IN STMICROELECTRONICS-MC1458IN Datasheet
142Kb / 6P
HIGH PERFORMANCE DUAL OPERATIONAL AMPLIFIERS
Dec-2001
More results




About Sanyo Semicon Device


Sanyo Semiconductor Device Corporation, or Sanyo Semicon Device, was a subsidiary of Sanyo Electric Co., Ltd., a Japanese electronics company. Sanyo Semicon Device was a manufacturer of semiconductor devices, including diodes, transistors, and other components for consumer electronics, automotive, and industrial applications. The company was established in 1970 and was headquartered in Osaka, Japan.

Sanyo Semicon Device was known for its high-quality products and its commitment to meeting the needs of its customers. The company had a strong focus on research and development and was involved in the development of new technologies and products for the semiconductor industry. Sanyo Semicon Device's products were widely used in a variety of applications and helped support the growth of the electronics industry.

In 2010, Sanyo Electric was acquired by Panasonic Corporation, a leading global electronics company. As a result, Sanyo Semicon Device became a subsidiary of Panasonic and was integrated into its semiconductor business. The acquisition allowed Panasonic to expand its product portfolio and offerings in the semiconductor market and further strengthen its position in the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com