Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LA6538T Datasheet (PDF) - Sanyo Semicon Device

LA6538T Datasheet PDF - Sanyo Semicon Device
Part # LA6538T
Download  LA6538T Download
File Size   44.7 Kbytes
Page   6 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description Single-Phase Full-Wave Fan Motor Driver

LA6538T Datasheet (PDF)

Go To PDF Page Download Datasheet
LA6538T Datasheet PDF - Sanyo Semicon Device

Part # LA6538T
Download  LA6538T Click to download

File Size   44.7 Kbytes
Page   6 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description Single-Phase Full-Wave Fan Motor Driver

LA6538T Datasheet (HTML) - Sanyo Semicon Device


LA6538T Product details

Overview
The LA6538T is optimal for use as a fan motor driver in equipment, such as notebook personal computers and electronic game units, that requires miniaturization and low noise levels. This device achieves highly efficient single-phase bipolar fan motor drive by providing a low saturation voltage BTL output.

Functions and Features
• BTL output single-phase full-wave linear drive (gain resistance: 180 to 500 kΩ, 360×)
    — Since this device generates no switching noise, it is optimal for fan drive in audio equipment, electronic games, and notebook personal computers.
• Supports low-voltage operation and features a wide usable voltage range (VCC = 2.5 to 9.5 V).
• Low saturation voltage output (Upper side + lower side saturation voltage: VOsat(total) = 0.2 V (typ), IO = 100 mA)
    — This device achieves a high coil efficiency for low current drain, and generates minimal heat in the IC itself.
• Constant-voltage Hall bias output.
    — The Hall element is regulated at 2.1 V, and the device provides a stable Hall output with excellent temperature characteristics.
• FG output
    — The LA6538T provides a speed detection output (an open-collector output).
• Built-in thermal protection circuit
    — This circuit limits the drive current to prevent damage to or destruction of the IC when the IC chip temperature exceeds 180°C due to excessive output current caused by load shorting or other problem.
• Ultraminiature package (MSOP-8: 3.0 × 4.9 × 0.93 mm3)
    — Allows the circuit board to be miniaturized and a large heat sink to be used.




Similar Part No. - LA6538T

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LA6530 SANYO-LA6530 Datasheet
70Kb / 3P
2-Channel BTL-Use Drivers
LA6530M SANYO-LA6530M Datasheet
81Kb / 4P
2-channel Bridge Driver for CD and CD-ROMs
LA6531 SANYO-LA6531 Datasheet
70Kb / 3P
2-Channel BTL-Use Drivers
LA6532 SANYO-LA6532 Datasheet
77Kb / 3P
4-Channel BTL-Use Driver
LA6532M SANYO-LA6532M Datasheet
77Kb / 3P
4-Channel BTL-Use Driver
More results


Similar Description - LA6538T

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LB1862 SANYO-LB1862 Datasheet
41Kb / 7P
Fan Motor Single-Phase Full-Wave Driver
logo
List of Unclassifed Man...
AP1302 ETC1-AP1302 Datasheet
139Kb / 6P
SINGLE-PHASE FULL-WAVE FAN MOTOR DRIVER
logo
Sanyo Semicon Device
LB11862M SANYO-LB11862M Datasheet
393Kb / 5P
Single-Phase Full-Wave Fan Motor Driver
logo
Agamem Microelectronic ...
AA51861 AGAMEM-AA51861 Datasheet
37Kb / 1P
SINGLE-PHASE FULL-WAVE FAN MOTOR DRIVER
logo
Sanyo Semicon Device
LB11862M_0611 SANYO-LB11862M_0611 Datasheet
106Kb / 5P
Single-Phase Full-Wave Fan Motor Driver
LB11961 SANYO-LB11961 Datasheet
119Kb / 7P
Single-Phase Full-Wave Fan Motor Driver
LB11964T SANYO-LB11964T Datasheet
77Kb / 5P
Single-Phase Full-Wave Fan Motor Driver
logo
ON Semiconductor
LB11961-TLM-H ONSEMI-LB11961-TLM-H Datasheet
84Kb / 7P
Single-Phase Full-Wave Fan Motor Driver
May, 2013
LB11861MC-AH ONSEMI-LB11861MC-AH Datasheet
70Kb / 5P
Single-Phase Full-Wave Fan Motor Driver
May, 2013
LB11862MC ONSEMI-LB11862MC Datasheet
152Kb / 6P
Fan Motor Driver Single-Phase, Full-Wave
September 2015- Rev. 2
More results




About Sanyo Semicon Device


Sanyo Semiconductor Device Corporation, or Sanyo Semicon Device, was a subsidiary of Sanyo Electric Co., Ltd., a Japanese electronics company. Sanyo Semicon Device was a manufacturer of semiconductor devices, including diodes, transistors, and other components for consumer electronics, automotive, and industrial applications. The company was established in 1970 and was headquartered in Osaka, Japan.

Sanyo Semicon Device was known for its high-quality products and its commitment to meeting the needs of its customers. The company had a strong focus on research and development and was involved in the development of new technologies and products for the semiconductor industry. Sanyo Semicon Device's products were widely used in a variety of applications and helped support the growth of the electronics industry.

In 2010, Sanyo Electric was acquired by Panasonic Corporation, a leading global electronics company. As a result, Sanyo Semicon Device became a subsidiary of Panasonic and was integrated into its semiconductor business. The acquisition allowed Panasonic to expand its product portfolio and offerings in the semiconductor market and further strengthen its position in the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com