Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74LVC1G86FX4-7 Datasheet (PDF) - Diodes Incorporated

74LVC1G86FX4-7 Datasheet PDF - Diodes Incorporated
Part # 74LVC1G86FX4-7
Download  74LVC1G86FX4-7 Download
File Size   245.88 Kbytes
Page   14 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description SINGLE 2 INPUT EXCLUSIVE OR GATE

74LVC1G86FX4-7 Datasheet (PDF)

Go To PDF Page Download Datasheet
74LVC1G86FX4-7 Datasheet PDF - Diodes Incorporated

Part # 74LVC1G86FX4-7
Download  74LVC1G86FX4-7 Click to download

File Size   245.88 Kbytes
Page   14 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description SINGLE 2 INPUT EXCLUSIVE OR GATE

74LVC1G86FX4-7 Datasheet (HTML) - Diodes Incorporated


74LVC1G86FX4-7 Product details

Description

The 74LVC1G86 is a single 2-input EXCLUSIVE OR gate with a standard totem pole output. The device is designed for operation with a power supply range of 1.65V to 5.5V. The inputs are tolerant to 5.5V allowing this device to be used in a mixed voltage environment. The device is fully specified for partial power down applications using IOFF. The IOFF circuitry disables the output preventing damaging current backflow when the device is powered down.



Features

•  Wide Supply Voltage Range from 1.65 to 5.5V

•  ± 24mA Output Drive at 3.3V

•  CMOS low power consumption

• IOFFSupports Partial-Power-Down Mode Operation

•  Inputs accept up to 5.5V

•  ESD Protection Tested per JESD 22

Exceeds 200-V Machine Model (A115-A)

Exceeds 2000-V Human Body Model (A114-A)

•  Latch-Up Exceeds 100mA per JESD 78, Class II

•  Range of Package Options

•  Direct Interface with TTL Levels

•  SOT25, SOT353, and DFN1410: Assembled with “Green” Molding Compound (no Br, Sb)

•  Lead Free Finish/ RoHS Compliant



Applications

• Voltage Level Shifting

•  Bus Driver / Repeater

•  Parity Bit Generation

•  Selectable signal Inverter

•  Power Down Signal Isolation

•  General Purpose Logic

•  Wide array of products such as.

   o PCs, networking, notebooks, netbooks, PDAs

   o Computer peripherals, hard drives, CD/DVD ROM

   o TV, DVD, DVR, set top box

   o Cell Phones, Personal Navigation / GPS

   o MP3 players ,Cameras, Video Recorders




Similar Part No. - 74LVC1G86FX4-7

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
74LVC1G86FW4-7 DIODES-74LVC1G86FW4-7 Datasheet
165Kb / 12P
SINGLE 2 INPUT EXCLUSIVE OR GATE
Rev 6
74LVC1G86FZ4-7 DIODES-74LVC1G86FZ4-7 Datasheet
165Kb / 12P
SINGLE 2 INPUT EXCLUSIVE OR GATE
Rev 6
More results


Similar Description - 74LVC1G86FX4-7

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74AHCT1G86 TI-SN74AHCT1G86 Datasheet
70Kb / 5P
SINGLE 2-INPUT EXCLUSIVE-OR GATE
SN74AUC1G86 TI-SN74AUC1G86 Datasheet
358Kb / 13P
SINGLE 2-INPUT EXCLUSIVE OR GATE
SN74LVC1G86 TI-SN74LVC1G86_08 Datasheet
535Kb / 15P
SINGLE 2-INPUT EXCLUSIVE-OR GATE
SN74LVC1G86_081 TI-SN74LVC1G86_081 Datasheet
642Kb / 16P
SINGLE 2-INPUT EXCLUSIVE-OR GATE
SN74AUC1G86 TI-SN74AUC1G86_08 Datasheet
498Kb / 12P
SINGLE 2-INPUT EXCLUSIVE-OR GATE
logo
ON Semiconductor
NLU1G86 ONSEMI-NLU1G86 Datasheet
100Kb / 8P
Single 2-Input Exclusive OR Gate
March, 2008 - Rev. 1
logo
Texas Instruments
SN74AHC1G86-Q1 TI1-SN74AHC1G86-Q1 Datasheet
583Kb / 12P
SINGLE 2-INPUT EXCLUSIVE-OR GATE
SN74AHCT1G86DBVR TI1-SN74AHCT1G86DBVR Datasheet
832Kb / 13P
SINGLE 2-INPUT EXCLUSIVE-OR GATE
logo
ON Semiconductor
MC74VHC1G86 ONSEMI-MC74VHC1G86_18 Datasheet
207Kb / 14P
Single 2-Input Exclusive OR Gate
November, 2018 ??Rev. 20
MC74VHC1G86 ONSEMI-MC74VHC1G86_V01 Datasheet
179Kb / 16P
Single 2-Input Exclusive OR Gate
April, 2022 ??Rev. 23
More results




About Diodes Incorporated


Diodes Incorporated is a publicly traded company that designs, manufactures, and supplies a wide range of discrete, analog, and mixed-signal semiconductors and complete power solutions.
The company was founded in 1964 and is headquartered in Plano, Texas.
It operates globally with sales, support, and design centers in North America, Europe, and Asia.
Diodes Incorporated serves a variety of industries, including automotive, communications, computing, consumer, and industrial.
The company offers a wide range of products, including diodes, rectifiers, transistors, voltage regulators, MOSFETs, LED drivers, and protection devices, among others.
The company's mission is to provide customers with high-quality, high-reliability products and excellent customer service.
With a focus on innovation and customer satisfaction, Diodes Incorporated is committed to becoming a leading provider of power management solutions.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com