Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SMD0805 Datasheet (PDF) - Diodes Incorporated

SMD0805 Datasheet PDF - Diodes Incorporated
Part # SMD0805
Download  SMD0805 Download
File Size   856.82 Kbytes
Page   33 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description 60V HIGH ACCURACY BUCK/BOOST/BUCK-BOOST LED DRIVER CONTROLLER

SMD0805 Datasheet (PDF)

Go To PDF Page Download Datasheet
SMD0805 Datasheet PDF - Diodes Incorporated

Part # SMD0805
Download  SMD0805 Click to download

File Size   856.82 Kbytes
Page   33 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description 60V HIGH ACCURACY BUCK/BOOST/BUCK-BOOST LED DRIVER CONTROLLER

SMD0805 Datasheet (HTML) - Diodes Incorporated


SMD0805 Product details

Description
The ZXLD1370 is an LED driver controller IC for driving external MOSFETs to drive high current LEDs. It is a multi topology controller enabling it to efficiently control the current through series connected LEDs. The multi-topology enables it to operate in buck, boost and buck-boost configurations. The 60V capability coupled with its multi-topology capability enables it to be used in a wide range of applications and drive in excess of 15 LEDs in series.

Features
• 0.5% typical output current accuracy
• 6 to 60V operating voltage range
• LED driver supports Buck, Boost and Buck-boost
• configurations
• Wide dynamic range dimming
   o 20:1 DC dimming
   o 1000:1 dimming range at 500Hz
• Up to 1MHz switching
• High temperature control of LED current using TADJ




Similar Part No. - SMD0805

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SMD0805 ETC1-SMD0805 Datasheet
80Kb / 2P
SMD Type, 6 V / 9 V / 15V
logo
Littelfuse
SMD0805 LITTELFUSE-SMD0805 Datasheet
88Kb / 2P
These devices offer wide range in hold currents from 0.1 A to 1.0 A and voltages from 6 V to 15 V
logo
HuaXinAn Electronics CO...
SMD0805 HUAXINAN-SMD0805 Datasheet
406Kb / 6P
Resettable Fuse PTC SMD0805 Series
SMD0805 HUAXINAN-SMD0805 Datasheet
413Kb / 7P
Low Resistance Resettable Fuse PTC SMD0805 Series
SMD0805 HUAXINAN-SMD0805 Datasheet
405Kb / 6P
Resettable Fuse PTC SMD0805 Series
More results


Similar Description - SMD0805

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
ZXLD1374 DIODES-ZXLD1374 Datasheet
733Kb / 35P
60V HIGH ACCURACY 1.5A BUCK/BOOST/BUCK-BOOST LED DRIVER CONVERTER
DS35032 Rev. 1 - 2
ZXLD1370 DIODES-ZXLD1370_11 Datasheet
731Kb / 35P
60V HIGH ACCURACY BUCK/BOOST/BUCK-BOOST LED DRIVER CONTROLLER
Rev 3
ZXLD1370_1103 DIODES-ZXLD1370_1103 Datasheet
859Kb / 36P
60V HIGH ACCURACY BUCK/BOOST/BUCK-BOOST LED DRIVER-CONTROLLER WITH AEC-Q100
Rev 4
ZXLD1374 DIODES-ZXLD1374_11 Datasheet
844Kb / 37P
60V HIGH ACCURACY 1.5A BUCK/BOOST/BUCK-BOOST
Rev 2
ZXLD1371 DIODES-ZXLD1371 Datasheet
1Mb / 42P
60V HIGH ACCURACY BUCK/BOOST/BUCK-BOOST LED DRIVER-CONTROLLER
FEBRUARY 2012
logo
Linear Technology
LT3791 LINER-LT3791_15 Datasheet
403Kb / 28P
60V 4-Switch Synchronous Buck-Boost LED Driver Controller
LT8391AIFE LINER-LT8391AIFE Datasheet
533Kb / 10P
60V 2MHz Synchronous Buck-Boost LED Driver
logo
Diodes Incorporated
ZXLD1370 DIODES-ZXLD1370_16 Datasheet
1Mb / 40P
60V HIGH ACCURACY BUCK/BOOST/BUCK-BOOST
Rev 6
logo
QX Micro Devices Co.,Lt...
QX5278 QXMD-QX5278 Datasheet
810Kb / 2P
Buck-boost LED driver
logo
Diodes Incorporated
AL8871Q DIODES-AL8871Q Datasheet
772Kb / 28P
60V BUCK-BOOST LED CONTROLLER
August 2020
More results




About Diodes Incorporated


Diodes Incorporated is a publicly traded company that designs, manufactures, and supplies a wide range of discrete, analog, and mixed-signal semiconductors and complete power solutions.
The company was founded in 1964 and is headquartered in Plano, Texas.
It operates globally with sales, support, and design centers in North America, Europe, and Asia.
Diodes Incorporated serves a variety of industries, including automotive, communications, computing, consumer, and industrial.
The company offers a wide range of products, including diodes, rectifiers, transistors, voltage regulators, MOSFETs, LED drivers, and protection devices, among others.
The company's mission is to provide customers with high-quality, high-reliability products and excellent customer service.
With a focus on innovation and customer satisfaction, Diodes Incorporated is committed to becoming a leading provider of power management solutions.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com