Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HTC-50M Datasheet (PDF) - Cooper Bussmann, Inc.

HTC-50M Datasheet PDF - Cooper Bussmann, Inc.
Part # HTC-50M
Download  HTC-50M Download
File Size   58.65 Kbytes
Page   1 Pages
Manufacturer  COOPER [Cooper Bussmann, Inc.]
Direct Link  http://www.cooperbussmann.com
Logo COOPER - Cooper Bussmann, Inc.
Description 5mm x 20mm Fuseholders

HTC-50M Datasheet (PDF)

Go To PDF Page Download Datasheet
HTC-50M Datasheet PDF - Cooper Bussmann, Inc.

Part # HTC-50M
Download  HTC-50M Click to download

File Size   58.65 Kbytes
Page   1 Pages
Manufacturer  COOPER [Cooper Bussmann, Inc.]
Direct Link  http://www.cooperbussmann.com
Logo COOPER - Cooper Bussmann, Inc.
Description 5mm x 20mm Fuseholders

HTC-50M Datasheet (HTML) - Cooper Bussmann, Inc.




Similar Part No. - HTC-50M

ManufacturerPart #DatasheetDescription
logo
Eaton All Rights Reserv...
HTC-50M EATON-HTC-50M Datasheet
446Kb / 2P
PCB Fuse accessories for 5 mm fuses
More results


Similar Description - HTC-50M

ManufacturerPart #DatasheetDescription
logo
Littelfuse
286 LITTELFUSE-286 Datasheet
114Kb / 1P
Fuseholders - For 3AG, 5 x 20mm, or 2AG Fuses
571072 LITTELFUSE-571072 Datasheet
138Kb / 1P
Fuseholders - For 3AG, 5 x 20mm, or 2AG Fuses
logo
List of Unclassifed Man...
S506-32MA ETC2-S506-32MA Datasheet
265Kb / 2P
5mm x 20mm Fuses
logo
Cooper Bussmann, Inc.
GMD-125MA COOPER-GMD-125MA Datasheet
82Kb / 2P
5mm x 20mm Fuses
logo
LUMEX INC.
SSB-LX2350IGW LUMEX-SSB-LX2350IGW Datasheet
138Kb / 1P
5mm X 20mm 4 CHIP LIGHT BAR
SSB-LX2450AW LUMEX-SSB-LX2450AW Datasheet
53Kb / 1P
5mm X 20mm 4 CHIP LIGHT BAR
SSB-LX2450YW LUMEX-SSB-LX2450YW Datasheet
133Kb / 1P
5mm X 20mm 4 CHIP LIGHT BAR
SSB-LX2550GD LUMEX-SSB-LX2550GD Datasheet
130Kb / 1P
5mm X 20mm 4 CHIP LIGHT BAR
SSB-LX2550SGD LUMEX-SSB-LX2550SGD Datasheet
53Kb / 1P
5mm X 20mm 4 CHIP LIGHT BAR
SSB-LX2550SGW LUMEX-SSB-LX2550SGW Datasheet
53Kb / 1P
5mm X 20mm 4 CHIP LIGHT BAR
More results




About Cooper Bussmann, Inc.


Cooper Bussmann, Inc. is a company that specializes in providing electrical safety and circuit protection solutions. The company was founded in 1914 and is headquartered in St. Louis, Missouri, USA.

Cooper Bussmann offers a wide range of products, including fuses, fuse blocks, power distribution blocks, disconnect switches, and surge protective devices. These products are used in various applications, such as power generation, transmission, and distribution, as well as in industrial, commercial, and residential settings.

In 2008, Cooper Bussmann was acquired by Eaton Corporation, a multinational power management company. Today, the company operates as a business unit of Eaton's Electrical Sector.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com