Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SMAT70A Datasheet (PDF) - Diodes Incorporated

SMAT70A Datasheet PDF - Diodes Incorporated
Part # SMAT70A
Download  SMAT70A Download
File Size   123.22 Kbytes
Page   4 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description 400W, 600W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR

SMAT70A Datasheet (PDF)

Go To PDF Page Download Datasheet
SMAT70A Datasheet PDF - Diodes Incorporated

Part # SMAT70A
Download  SMAT70A Click to download

File Size   123.22 Kbytes
Page   4 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description 400W, 600W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR

SMAT70A Datasheet (HTML) - Diodes Incorporated


SMAT70A Product details

Features
• 400, 600W Peak Pulse Power Dissipation
• 70V Standoff Voltage
• 100V Maximum Clamping Voltage - A requirement of many -
48V Backplane Telecom Applications
• Glass Passivated Die Construction
• Fast Response Time: Typically less than 1 ps
• Lead Free Finish, RoHS Compliant (Note 4)
• Green Molding Compound (No Halogen and Antimony)
(Note 5)
• Qualified to AEC-Q101 Standards for High Reliability




Similar Part No. - SMAT70A

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
SMAT70A DIODES-SMAT70A Datasheet
79Kb / 3P
400W, 600W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
DS30213 Rev. D-2
SMAT70A-13 DIODES-SMAT70A-13 Datasheet
79Kb / 3P
400W, 600W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
DS30213 Rev. D-2
SMAT70A-13-F DIODES-SMAT70A-13-F Datasheet
80Kb / 3P
400W, 600W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
DS30213 Rev. 7 - 2
SMAT70A DIODES-SMAT70A_1 Datasheet
80Kb / 3P
400W, 600W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
DS30213 Rev. 7 - 2
More results


Similar Description - SMAT70A

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
SMAT70A DIODES-SMAT70A Datasheet
79Kb / 3P
400W, 600W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
DS30213 Rev. D-2
SMAJ50CA DIODES-SMAJ50CA_1 Datasheet
81Kb / 4P
400W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
DS19005 Rev. 13 - 2
SMAT70A DIODES-SMAT70A_1 Datasheet
80Kb / 3P
400W, 600W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
DS30213 Rev. 7 - 2
logo
Won-Top Electronics
P4SMAJ WTE-P4SMAJ_06 Datasheet
81Kb / 6P
400W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
P4SMAJ180 WTE-P4SMAJ180 Datasheet
69Kb / 5P
400W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
TAITRON Components Inco...
SMAJ5 TAITRON-SMAJ5 Datasheet
160Kb / 6P
400W Surface Mount Transient Voltage Suppressor
logo
Frontier Electronics.
P4SMAJ5.0 FRONTIER-P4SMAJ5.0 Datasheet
135Kb / 4P
400W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Diodes Incorporated
SMAJ18A-13 DIODES-SMAJ18A-13 Datasheet
118Kb / 5P
400W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
Rev 16
SMAJ10A-13 DIODES-SMAJ10A-13 Datasheet
118Kb / 5P
400W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
Rev 16
P4SMAJ5.0ADF DIODES-P4SMAJ5.0ADF Datasheet
426Kb / 6P
400W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
Rev 2
More results




About Diodes Incorporated


Diodes Incorporated is a publicly traded company that designs, manufactures, and supplies a wide range of discrete, analog, and mixed-signal semiconductors and complete power solutions.
The company was founded in 1964 and is headquartered in Plano, Texas.
It operates globally with sales, support, and design centers in North America, Europe, and Asia.
Diodes Incorporated serves a variety of industries, including automotive, communications, computing, consumer, and industrial.
The company offers a wide range of products, including diodes, rectifiers, transistors, voltage regulators, MOSFETs, LED drivers, and protection devices, among others.
The company's mission is to provide customers with high-quality, high-reliability products and excellent customer service.
With a focus on innovation and customer satisfaction, Diodes Incorporated is committed to becoming a leading provider of power management solutions.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com