Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M22-7130342 Datasheet (PDF) - Harwin Plc

M22-7130342 Datasheet PDF - Harwin Plc
Part # M22-7130342
Download  M22-7130342 Download
File Size   79.03 Kbytes
Page   1 Pages
Manufacturer  HARWIN [Harwin Plc]
Direct Link  http://www.harwin.com
Logo HARWIN - Harwin Plc
Description 2.00 mm PITCH SIL VERTICAL SOCKET ASSEMBLY

M22-7130342 Datasheet (PDF)

Go To PDF Page Download Datasheet
M22-7130342 Datasheet PDF - Harwin Plc

Part # M22-7130342
Download  M22-7130342 Click to download

File Size   79.03 Kbytes
Page   1 Pages
Manufacturer  HARWIN [Harwin Plc]
Direct Link  http://www.harwin.com
Logo HARWIN - Harwin Plc
Description 2.00 mm PITCH SIL VERTICAL SOCKET ASSEMBLY

M22-7130342 Datasheet (HTML) - Harwin Plc


M22-7130342 Product details

2.00mm PITCH SIL VERTICAL SOCKET ASSEMBLY




Similar Part No. - M22-7130342

ManufacturerPart #DatasheetDescription
logo
Harwin Plc
M22-7130542 HARWIN-M22-7130542 Datasheet
57Kb / 2P
2.00mm PITCH SIL VERTICAL SOCKET ASSEMBLY
More results


Similar Description - M22-7130342

ManufacturerPart #DatasheetDescription
logo
Harwin Plc
M22-7140342 HARWIN-M22-7140342 Datasheet
106Kb / 1P
2.00 mm PITCH DIL VERTICAL SOCKET ASSEMBLY
M50-3000345 HARWIN-M50-3000345 Datasheet
61Kb / 1P
1.27 mm PITCH DIL VERTICAL SOCKET ASSEMBLY
M80-8970201 HARWIN-M80-8970201 Datasheet
110Kb / 1P
DATAMATE 2mm PITCH SIL VERTICAL PC TAIL SOCKET ASSEMBLY
M20-7820446 HARWIN-M20-7820446 Datasheet
55Kb / 1P
2.54mm PITCH SIL VERTICAL PC TAIL SOCKET ASSEMBLY
M22-7130542 HARWIN-M22-7130542 Datasheet
57Kb / 2P
2.00mm PITCH SIL VERTICAL SOCKET ASSEMBLY
M80-8450242 HARWIN-M80-8450242 Datasheet
73Kb / 1P
DATAMATE CRIMP SIL SOCKET ASSEMBLY
M20-7820242 HARWIN-M20-7820242 Datasheet
56Kb / 1P
2.54mm PITCH SIL VERTICAL PC TALL SOCKET ASSEMBLY
M50-3030242 HARWIN-M50-3030242 Datasheet
58Kb / 1P
1.27mm PITCH SIL VERTICAL SOCKET
M50-3140245R HARWIN-M50-3140245R Datasheet
124Kb / 2P
1.27mm PITCH, SIL VERTICAL SMT SOCKET
M52-5050345 HARWIN-M52-5050345 Datasheet
80Kb / 1P
1.27mm PITCH SIL VERTICAL SMT SOCKET ASSY
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com