Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LB1832V Datasheet (PDF) - Sanyo Semicon Device

LB1832V Datasheet PDF - Sanyo Semicon Device
Part # LB1832V
Download  LB1832V Download
File Size   126.14 Kbytes
Page   7 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description Low-Saturation 1.5-Channel 3 V Drive Bidirectional Driver

LB1832V Datasheet (PDF)

Go To PDF Page Download Datasheet
LB1832V Datasheet PDF - Sanyo Semicon Device

Part # LB1832V
Download  LB1832V Click to download

File Size   126.14 Kbytes
Page   7 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description Low-Saturation 1.5-Channel 3 V Drive Bidirectional Driver

LB1832V Datasheet (HTML) - Sanyo Semicon Device


LB1832V Product details

Overview
The LB1832V is a bidirectional driver IC that includes an on-chip low-voltage low-saturation 1.5-channel bridge and is provided in a miniature package. It is therefore optimal for cameras that use 3 V lithium batteries. This IC allows direct drive from the control microprocessor and supports control of standby, forward, reverse, and braking operations for two motors, i.e. the film take-up and lens drive motors, from three inputs.
   
Features
• Supports low-voltage drive.
    — When the same power supply is used for VCC and
        VS: VCC = VS = 1.6 V min.
    — When different power supplies are used for VCC and
        VS: VS = 1.0 V min, VCC = 2.5 V min.
• Low saturation voltage (Upper side transistor plus lower
    side transistor remaining voltage: 0.6 V (typ) at 1 A)
• Zero current drain in standby mode
• 1.5-channel bidirectional driver that can be directly
    driven from the control microprocessor
• Separate logic and motor power supply connections
• Brake function
• Built-in spark killer diode
• Miniature package (SSOP-24)
   




Similar Part No. - LB1832V

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LB1830 SANYO-LB1830 Datasheet
36Kb / 3P
Low-Saturation Bidirectional Motor Driver for Low-Voltage Applications
LB1830M SANYO-LB1830M Datasheet
36Kb / 3P
Low-Saturation Bidirectional Motor Driver for Low-Voltage Applications
LB1830M SANYO-LB1830M Datasheet
89Kb / 4P
Low-Voltage, Low-Saturation Bidirectional Motor Driver
LB1830MC SANYO-LB1830MC Datasheet
80Kb / 4P
Bidirectional Motor Driver
logo
ON Semiconductor
LB1830MC ONSEMI-LB1830MC Datasheet
67Kb / 4P
Bidirectional Motor Driver
May, 2013
More results


Similar Description - LB1832V

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LB1838JM SANYO-LB1838JM Datasheet
77Kb / 5P
Monolithic Digital IC Low-Saturation Bidirectional Motor Driver for Low-Voltage Drive
LB1836M SANYO-LB1836M_10 Datasheet
132Kb / 6P
Low-Saturation Bidirectional Motor Driver for Low-Voltage Drive
LB1838JM SANYO-LB1838JM_10 Datasheet
157Kb / 5P
Low-Saturation Bidirectional Motor Driver for Low-Voltage Drive
LB1836M SANYO-LB1836M_12 Datasheet
127Kb / 6P
Low-Saturation Bidirectional Motor Driver for Low-Voltage Drive
logo
ON Semiconductor
LB1836M ONSEMI-LB1836M Datasheet
76Kb / 6P
Monolithic Digital IC Low-Saturation Bidirectional Motor Driver for Low-Voltage Drive
June, 2013
LB1836M-MPB-E ONSEMI-LB1836M-MPB-E Datasheet
76Kb / 6P
Low-Saturation Bidirectional Motor Driver for Low-Voltage Drive
June, 2013
LB1836M-TLM-E ONSEMI-LB1836M-TLM-E Datasheet
76Kb / 6P
Low-Saturation Bidirectional Motor Driver for Low-Voltage Drive
June, 2013
LB1930MC-AH ONSEMI-LB1930MC-AH Datasheet
74Kb / 5P
Low-Voltage, Low-Saturation Bidirectional Motor Driver
May, 2013
LB1838JM ONSEMI-LB1838JM Datasheet
72Kb / 5P
Low-Saturation Bidirectional Motor Driver
June, 2013
LB1933M ONSEMI-LB1933M Datasheet
60Kb / 5P
Low-Saturation Bidirectional Motor Driver
June, 2013
More results




About Sanyo Semicon Device


Sanyo Semiconductor Device Corporation, or Sanyo Semicon Device, was a subsidiary of Sanyo Electric Co., Ltd., a Japanese electronics company. Sanyo Semicon Device was a manufacturer of semiconductor devices, including diodes, transistors, and other components for consumer electronics, automotive, and industrial applications. The company was established in 1970 and was headquartered in Osaka, Japan.

Sanyo Semicon Device was known for its high-quality products and its commitment to meeting the needs of its customers. The company had a strong focus on research and development and was involved in the development of new technologies and products for the semiconductor industry. Sanyo Semicon Device's products were widely used in a variety of applications and helped support the growth of the electronics industry.

In 2010, Sanyo Electric was acquired by Panasonic Corporation, a leading global electronics company. As a result, Sanyo Semicon Device became a subsidiary of Panasonic and was integrated into its semiconductor business. The acquisition allowed Panasonic to expand its product portfolio and offerings in the semiconductor market and further strengthen its position in the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com