Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FZT690B Datasheet (PDF) - Diodes Incorporated

FZT690B Datasheet PDF - Diodes Incorporated
Part # FZT690B
Download  FZT690B Download
File Size   108.24 Kbytes
Page   2 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description NPN SILICON PLANAR MEDIUM POWER HIGH GAIN TRANSISTOR

FZT690B Datasheet (PDF)

Go To PDF Page Download Datasheet
FZT690B Datasheet PDF - Diodes Incorporated

Part # FZT690B
Download  FZT690B Click to download

File Size   108.24 Kbytes
Page   2 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description NPN SILICON PLANAR MEDIUM POWER HIGH GAIN TRANSISTOR

FZT690B Datasheet (HTML) - Diodes Incorporated


FZT690B Product details

Features
• BVCEO > 45V
• BVCBO > 45V
• IC = 3.0A High Continuous Current
• hFE > 400 @ 1A and Low Saturation Voltage
• RCE(SAT) = 125mΩ @ 2A for Low Equivalent On-Resistance
• Very Low-Saturation Voltage
• Lead-Free Finish; RoHS Compliant (Notes 1 & 2)
• Halogen and Antimony Free. “Green” Device (Note 3)
• Qualified to AEC-Q101 Standards for High Reliability
• PPAP Capable (Note 4)

Applications
• Darlington Replacement
• Flash-Gun Convertors and Battery-Powered Circuits
• Siren Drivers, DC-DC Converters




Similar Part No. - FZT690B

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
FZT690B ZETEX-FZT690B Datasheet
95Kb / 2P
NPN SILICON PLANAR MEDIUM POWER HIGH GAIN TRANSISTOR
logo
Guangdong Kexin Industr...
FZT690B KEXIN-FZT690B Datasheet
38Kb / 2P
NPN Silicon Planar Medium Power High Gain Transistor
logo
Diodes Incorporated
FZT690BQTA DIODES-FZT690BQTA Datasheet
652Kb / 7P
45V NPN MEDIUM POWER HIGH GAIN TRANSISTOR
Rev 5
logo
List of Unclassifed Man...
FZT690BTA ETC2-FZT690BTA Datasheet
108Kb / 2P
NPN SILICON PLANAR MEDIUM POWER HIGH GAIN TRANSISTOR
logo
Diodes Incorporated
FZT690BTA DIODES-FZT690BTA Datasheet
652Kb / 7P
45V NPN MEDIUM POWER HIGH GAIN TRANSISTOR
Rev 5
More results


Similar Description - FZT690B

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
FZT1048A ZETEX-FZT1048A Datasheet
132Kb / 3P
NPN SILICON PLANAR MEDIUM POWER HIGH GAIN TRANSISTOR
ZTX1055A ZETEX-ZTX1055A Datasheet
123Kb / 4P
NPN SILICON PLANAR MEDIUM POWER HIGH GAIN TRANSISTOR
FXT690B ZETEX-FXT690B Datasheet
50Kb / 2P
NPN SILICON PLANAR MEDIUM POWER HIGH GAIN TRANSISTOR
logo
GTM CORPORATION
GL1501A GTM-GL1501A Datasheet
477Kb / 2P
NPN SILICON PLANAR MEDIUM POWER high gain TRANSISTOR
logo
Guangdong Kexin Industr...
FZT688B KEXIN-FZT688B Datasheet
37Kb / 2P
NPN Silicon Planar Medium Power High Gain Transistor
logo
Diodes Incorporated
ZTX618 DIODES-ZTX618 Datasheet
159Kb / 4P
NPN SILICON PLANAR MEDIUM POWER HIGH GAIN TRANSISTOR
JULY 1995
ZTX696B DIODES-ZTX696B Datasheet
64Kb / 3P
NPN SILICON PLANAR MEDIUM POWER HIGH GAIN TRANSISTOR
NOVEMBER 1995
ZTX690BSTZ DIODES-ZTX690BSTZ Datasheet
74Kb / 3P
NPN SILICON PLANAR MEDIUM POWER HIGH GAIN TRANSISTOR
MAY 1994
logo
List of Unclassifed Man...
ZTX618STZ ETC2-ZTX618STZ Datasheet
159Kb / 4P
NPN SILICON PLANAR MEDIUM POWER HIGH GAIN TRANSISTOR
logo
Diodes Incorporated
ZTX1048A DIODES-ZTX1048A_15 Datasheet
118Kb / 4P
NPN SILICON PLANAR MEDIUM POWER HIGH GAIN TRANSISTOR
FEBRUARY 1995
More results




About Diodes Incorporated


Diodes Incorporated is a publicly traded company that designs, manufactures, and supplies a wide range of discrete, analog, and mixed-signal semiconductors and complete power solutions.
The company was founded in 1964 and is headquartered in Plano, Texas.
It operates globally with sales, support, and design centers in North America, Europe, and Asia.
Diodes Incorporated serves a variety of industries, including automotive, communications, computing, consumer, and industrial.
The company offers a wide range of products, including diodes, rectifiers, transistors, voltage regulators, MOSFETs, LED drivers, and protection devices, among others.
The company's mission is to provide customers with high-quality, high-reliability products and excellent customer service.
With a focus on innovation and customer satisfaction, Diodes Incorporated is committed to becoming a leading provider of power management solutions.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com