Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZLDO485T8 Datasheet (PDF) - Diodes Incorporated

ZLDO485T8 Datasheet PDF - Diodes Incorporated
Part # ZLDO485T8
Download  ZLDO485T8 Download
File Size   127.17 Kbytes
Page   9 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description 4.85 VOLT ULTRA LOW DROPOUT REGULATOR

ZLDO485T8 Datasheet (PDF)

Go To PDF Page Download Datasheet
ZLDO485T8 Datasheet PDF - Diodes Incorporated

Part # ZLDO485T8
Download  ZLDO485T8 Click to download

File Size   127.17 Kbytes
Page   9 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description 4.85 VOLT ULTRA LOW DROPOUT REGULATOR

ZLDO485T8 Datasheet (HTML) - Diodes Incorporated


ZLDO485T8 Product details

DEVICE DESCRIPTION

The ZLDO Series low dropout linear regulators operate with an exceptionally low dropout voltage, typically only 30mV with a load current of 100mA. The regulator series features output voltages in the range 2.7 to 18 volts, this device provides an output voltage of 4.85 volts.

The ZLDO485 consumes a typical quiescent current of only 1mA and is rated to supply load currents up to 300mA. A battery low flag is available to indicate potential power fail situations. If the input voltage falls to within 200mV of the regulated output voltage then the error output pulls low. The device also features an active high disable control. Once disabled the ZLDO quiescent current falls to typically 11µA.



FEATURES

• Very low dropout voltage

• 6mV dropout at 10mA output

• 30mV dropout at 100mA output

• 100mV dropout at 300mA output

• 4.85 volt fixed output

• Other voltages available

• Low quiescent current

• 1mA quiescent (typ) at 300mA output

• Low battery flag

• Shutdown control

• Surface mount package



APPLICATIONS

• Battery powered devices

• Portable instruments

• Portable communications

• Laptop/Palmtop computers

• Electronic organisers



 




Similar Part No. - ZLDO485T8

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZLDO485T8 ZETEX-ZLDO485T8 Datasheet
114Kb / 9P
4.85 VOLT ULTRA LOW DROPOUT REGULATOR
More results


Similar Description - ZLDO485T8

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZLDO330 ZETEX-ZLDO330 Datasheet
86Kb / 9P
3.3 VOLT ULTRA LOW DROPOUT REGULATOR
ZLDO485 ZETEX-ZLDO485 Datasheet
114Kb / 9P
4.85 VOLT ULTRA LOW DROPOUT REGULATOR
ZLDO285 ZETEX-ZLDO285 Datasheet
83Kb / 9P
2.85 VOLT ULTRA LOW DROPOUT REGULATOR
ZLDO300 ZETEX-ZLDO300 Datasheet
242Kb / 9P
3.0 VOLT ULTRA LOW DROPOUT REGULATOR
logo
Diodes Incorporated
ZLDO330 DIODES-ZLDO330 Datasheet
99Kb / 9P
3.3 VOLT ULTRA LOW DROPOUT REGULATOR
MAY 1997
ZLDO330T8TA DIODES-ZLDO330T8TA Datasheet
99Kb / 9P
3.3 VOLT ULTRA LOW DROPOUT REGULATOR
MAY 1997
ZLDO330T8TA DIODES-ZLDO330T8TA Datasheet
99Kb / 9P
3.3 VOLT ULTRA LOW DROPOUT REGULATOR
MAY 1997
ZLDO300 DIODES-ZLDO300 Datasheet
243Kb / 9P
3.0 VOLT ULTRA LOW DROPOUT REGULATOR
JUNE 1997
ZLDO285 DIODES-ZLDO285 Datasheet
84Kb / 9P
2.85 VOLT ULTRA LOW DROPOUT REGULATOR
JUNE 1997
ZLDO270 DIODES-ZLDO270 Datasheet
86Kb / 9P
2.70 VOLT ULTRA LOW DROPOUT REGULATOR
JUNE 1997
More results




About Diodes Incorporated


Diodes Incorporated is a publicly traded company that designs, manufactures, and supplies a wide range of discrete, analog, and mixed-signal semiconductors and complete power solutions.
The company was founded in 1964 and is headquartered in Plano, Texas.
It operates globally with sales, support, and design centers in North America, Europe, and Asia.
Diodes Incorporated serves a variety of industries, including automotive, communications, computing, consumer, and industrial.
The company offers a wide range of products, including diodes, rectifiers, transistors, voltage regulators, MOSFETs, LED drivers, and protection devices, among others.
The company's mission is to provide customers with high-quality, high-reliability products and excellent customer service.
With a focus on innovation and customer satisfaction, Diodes Incorporated is committed to becoming a leading provider of power management solutions.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com