Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RB751S-40 Datasheet (PDF) - Pan Jit International Inc.

RB751S-40 Datasheet PDF - Pan Jit International Inc.
Part # RB751S-40
Download  RB751S-40 Download
File Size   86.18 Kbytes
Page   3 Pages
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.
Description SURFACE MOUNT SCHOTTKY DIODES

RB751S-40 Datasheet (PDF)

Go To PDF Page Download Datasheet
RB751S-40 Datasheet PDF - Pan Jit International Inc.

Part # RB751S-40
Download  RB751S-40 Click to download

File Size   86.18 Kbytes
Page   3 Pages
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.
Description SURFACE MOUNT SCHOTTKY DIODES

RB751S-40 Datasheet (HTML) - Pan Jit International Inc.


RB751S-40 Product details

VOLTAGE 40 Volts CURRENT 300 mA

FEATURES
• Extremely Fast Switching Speed
• Very Low VF : 0.325V (Typ) at IF = 1mA
• Surface mount package ideally suited for autmatic insertion
• In compliance with EU RoHS 2002/95/EC directives

MECHANICAL DATA
   Case: SOD-523, Plastic
   Terminals: Solderable per MIL-STD-750, Method 2026
   Appox Weight : 0.0014 gram
   Marking : 51




Similar Part No. - RB751S-40

ManufacturerPart #DatasheetDescription
logo
Rohm
RB751S-40 ROHM-RB751S-40 Datasheet
62Kb / 2P
Schottky barrier diode
logo
TRANSYS Electronics Lim...
RB751S-40 TEL-RB751S-40 Datasheet
85Kb / 2P
Schottky barrier Diodes
logo
SEMTECH ELECTRONICS LTD...
RB751S-40 SEMTECH_ELEC-RB751S-40 Datasheet
218Kb / 3P
SILICON EPITAXIAL PLANAR SCHOTTKY BARRIER DIODE
logo
Rohm
RB751S-40 ROHM-RB751S-40 Datasheet
195Kb / 4P
Schottky barrier diode
RB751S-40 ROHM-RB751S-40 Datasheet
1Mb / 4P
Schottky barrier diode
More results


Similar Description - RB751S-40

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
BAS70TS PANJIT-BAS70TS Datasheet
107Kb / 3P
SURFACE MOUNT SCHOTTKY DIODES
BAS70W PANJIT-BAS70W_09 Datasheet
104Kb / 3P
SURFACE MOUNT SCHOTTKY DIODES
BAS70WS PANJIT-BAS70WS_09 Datasheet
123Kb / 3P
SURFACE MOUNT SCHOTTKY DIODES
RB521S30 PANJIT-RB521S30_09 Datasheet
112Kb / 3P
SURFACE MOUNT SCHOTTKY DIODES
RB501V-40-AU PANJIT-RB501V-40-AU Datasheet
77Kb / 5P
SURFACE MOUNT SCHOTTKY DIODES
BAT54AW-AU PANJIT-BAT54AW-AU Datasheet
246Kb / 5P
SURFACE MOUNT SCHOTTKY DIODES
BAT54FN2-AU PANJIT-BAT54FN2-AU_17 Datasheet
137Kb / 5P
SURFACE MOUNT SCHOTTKY DIODES
BAT54WS-AU PANJIT-BAT54WS-AU_17 Datasheet
198Kb / 5P
SURFACE MOUNT SCHOTTKY DIODES
BAS100AS PANJIT-BAS100AS Datasheet
149Kb / 5P
SURFACE MOUNT SCHOTTKY DIODES
BAS100CS PANJIT-BAS100CS Datasheet
147Kb / 5P
SURFACE MOUNT SCHOTTKY DIODES
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com