Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SK24L Datasheet (PDF) - Pan Jit International Inc.

SK24L Datasheet PDF - Pan Jit International Inc.
Part # SK24L
Download  SK24L Download
File Size   75.23 Kbytes
Page   3 Pages
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.
Description LOW VF SURFACE MOUNT SCHOTTKY RECTIFIER

SK24L Datasheet (PDF)

Go To PDF Page Download Datasheet
SK24L Datasheet PDF - Pan Jit International Inc.

Part # SK24L
Download  SK24L Click to download

File Size   75.23 Kbytes
Page   3 Pages
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.
Description LOW VF SURFACE MOUNT SCHOTTKY RECTIFIER

SK24L Datasheet (HTML) - Pan Jit International Inc.


SK24L Product details

VOLTAGE 30 to 100 Volt CURRENT 2 Ampere

FEATURES
• Plastic package has Underwriters Laboratory
   Flammability Classification 94V-O
• For surface mounted applications in order to optimize board space
• Low power loss, high efficiency
• High surge capacity
• IEC61000-4-2 ESD 15KV air, 8KV Contact Compliance
• Lead free in compliance with EU RoHS 2011/65/EU directive
• Green molding compound as per IEC61249 Std. . (Halogen Free)

MECHANICAL DATA
• Case: JEDEC DO-214AA molded plastic
• Terminals: Solder plated, solderable per MIL-STD-750,Method 2026
• Polarity: Color band denotes cathode end
• Standard packaging: 12mm tape (EIA-481)
• Weight: 0.0032 ounce, 0.092 gram




Similar Part No. - SK24L

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SK24L SECOS-SK24L Datasheet
409Kb / 3P
2.0AMP Surface Mount Schottky Barrier Rectifiers
logo
Pan Jit International I...
SK24L-AU PANJIT-SK24L-AU Datasheet
110Kb / 6P
LOW VF SCHOTTKY RECTIFIER
SK24L-AU PANJIT-SK24L-AU_16 Datasheet
126Kb / 6P
LOW VF SCHOTTKY RECTIFIER
SK24L-AU_R1_000A1 PANJIT-SK24L-AU_R1_000A1 Datasheet
126Kb / 6P
LOW VF SCHOTTKY RECTIFIER
SK24L-AU_R2_000A1 PANJIT-SK24L-AU_R2_000A1 Datasheet
126Kb / 6P
LOW VF SCHOTTKY RECTIFIER
More results


Similar Description - SK24L

ManufacturerPart #DatasheetDescription
logo
Transys Electronics
SL22 TRSYS-SL22 Datasheet
164Kb / 2P
LOW VF SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Zowie Technology Corpor...
SCD34L ZOWIE-SCD34L Datasheet
48Kb / 2P
SURFACE MOUNT LOW VF SCHOTTKY BARRIER RECTIFIER
logo
Vishay Siliconix
SL12 VISHAY-SL12 Datasheet
340Kb / 4P
Low VF Surface Mount Schottky Rectifier
22-Jan-08
logo
PACELEADER INDUSTRIAL
SM5817LV PACELEADER-SM5817LV Datasheet
174Kb / 2P
SURFACE MOUNT LOW VF SCHOTTKY RECTIFIER
logo
Pan Jit International I...
SS12L PANJIT-SS12L Datasheet
84Kb / 3P
LOW VF SURFACE MOUNT SCHOTTKY RECTIFIER
logo
Vishay Siliconix
SL12 VISHAY-SL12_11 Datasheet
79Kb / 4P
Low VF Surface Mount Schottky Rectifier
19-Apr-11
logo
Central Semiconductor C...
CTLSH15-30M364 CENTRAL-CTLSH15-30M364 Datasheet
1Mb / 3P
SURFACE MOUNT SILICON LOW VF SCHOTTKY RECTIFIER
logo
Vishay Siliconix
SL12 VISHAY-SL12_15 Datasheet
77Kb / 5P
Low VF Surface Mount Schottky Rectifier
25-Apr-14
SL02-M VISHAY-SL02-M_15 Datasheet
73Kb / 4P
Low VF Surface Mount Schottky Rectifier
25-Apr-14
SL12 VISHAY-SL12_V01 Datasheet
94Kb / 5P
Low VF Surface-Mount Schottky Rectifier
23-Apr-2020
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com