Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CDP-2-13-75 Datasheet (PDF) - Mini-Circuits

CDP-2-13-75 Datasheet PDF - Mini-Circuits
Part # CDP-2-13-75
Download  CDP-2-13-75 Download
File Size   470.11 Kbytes
Page   3 Pages
Manufacturer  MINI [Mini-Circuits]
Direct Link  http://www.minicircuits.com
Logo MINI - Mini-Circuits
Description Power Splitter/Combiner

CDP-2-13-75 Datasheet (PDF)

Go To PDF Page Download Datasheet
CDP-2-13-75 Datasheet PDF - Mini-Circuits

Part # CDP-2-13-75
Download  CDP-2-13-75 Click to download

File Size   470.11 Kbytes
Page   3 Pages
Manufacturer  MINI [Mini-Circuits]
Direct Link  http://www.minicircuits.com
Logo MINI - Mini-Circuits
Description Power Splitter/Combiner

CDP-2-13-75 Datasheet (HTML) - Mini-Circuits


CDP-2-13-75 Product details

Product Overview
The CDP-2-13-75+ is a 2-way power splitter featuring a flat, laser-marked, “Top-Hat” cover for faster pick and place manufacturing throughput. Installed as a single component with a small footprint (0.255” x 0.310”) and low height (0.133”), it utilizes square-core, all-welded construction to handle up to 1W RF power. The open-style case is aqueous washable and RoHS compliant.

The Big Deal
•  High performance at a very low cost
•  Very small form size (0.255” x 0.310” x 0.133” high)

Features
• wideband, 5 to 1000 MHz
• low insertion loss, 0.6 dB typ.
• excellent matching return loss, 20 dB typ.
• aqueous washable

Applications
• cellular
• VHF/UHF
• communication systems
• CATV




Similar Part No. - CDP-2-13-75

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
CDP-2-122-75 MINI-CDP-2-122-75 Datasheet
393Kb / 3P
Power Splitter/Combiner
CDP-2-122W-75 MINI-CDP-2-122W-75 Datasheet
371Kb / 3P
Power Splitter/Combiner
More results


Similar Description - CDP-2-13-75

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
SCN-3-13 MINI-SCN-3-13 Datasheet
143Kb / 1P
Power Splitter/Combiner
SYPS-3-12W MINI-SYPS-3-12W Datasheet
177Kb / 1P
Power Splitter/Combiner
ZSC-3-1 MINI-ZSC-3-1 Datasheet
153Kb / 1P
Power Splitter/Combiner
ZFSC-2-1 MINI-ZFSC-2-1 Datasheet
166Kb / 1P
Power Splitter/Combiner
ZAPD-4 MINI-ZAPD-4 Datasheet
144Kb / 1P
Power Splitter/Combiner
ZAPD-2DC+ MINI-ZAPD-2DC+ Datasheet
225Kb / 1P
Power Splitter/Combiner
ZC2PD-5R263 MINI-ZC2PD-5R263 Datasheet
258Kb / 2P
Power Splitter/Combiner
ZC4PD-06263-S MINI-ZC4PD-06263-S Datasheet
304Kb / 2P
Power Splitter/Combiner
ZC16PD-2185 MINI-ZC16PD-2185 Datasheet
258Kb / 1P
Power Splitter/Combiner
ZSC-2-1 MINI-ZSC-2-1 Datasheet
158Kb / 1P
Power Splitter/Combiner
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com