Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LC3564ST-10 Datasheet (PDF) - Sanyo Semicon Device

LC3564ST-10 Datasheet PDF - Sanyo Semicon Device
Part # LC3564ST-10
Download  LC3564ST-10 Download
File Size   239.01 Kbytes
Page   10 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description 64K (8192 words x 8 bits) SRAM?

LC3564ST-10 Datasheet (PDF)

Go To PDF Page Download Datasheet
LC3564ST-10 Datasheet PDF - Sanyo Semicon Device

Part # LC3564ST-10
Download  LC3564ST-10 Click to download

File Size   239.01 Kbytes
Page   10 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description 64K (8192 words x 8 bits) SRAM?

LC3564ST-10 Datasheet (HTML) - Sanyo Semicon Device


LC3564ST-10 Product details

64 K (8192 words x 8 bit) SRAM




Similar Part No. - LC3564ST-10

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC3564B SANYO-LC3564B Datasheet
137Kb / 9P
64K (8192-word 쨈 8-bit) SRAM with OE, CE1, and CE2 Control Pins
LC3564BM SANYO-LC3564BM Datasheet
137Kb / 9P
64K (8192-word 쨈 8-bit) SRAM with OE, CE1, and CE2 Control Pins
LC3564BS SANYO-LC3564BS Datasheet
137Kb / 9P
64K (8192-word 쨈 8-bit) SRAM with OE, CE1, and CE2 Control Pins
LC3564BT SANYO-LC3564BT Datasheet
137Kb / 9P
64K (8192-word 쨈 8-bit) SRAM with OE, CE1, and CE2 Control Pins
LC3564BT-10 SANYO-LC3564BT-10 Datasheet
137Kb / 9P
64K (8192-word 쨈 8-bit) SRAM with OE, CE1, and CE2 Control Pins
More results


Similar Description - LC3564ST-10

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC33832P SANYO-LC33832P Datasheet
128Kb / 9P
256 K (32768 words X 8 bits) Pseudo-SRAM
LC33864P-80 SANYO-LC33864P-80 Datasheet
192Kb / 10P
512K (65536 words X 8 bits) Pseudo-SRAM
LC3564RM SANYO-LC3564RM Datasheet
442Kb / 10P
64K (8192 words x 8 bits) SRAM
LC35V1000BM SANYO-LC35V1000BM Datasheet
178Kb / 9P
Asynchronous Silicon Gate 1M (131,072 words x 8 bits) SRAM
LC35W1000BM SANYO-LC35W1000BM Datasheet
165Kb / 9P
Asynchronous Silicon Gate 1M (131,072 words x 8 bits) SRAM
LC361000AMLL SANYO-LC361000AMLL Datasheet
158Kb / 8P
1 MEG (131072 words X 8 bits) SRAM
LC36128ML-70 SANYO-LC36128ML-70 Datasheet
130Kb / 7P
128K(16384 words X 8 bits) SRAM?
LC36256AL SANYO-LC36256AL Datasheet
99Kb / 7P
256 K (32768 words x 8 bits) SRAM
LC36256ALL SANYO-LC36256ALL Datasheet
142Kb / 7P
256 K (32768 words x 8 bits) SRAM?
logo
AiT Semiconductor Inc.
A24C64 AITSEMI-A24C64 Datasheet
918Kb / 20P
MEMORY EEPROM 64k BITS (8192 X 8) TWO-WIRE SERIAL
REV2.1
More results




About Sanyo Semicon Device


Sanyo Semiconductor Device Corporation, or Sanyo Semicon Device, was a subsidiary of Sanyo Electric Co., Ltd., a Japanese electronics company. Sanyo Semicon Device was a manufacturer of semiconductor devices, including diodes, transistors, and other components for consumer electronics, automotive, and industrial applications. The company was established in 1970 and was headquartered in Osaka, Japan.

Sanyo Semicon Device was known for its high-quality products and its commitment to meeting the needs of its customers. The company had a strong focus on research and development and was involved in the development of new technologies and products for the semiconductor industry. Sanyo Semicon Device's products were widely used in a variety of applications and helped support the growth of the electronics industry.

In 2010, Sanyo Electric was acquired by Panasonic Corporation, a leading global electronics company. As a result, Sanyo Semicon Device became a subsidiary of Panasonic and was integrated into its semiconductor business. The acquisition allowed Panasonic to expand its product portfolio and offerings in the semiconductor market and further strengthen its position in the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com