Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZTX796A Datasheet (PDF) - Diodes Incorporated

ZTX796A Datasheet PDF - Diodes Incorporated
Part # ZTX796A
Download  ZTX796A Download
File Size   229.51 Kbytes
Page   4 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description PNP SILICON PLANAR MEDIUM POWER HIGH GAIN TRANSISTOR

ZTX796A Datasheet (PDF)

Go To PDF Page Download Datasheet
ZTX796A Datasheet PDF - Diodes Incorporated

Part # ZTX796A
Download  ZTX796A Click to download

File Size   229.51 Kbytes
Page   4 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description PNP SILICON PLANAR MEDIUM POWER HIGH GAIN TRANSISTOR

ZTX796A Datasheet (HTML) - Diodes Incorporated


ZTX796A Product details

Features
• BVCEO > -200V
• IC = -0.5A High Continuous Collector Current
• ICM = -1A Peak Pulse Current
• TJ up to 200°C for High Temperature Operation
• hFE > 250 @ 0.3A for High Gain Hold-Up
• PD = 1W Power dissipation
• Complementary NPN Type: ZTX696B
• Totally Lead-Free & Fully RoHS compliant (Notes 1 & 2)
• Halogen and Antimony Free. “Green” Device (Note 3)
• Qualified to AEC-Q101 Standards for High Reliability




Similar Part No. - ZTX796A

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZTX796A ZETEX-ZTX796A Datasheet
60Kb / 3P
PNP SILICON PLANAR MEDIUM POWER HIGH GAIN TRANSISTOR
logo
Diodes Incorporated
ZTX796A DIODES-ZTX796A_15 Datasheet
1,023Kb / 7P
200V PNP MEDIUM POWER HIGH GAIN TRANSISTOR IN E-LINE
Rev 3
More results


Similar Description - ZTX796A

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
FZT1147A ZETEX-FZT1147A Datasheet
93Kb / 4P
PNP SILICON PLANAR MEDIUM POWER HIGH GAIN TRANSISTOR
FZT792A ZETEX-FZT792A Datasheet
76Kb / 3P
PNP SILICON PLANAR HIGH GAIN MEDIUM POWER TRANSISTOR
ZTX792A ZETEX-ZTX792A Datasheet
61Kb / 3P
PNP SILICON PLANAR MEDIUM POWER HIGH GAIN TRANSISTOR
ZTX795A ZETEX-ZTX795A Datasheet
60Kb / 3P
PNP SILICON PLANAR MEDIUM POWER HIGH GAIN TRANSISTOR
logo
Guangdong Kexin Industr...
FZT788B KEXIN-FZT788B Datasheet
38Kb / 2P
PNP Silicon Planar Medium Power High Gain Transistor
logo
Diodes Incorporated
ZTX788B DIODES-ZTX788B Datasheet
71Kb / 3P
PNP SILICON PLANAR MEDIUM POWER HIGH GAIN TRANSISTOR
APRIL 1994
ZTX789A DIODES-ZTX789A Datasheet
71Kb / 3P
PNP SILICON PLANAR MEDIUM POWER HIGH GAIN TRANSISTOR
APRIL 1994
ZTX790A DIODES-ZTX790A Datasheet
71Kb / 3P
PNP SILICON PLANAR MEDIUM POWER HIGH GAIN TRANSISTOR
APRIL 1994
ZTX718 DIODES-ZTX718_15 Datasheet
96Kb / 4P
PNP SILICON PLANAR MEDIUM POWER HIGH GAIN TRANSISTOR
MAY 1998
ZTX1147A DIODES-ZTX1147A_15 Datasheet
78Kb / 4P
PNP SILICON PLANAR MEDIUM POWER HIGH GAIN TRANSISTOR
JANUARY 1997
More results




About Diodes Incorporated


Diodes Incorporated is a publicly traded company that designs, manufactures, and supplies a wide range of discrete, analog, and mixed-signal semiconductors and complete power solutions.
The company was founded in 1964 and is headquartered in Plano, Texas.
It operates globally with sales, support, and design centers in North America, Europe, and Asia.
Diodes Incorporated serves a variety of industries, including automotive, communications, computing, consumer, and industrial.
The company offers a wide range of products, including diodes, rectifiers, transistors, voltage regulators, MOSFETs, LED drivers, and protection devices, among others.
The company's mission is to provide customers with high-quality, high-reliability products and excellent customer service.
With a focus on innovation and customer satisfaction, Diodes Incorporated is committed to becoming a leading provider of power management solutions.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com