Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LC573010A Datasheet (PDF) - Sanyo Semicon Device

LC573010A Datasheet PDF - Sanyo Semicon Device
Part # LC573010A
Download  LC573010A Download
File Size   154.28 Kbytes
Page   12 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description 4-bit Single Chip Microcontroller

LC573010A Datasheet (PDF)

Go To PDF Page Download Datasheet
LC573010A Datasheet PDF - Sanyo Semicon Device

Part # LC573010A
Download  LC573010A Click to download

File Size   154.28 Kbytes
Page   12 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description 4-bit Single Chip Microcontroller

LC573010A Datasheet (HTML) - Sanyo Semicon Device


LC573010A Product details

Overview
LC573010A and LC573015A are CMOS 4-bit microcontroller featuring low-voltage operation and low power dissipation.
Both LC573010A and LC573015A incorporate a 4-bit parallel processing ALU, 1 K bytes/1.5 K bytes ROM, a 32 × 4-bit RAM, a 16-bit timer, and an infrared remote control transmission carrier output circuit.

Features
• ROM :
   1024 × 8 bits (LC573010A)
   1536 × 8 bits (LC573015A)
• RAM : 32 × 4 bits
• Port
   – Input port (S port, M port) : 2-port (8 pins) [Key scan input port]
   – Input/Output port : 3-port (10 pins)
      P0 port, P1 port 2-port (8 pins) [Key scan output port]
      P2 port 1-port (2 pins)
         [Key scan expansion port]
         [LED direct drivable port]
• Infrared remote control carrier generation circuit
   – Software-controllable remote control carrier output ON/OFF.
   – Software-controllable carrier frequency and duty ratio.
      <38 kHz-1/3 duty, 38 kHz-1/2 duty, 57 kHz-1/2 duty>
      (When fixed carrier signal is output, it is specified by mask option)
   – 1 kHz to 200 kHz infrared remote control transmission carrier frequency.
      (When carrier output is selected by timer at mask option,
      and when 455 kHz CR oscillator is used)
   – Infrared carrier output-dedicated terminal built-in (CA terminal).
   – 108 ms HALT-mode cancel signal output.
• Timer
   – 16-bit software-controllable timer
      Timer input clock : Ceramic (CR) oscillation frequency (455 kHz)
   – 108 ms HALT release request signal generation timer (Free running timer)
   – Watchdog timer (changed over between USED/UNUSED by mask option)
• Sub-routine stack level
   – 2 levels
• Oscillation circuit
   – Ceramic (CR) oscillation circuit : 455 kHz
      (for System clock generation), feedback resistor built-in.
• Standby function
   – HALT mode
      HALT mode used to reduce current drain.
      HALT mode suspends program execution.
   Following shows how to release the HALT mode.
      (A) System reset
      (B) HALT mode release request signal
   – HOLD mode
      HOLD mode stops ceramic resonator (CR). The HOLD mode can be released in two ways.
      (A) System reset
      (B) Apply H level input to S port pin or M port pin. (However,
         it is necessary to set S port or M port HOLD mode
         release permission flag beforehand.) (Continue ...)




Similar Part No. - LC573010A

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC573102A SANYO-LC573102A Datasheet
181Kb / 16P
4-bit Single Chip Microcontroller
LC573104A SANYO-LC573104A Datasheet
181Kb / 16P
4-bit Single Chip Microcontroller
LC5732 SANYO-LC5732 Datasheet
442Kb / 14P
4-Bit Microcomputer with LCD Driver
LC573202A SANYO-LC573202A Datasheet
622Kb / 18P
4-Bit Microcontroller with 2K-Byte ROM, 64 횞 4Bits RAM and LCD Driver
LC5732H SANYO-LC5732H Datasheet
442Kb / 14P
4-Bit Microcomputer with LCD Driver
More results


Similar Description - LC573010A

ManufacturerPart #DatasheetDescription
logo
NEC
UPD750104 NEC-UPD750104 Datasheet
525Kb / 80P
4 BIT SINGLE-CHIP MICROCONTROLLER
UPD753104 NEC-UPD753104 Datasheet
547Kb / 90P
4-BIT SINGLE-CHIP MICROCONTROLLER
UPD753304 NEC-UPD753304 Datasheet
374Kb / 56P
4-BIT SINGLE-CHIP MICROCONTROLLER
UPD754302 NEC-UPD754302 Datasheet
316Kb / 74P
4-BIT SINGLE-CHIP MICROCONTROLLER
UPD75P0076 NEC-UPD75P0076 Datasheet
410Kb / 62P
4-BIT SINGLE-CHIP MICROCONTROLLER
UPD75P036 NEC-UPD75P036 Datasheet
376Kb / 52P
4-BIT SINGLE-CHIP MICROCONTROLLER
UPD75P3116 NEC-UPD75P3116 Datasheet
351Kb / 60P
4-BIT SINGLE-CHIP MICROCONTROLLER
UPD75P3216 NEC-UPD75P3216 Datasheet
362Kb / 56P
4-BIT SINGLE-CHIP MICROCONTROLLER
UPD75P4308 NEC-UPD75P4308 Datasheet
271Kb / 60P
4-BIT SINGLE-CHIP MICROCONTROLLER
UPD17P133 NEC-UPD17P133 Datasheet
1Mb / 289P
4-BIT SINGLE-CHIP MICROCONTROLLER
More results




About Sanyo Semicon Device


Sanyo Semiconductor Device Corporation, or Sanyo Semicon Device, was a subsidiary of Sanyo Electric Co., Ltd., a Japanese electronics company. Sanyo Semicon Device was a manufacturer of semiconductor devices, including diodes, transistors, and other components for consumer electronics, automotive, and industrial applications. The company was established in 1970 and was headquartered in Osaka, Japan.

Sanyo Semicon Device was known for its high-quality products and its commitment to meeting the needs of its customers. The company had a strong focus on research and development and was involved in the development of new technologies and products for the semiconductor industry. Sanyo Semicon Device's products were widely used in a variety of applications and helped support the growth of the electronics industry.

In 2010, Sanyo Electric was acquired by Panasonic Corporation, a leading global electronics company. As a result, Sanyo Semicon Device became a subsidiary of Panasonic and was integrated into its semiconductor business. The acquisition allowed Panasonic to expand its product portfolio and offerings in the semiconductor market and further strengthen its position in the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com